Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3879SDX-1.2 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3879SDX-1.2
Description  Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3879SDX-1.2 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP3879SDX-1.2 Datasheet HTML 3Page - National Semiconductor (TI) LP3879SDX-1.2 Datasheet HTML 4Page - National Semiconductor (TI) LP3879SDX-1.2 Datasheet HTML 5Page - National Semiconductor (TI) LP3879SDX-1.2 Datasheet HTML 6Page - National Semiconductor (TI) LP3879SDX-1.2 Datasheet HTML 7Page - National Semiconductor (TI) LP3879SDX-1.2 Datasheet HTML 8Page - National Semiconductor (TI) LP3879SDX-1.2 Datasheet HTML 9Page - National Semiconductor (TI) LP3879SDX-1.2 Datasheet HTML 10Page - National Semiconductor (TI) LP3879SDX-1.2 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Typical Performance Characteristics Unless otherwise specified: V
IN = 3.3V, VOUT = 1V, IL = 1 mA,
CIN = 4.7 µF, COUT = 10 µF, VS/D = 2V, CBYP = 10 nF, TJ = 25˚C. (Continued)
Line Transient Response
Load Transient Response
20161334
20161345
Load Transient Response
Turn-On Characteristics
20161343
20161355
www.national.com
7


Similar Part No. - LP3879SDX-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3879SDX-1.2 TI-LP3879SDX-1.2 Datasheet
1Mb / 18P
[Old version datasheet]   LP3879 Micropower 800mA Low Noise "Ceramic Stable" Voltage Regulator for Low
LP3879SDX-1.2/NOPB TI1-LP3879SDX-1.2/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   LP3879 Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications
More results

Similar Description - LP3879SDX-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3879MR-12 TI1-LP3879MR-12 Datasheet
1Mb / 18P
[Old version datasheet]   LP3879 Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications
LP3879MR-1.2 TI-LP3879MR-1.2 Datasheet
1Mb / 18P
[Old version datasheet]   LP3879 Micropower 800mA Low Noise "Ceramic Stable" Voltage Regulator for Low
logo
National Semiconductor ...
LP3878-ADJ NSC-LP3878-ADJ Datasheet
791Kb / 13P
   Micropower 800mA Low Noise(Ceramic Stable) Adjustable Voltage Regulator for 1V to 5V Applications
LP3878 NSC-LP3878 Datasheet
640Kb / 11P
   Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications Designed for Use with Very Low ESR Output Capacitors
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX1117 SIPEX-SPX1117 Datasheet
204Kb / 15P
   800mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1117M3-L-3.3 EXAR-SPX1117M3-L-3.3 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117 EXAR-SPX1117 Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
SPX1117M3-L-3-3-TR EXAR-SPX1117M3-L-3-3-TR Datasheet
749Kb / 11P
   800mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2908 ADMOS-AMS2908 Datasheet
65Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com