Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG72126MS133JD3MG Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # W3EG72126MS133JD3MG
Description  1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG72126MS133JD3MG Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button W3EG72126MS133JD3MG Datasheet HTML 7Page - White Electronic Designs Corporation W3EG72126MS133JD3MG Datasheet HTML 8Page - White Electronic Designs Corporation W3EG72126MS133JD3MG Datasheet HTML 9Page - White Electronic Designs Corporation W3EG72126MS133JD3MG Datasheet HTML 10Page - White Electronic Designs Corporation W3EG72126MS133JD3MG Datasheet HTML 11Page - White Electronic Designs Corporation W3EG72126MS133JD3MG Datasheet HTML 12Page - White Electronic Designs Corporation W3EG72126MS133JD3MG Datasheet HTML 13Page - White Electronic Designs Corporation W3EG72126MS133JD3MG Datasheet HTML 14Page - White Electronic Designs Corporation W3EG72126MS133JD3MG Datasheet HTML 15Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
White Electronic Designs
W3EG72126S-D3
-JD3
-AJD3
11
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
November 2004
Rev. 3
PRELIMINARY
2.31
(0.091)
(2x)
133.48
(5.255" MAX.)
3.99
(0.157 (2x))
17.78
(0.700)
10.01
(0.394)
6.35
(0.250)
64.77
(2.550)
1.78
(0.070)
49.53
(1.950)
3.00
(0.118)
(4x)
30.48
(1.20 MAX)
1.27
(0.050 TYP.)
6.35
(0.250)
128.95
(5.077")
131.34
(5.171")
3.81
(0.150 MAX)
3.99
(0.157)
(MIN)
1.27 ± 0.10
(0.050 ± 0.004)
PACKAGE DIMENSIONS FOR JD3
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES)
ORDERING INFORMATION FOR JD3
Part Number
Speed
CAS Latency
tRCD
tRP
Height*
W3EG72126S335JD3
166MHz/333Mb/s
2.5
3
3
30.48 (1.20")
W3EG72126S262JD3
133MHz/266Mb/s
2
2
2
30.48 (1.20")
W3EG72126S263JD3
133MHz/266Mb/s
2
3
3
30.48 (1.20")
W3EG72126S265JD3
133MHz/266Mb/s
2.5
3
3
30.48 (1.20")
W3EG72126S202JD3
100MHz/200Mb/s
2
2
2
30.48 (1.20")
Note: Consult factory for availability of lead-free products. (F = Lead-Free, G = RoHS compliant)
Vendor Code: M = Micron, S = Samsung


Similar Part No. - W3EG72126MS133JD3MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72125S-AJD3 WEDC-W3EG72125S-AJD3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72125S-JD3 WEDC-W3EG72125S-JD3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72125S202AJD3 WEDC-W3EG72125S202AJD3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72125S202D3 WEDC-W3EG72125S202D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
More results

Similar Description - W3EG72126MS133JD3MG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG128M72ETSU-D3 WEDC-W3EG128M72ETSU-D3 Datasheet
265Kb / 14P
   1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WV3EG128M72EFSR-D3 WEDC-WV3EG128M72EFSR-D3 Datasheet
321Kb / 13P
   1GB - 128Mx72 DDR SDRAM REGISTERED w/PLL, FBGA
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
WV3HG128M72AER-D6 WEDC-WV3HG128M72AER-D6 Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
W3EG264M72AFSRXXXD3 WEDC-W3EG264M72AFSRXXXD3 Datasheet
227Kb / 13P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL, FBGA
W3DG72127V-D2 WEDC-W3DG72127V-D2 Datasheet
94Kb / 6P
   1GB - 128Mx72 SDRAM REGISTERED and SPD, w/PLL
W3EG72129S-JD3 WEDC-W3EG72129S-JD3 Datasheet
171Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED w/PLL
WV3EG264M72ESFR-D4 WEDC-WV3EG264M72ESFR-D4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED, w/PLL
WV3HG128M72EER-D7 WEDC-WV3HG128M72EER-D7 Datasheet
185Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
W3EG264M64ETSR-JD3 WEDC-W3EG264M64ETSR-JD3 Datasheet
308Kb / 13P
   1GB - 2x64Mx64 DDR SDRAM REGISTERED w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com