Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W332M72V-133BI Datasheet(PDF) 10 Page - White Electronic Designs Corporation

Part # W332M72V-133BI
Description  32Mx72 Synchronous DRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W332M72V-133BI Datasheet(HTML) 10 Page - White Electronic Designs Corporation

Back Button W332M72V-133BI Datasheet HTML 6Page - White Electronic Designs Corporation W332M72V-133BI Datasheet HTML 7Page - White Electronic Designs Corporation W332M72V-133BI Datasheet HTML 8Page - White Electronic Designs Corporation W332M72V-133BI Datasheet HTML 9Page - White Electronic Designs Corporation W332M72V-133BI Datasheet HTML 10Page - White Electronic Designs Corporation W332M72V-133BI Datasheet HTML 11Page - White Electronic Designs Corporation W332M72V-133BI Datasheet HTML 12Page - White Electronic Designs Corporation W332M72V-133BI Datasheet HTML 13Page - White Electronic Designs Corporation W332M72V-133BI Datasheet HTML 14Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
White Electronic Designs
W332M72V-XBX
March 2006
Rev. 3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
DC ELECTRICAL CHARACTERISTICS AND OPERATING CONDITIONS (NOTES 1, 6)
VCC, VCCQ = +3.3V ± 0.3V; -55°C ≤ TA ≤ +125°C
Parameter/Condition
Symbol
Min
Max
Units
Supply Voltage
VCC,VCCQ
3
3.6
V
Input High Voltage: Logic 1; All inputs (21)
VIH
2
VCC + 0.3
V
Input Low Voltage: Logic 0; All inputs (21)
VIL
-0.3
0.8
V
Input Leakage Current: Any input 0V ≤ VIN ≤ VCC (All other pins not under test = 0V)
II
-5
5
µA
Input Leakage Address Current (All other pins not under test = 0V)
II
-25
25
µA
Output Leakage Current: I/Os are disabled; 0V VOUT VCCQ
IOZ
-5
5
µA
Output Levels:
Output High Voltage (IOUT = -4mA)
Output Low Voltage (IOUT = 4mA)
VOH
2.4
V
VOL
0.4
V
ICC SPECIFICATIONS AND CONDITIONS (NOTES 1,6,11,13)
VCC, VCCQ = +3.3V ± 0.3V; -55°C ≤ TA ≤ +125°C
Parameter/Condition
Symbol
Max
Units
Operating Current: Active Mode;
Burst = 2; Read or Write; tRC = tRC (min); CAS latency = 3 (3, 18, 19)
ICC1
550
mA
Standby Current: Active Mode; CKE = HIGH; CS# = HIGH;
All banks active after tRCD met; No accesses in progress (3, 12, 19)
ICC3
225
mA
Operating Current: Burst Mode; Continuous burst;
Read or Write; All banks active; CAS latency = 3 (3, 18, 19)
ICC4
575
mA
Self Refresh Current: CKE ≤ 0.2V (27)
ICC7
30
mA


Similar Part No. - W332M72V-133BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W332M72V-133SBC WEDC-W332M72V-133SBC Datasheet
473Kb / 15P
   32Mx72 Synchronous DRAM
W332M72V-133SBI WEDC-W332M72V-133SBI Datasheet
473Kb / 15P
   32Mx72 Synchronous DRAM
W332M72V-133SBM WEDC-W332M72V-133SBM Datasheet
473Kb / 15P
   32Mx72 Synchronous DRAM
More results

Similar Description - W332M72V-133BI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W332M72V-XSBX WEDC-W332M72V-XSBX Datasheet
473Kb / 15P
   32Mx72 Synchronous DRAM
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
   Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com