Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W332M72V-125SBI Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # W332M72V-125SBI
Description  32Mx72 Synchronous DRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W332M72V-125SBI Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button W332M72V-125SBI Datasheet HTML 5Page - White Electronic Designs Corporation W332M72V-125SBI Datasheet HTML 6Page - White Electronic Designs Corporation W332M72V-125SBI Datasheet HTML 7Page - White Electronic Designs Corporation W332M72V-125SBI Datasheet HTML 8Page - White Electronic Designs Corporation W332M72V-125SBI Datasheet HTML 9Page - White Electronic Designs Corporation W332M72V-125SBI Datasheet HTML 10Page - White Electronic Designs Corporation W332M72V-125SBI Datasheet HTML 11Page - White Electronic Designs Corporation W332M72V-125SBI Datasheet HTML 12Page - White Electronic Designs Corporation W332M72V-125SBI Datasheet HTML 13Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
W332M72V-XSBX
Ju;y 2006
Rev. 3
ABSOLUTE MAXIMUM RATINGS
Parameter
Unit
Voltage on VCC, VCCQ Supply relative to Vss
-1 to 4.6
V
Voltage on NC or I/O pins relative to Vss
-1 to 4.6
V
Operating Temperature TA (Mil)
-55 to +125
°C
Operating Temperature TA (Ind)
-40 to +85
°C
Storage Temperature, Plastic
-55 to +125
°C
NOTE:
Stress greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions greater than those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
CAPACITANCE (NOTE 2)
Parameter
Symbol
Max
Unit
Input Capacitance: CLK
CI1
7
pF
Addresses, BA0-1 Input Capacitance
CA
24
pF
Input Capacitance: All other input-only pins
CI2
9
pF
Input/Output Capacitance: I/Os
CIO
9
pF
BGA THERMAL RESISTANCE
Description
Symbol
Typical
Unit
Notes
Junction to Ambient (No Airflow)
Theta JA
17.0
C/W
1
Junction to Ball
Theta JB
16.6
C/W
1
Junction to Case (Top)
Theta JC
7.4
C/W
1
NOTE:
Refer to Application Note “PBGA Thermal Resistance Correlation” at www.wedc.com in the
application notes section for modeling conditions.
specified for the clock pin) prior to CKE going back
HIGH. Once CKE is HIGH, the SDRAM must have NOP
commands issued (a minimum of two clocks) for tXSR,
because time is required for the completion of any internal
refresh in progress.
Upon exiting the self refresh mode, AUTO REFRESH
commands must be issued as both SELF REFRESH and
AUTO REFRESH utilize the row refresh counter.


Similar Part No. - W332M72V-125SBI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W332M72V-125BC WEDC-W332M72V-125BC Datasheet
257Kb / 15P
   32Mx72 Synchronous DRAM
W332M72V-125BI WEDC-W332M72V-125BI Datasheet
257Kb / 15P
   32Mx72 Synchronous DRAM
W332M72V-125BM WEDC-W332M72V-125BM Datasheet
257Kb / 15P
   32Mx72 Synchronous DRAM
More results

Similar Description - W332M72V-125SBI

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W332M72V-XBX WEDC-W332M72V-XBX Datasheet
257Kb / 15P
   32Mx72 Synchronous DRAM
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
   Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com