Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W364M72V-ESSBI Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # W364M72V-ESSBI
Description  64Mx72 Synchronous DRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W364M72V-ESSBI Datasheet(HTML) 7 Page - White Electronic Designs Corporation

Back Button W364M72V-ESSBI Datasheet HTML 3Page - White Electronic Designs Corporation W364M72V-ESSBI Datasheet HTML 4Page - White Electronic Designs Corporation W364M72V-ESSBI Datasheet HTML 5Page - White Electronic Designs Corporation W364M72V-ESSBI Datasheet HTML 6Page - White Electronic Designs Corporation W364M72V-ESSBI Datasheet HTML 7Page - White Electronic Designs Corporation W364M72V-ESSBI Datasheet HTML 8Page - White Electronic Designs Corporation W364M72V-ESSBI Datasheet HTML 9Page - White Electronic Designs Corporation W364M72V-ESSBI Datasheet HTML 10Page - White Electronic Designs Corporation W364M72V-ESSBI Datasheet HTML 11Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
January 2005
Rev. 1
W364M72V-XSBX
FIGURE 4 – CAS LATENCY
OPERATING MODE
The normal operating mode is selected by setting M7and
M8 to zero; the other combinations of values for M7 and
M8 are reserved for future use and/or test modes. The
programmed burst length applies to both READ and
WRITE bursts.
Test modes and reserved states should not be used
because unknown operation or incompatibility with future
versions may result.
TABLE 2 – CAS LATENCY
SPEED
ALLOWABLE OPERATING
FREQUENCY (MHz)
CAS
LATENCY = 2
CAS
LATENCY = 3
-100
≤ 75
≤ 100
-125
≤ 100
≤ 125
WRITE BURST MODE
When M9 = 0, the burst length programmed via M0-M2
applies to both READ and WRITE bursts; when M9 = 1,
the programmed burst length applies to READ bursts, but
write accesses are single-location (nonburst) accesses.
CLK
Command
I/O
CLK
Command
I/O
T0
T1
T2
T3
T0
T1
T2
T3
T4
READ
NOP
NOP
CAS Latency = 2
DOUT
tLZ
tOH
tAC
READ
NOP
NOP
NOP
DOUT
tLZ
tOH
tAC
CAS Latency = 3
DON'T CARE
UNDEFINED
BURST TYPE
Accesses within a given burst may be programmed to be
either sequential or interleaved; this is referred to as the
burst type and is selected via bit M3.
The ordering of accesses within a burst is determined by
the burst length, the burst type and the starting column
address, as shown in Table 1.
CAS LATENCY
The CAS latency is the delay, in clock cycles, between
the registration of a READ command and the availability
of the first piece of output data. The latency can be set to
two or three clocks.
If a READ command is registered at clock edge n, and the
latency is m clocks, the data will be available by clock edge
n+m. The I/Os will start driving as a result of the clock
edge one cycle earlier (n + m - 1), and provided that the
relevant access times are met, the data will be valid by
clock edge n + m. For example, assuming that the clock
cycle time is such that all relevant access times are met,
if a READ command is registered at T0 and the latency
is programmed to two clocks, the I/Os will start driving
after T1 and the data will be valid by T2. Table 2 below
indicates the operating frequencies at which each CAS
latency setting can be used.
Reserved states should not be used as unknown operation
or incompatibility with future versions may result.
ADVANCED


Similar Part No. - W364M72V-ESSBI

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3613 PULSE-W3613 Datasheet
1Mb / 14P
   2.4GHz SMT PIFA Antenna
More results

Similar Description - W364M72V-ESSBI

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
logo
Alliance Semiconductor ...
AS4C4M16SA ALSC-AS4C4M16SA Datasheet
1Mb / 54P
   Synchronous DRAM
logo
Micron Technology
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com