Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JQC-4CS40DC6V1.9 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # JQC-4CS40DC6V1.9
Description  Small size, heavy contact load, capable of standing strong current of 40A at 14VDC.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JQC-4CS40DC6V1.9 Datasheet(HTML) 2 Page - DB Lectro Inc

  JQC-4CS40DC6V1.9 Datasheet HTML 1Page - DB Lectro Inc JQC-4CS40DC6V1.9 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 500V
50Hz 750V
Item 6
of IEC255-5
Item 6
of IEC255-5
Shock resistance
200m/s
2
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~40Hz
double amplitude
1.27mm
IEC68-2-6
Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~110
’
Relative Humidity
85% (at 40
’)
IEC68-2-3Test Ca
Mass
19g (Open type)
21g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions (Unit: mm)
Reference Data
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
Wiring diagram(Bottom views)
Dimensions
JQC-4 (4120)
USA
European
Mounting (Bottom views)
mm
>àçÇá
0.4
0.016
0.8
0.031
1.0
0.039
1.3
0.051
1.4
0.055
2.0
0.079
2.1
0.083
2.2
0.087
2.28
0.090
2.5
0.098
2.6
0.106
3.3
0.130
3.5
0.138
3.78
0.149
4.0
0.157
4.5
0.173
5.35
0.210
5.9
0.232
9.09
0.358
10.1
0.398
12.2
0.480
13.2
0.520
14.8
0.583
15.9
0.626
19
0.748
20
0.787
21.5
0.846
22.3
0.878
24
0.945
26.8
1.055
www.dblectro.com


Similar Part No. - JQC-4CS40DC6V1.9

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JQC-4CAO15 DBLECTRO-JQC-4CAO15 Datasheet
559Kb / 3P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC
JQC-4CAO30 DBLECTRO-JQC-4CAO30 Datasheet
559Kb / 3P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC
JQC-4CAO40 DBLECTRO-JQC-4CAO40 Datasheet
559Kb / 3P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC
JQC-4CAS15 DBLECTRO-JQC-4CAS15 Datasheet
559Kb / 3P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC
JQC-4CAS30 DBLECTRO-JQC-4CAS30 Datasheet
559Kb / 3P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC
More results

Similar Description - JQC-4CS40DC6V1.9

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JQC-4 DBLECTRO-JQC-4_07 Datasheet
559Kb / 3P
   Small size, heavy contact load, capable of standing strong current of 40A at 14VDC
logo
HuaXinAn Electronics CO...
4120A HUAXINAN-4120A Datasheet
900Kb / 1P
   Small size, heavy contact load, capable of standing strong current of 45A at 14VDC.
4120C HUAXINAN-4120C Datasheet
900Kb / 1P
   Small size, heavy contact load, capable of standing strong current of 45A at 14VDC.
logo
Maxim Integrated Produc...
MAX17291EVK-WLP MAXIM-MAX17291EVK-WLP Datasheet
413Kb / 6P
   Electronic Load Capable of 310mA
Rev 0; 10/20
MAX17250EVKIT MAXIM-MAX17250EVKIT Datasheet
457Kb / 8P
   Electronic load capable of 2A
Rev 0; 8/18
logo
DB Lectro Inc
NVFS DBLECTRO-NVFS_05 Datasheet
303Kb / 2P
   Small size and light weight. Heavy contact load (30A).
NVFS DBLECTRO-NVFS Datasheet
103Kb / 2P
   Small size and light weight. Heavy contact load (30A)
logo
HuaXinAn Electronics CO...
NT90-B HUAXINAN-NT90-B Datasheet
1Mb / 2P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high
NT90-A HUAXINAN-NT90-A Datasheet
1Mb / 2P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high
logo
Advanced Power Electron...
AP2611GYT-HF A-POWER-AP2611GYT-HF Datasheet
56Kb / 4P
   Capable of 2.5V Gate Drive, Small Size & Lower Profile
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com