Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WE32K32N-90H1Q Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WE32K32N-90H1Q
Description  32Kx32 EEPROM MODULE, SMD 5962-94614
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WE32K32N-90H1Q Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WE32K32N-90H1Q Datasheet HTML 1Page - White Electronic Designs Corporation WE32K32N-90H1Q Datasheet HTML 2Page - White Electronic Designs Corporation WE32K32N-90H1Q Datasheet HTML 3Page - White Electronic Designs Corporation WE32K32N-90H1Q Datasheet HTML 4Page - White Electronic Designs Corporation WE32K32N-90H1Q Datasheet HTML 5Page - White Electronic Designs Corporation WE32K32N-90H1Q Datasheet HTML 6Page - White Electronic Designs Corporation WE32K32N-90H1Q Datasheet HTML 7Page - White Electronic Designs Corporation WE32K32N-90H1Q Datasheet HTML 8Page - White Electronic Designs Corporation WE32K32N-90H1Q Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WE32K32-XXX
March 2006
Rev. 4
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
AC Write Characteristics
VCC = 5.0V, GND = 0V, -55°C ≤ TA ≤ +125°C
WRITE CYCLE
Write Cycle Parameter
Symbol
-80
-90
-120
-150
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Write Cycle Time, TYP = 6ms
tWC
10
10
10
10
ms
Address Set-up Time
tAS
0
0
30
30
ns
Write Pulse Width (WE# or CS#)
tWP
100
100
150
150
ns
Chip Select Set-up Time
tCS
0000
ns
Address Hold Time
tAH
50
50
100
100
ns
Data Hold Time
tDH
0
0
10
10
ns
Chip Select Hold Time
tCSH
0000
ns
Data Set-up Time
tDS
50
50
100
100
ns
Write Pulse Width High
tWPH
50
50
50
50
ns
Output Enable Set-up Time
tOES
10
10
10
10
ns
Output Enable Hold Time
tOEH
10
10
10
10
ns
WRITE
A write cycle is initiated when OE# is high and a low pulse
is on WE# or CS# with CS# or WE# low. The address
is latched on the falling edge of CS# or WE# whichever
occurs last. The data is latched by the rising edge of CS#
or WE#, whichever occurs first. A byte write operation will
automatically continue to completion.
WRITE CYCLE TIMING
Figures 4 and 5 show the write cycle timing relationships.
A write cycle begins with address application, write enable
and chip select. Chip select is accomplished by placing
the CS# line low. Write enable consists of setting the WE#
line low. The write cycle begins when the last of either CS#
or WE# goes low.
The WE# line transition from high to low also initiates
an internal 150 µsec delay timer to permit page mode
operation. Each subsequent WE# transition from high to
low that occurs before the completion of the 150 µsec time
out will restart the timer from zero. The operation of the
timer is the same as a retriggerable one-shot.


Similar Part No. - WE32K32N-90H1Q

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WE320 XPPOWER-WE320 Datasheet
162Kb / 2P
   DC-DC Power Supplies
WE320 XPPOWER-WE320 Datasheet
84Kb / 2P
   DC-DC Power Supplies
WE320 XPPOWER-WE320_06 Datasheet
84Kb / 2P
   DC-DC Power Supplies
More results

Similar Description - WE32K32N-90H1Q

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WE128K32-XXX WEDC-WE128K32-XXX Datasheet
620Kb / 14P
   128Kx32 EEPROM MODULE, SMD 5962-94585
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WE512K8 WEDC-WE512K8 Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com