Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3EG72126MS166JD3SG Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # W3EG72126MS166JD3SG
Description  1GB-128Mx72 DDR SDRAM REGISTERED ECC w/PLL
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3EG72126MS166JD3SG Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button W3EG72126MS166JD3SG Datasheet HTML 2Page - White Electronic Designs Corporation W3EG72126MS166JD3SG Datasheet HTML 3Page - White Electronic Designs Corporation W3EG72126MS166JD3SG Datasheet HTML 4Page - White Electronic Designs Corporation W3EG72126MS166JD3SG Datasheet HTML 5Page - White Electronic Designs Corporation W3EG72126MS166JD3SG Datasheet HTML 6Page - White Electronic Designs Corporation W3EG72126MS166JD3SG Datasheet HTML 7Page - White Electronic Designs Corporation W3EG72126MS166JD3SG Datasheet HTML 8Page - White Electronic Designs Corporation W3EG72126MS166JD3SG Datasheet HTML 9Page - White Electronic Designs Corporation W3EG72126MS166JD3SG Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
White Electronic Designs
W3EG72126S-D3
-JD3
-AJD3
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
November 2004
Rev. 3
PRELIMINARY
IDD SPECIFICATIONS AND TEST CONDITIONS
0°C
≤ TA ≤ 70°C, VCCQ = 2.5V ± 0.2V, VCC = 2.5V ± 0.2V
Includes PLL and register power
Parameter
Symbol
Conditions
DDR333@CL=2.5
Max
DDR266@CL=2, 2.5
Max
DDR200@CL=2
Max
Units
Operating Current
IDD0
One device bank; Active - Precharge;
tRC=tRC (MIN); tCK=tCK (MIN); DQ,DM
and DQS inputs changing once per
clock cycle; Address and control
inputs changing once every two
cycles.
2615
2615
2615
mA
Operating Current
IDD1
One device bank; Active-Read-
Precharge Burst = 2; tRC=tRC (MIN);
tCK=tCK (MIN); lOUT = 0mA; Address
and control inputs changing once per
clock cycle.
3155
3155
3155
mA
Precharge Power-
Down Standby
Current
IDD2P
All device banks idle; Power-down
mode; tCK=tCK (MIN); CKE=(low)
90
90
90
rnA
Idle Standby Current
IDD2F
CS# = High; All device banks idle;
tCK=tCK (MIN); CKE = high; Address
and other control inputs changing
once per clock cycle. VIN = VREF for
DQ, DQS and DM.
1120
1120
1120
mA
Active Power-Down
Standby Current
IDD3P
One device bank active; Power-Down
mode; tCK (MIN); CKE=(low)
630
630
630
mA
Active Standby
Current
IDD3N
CS# = High; CKE = High; One device
bank; Active-Precharge; tRC=tRAS
(MAX); tCK=tCK (MIN); DQ, DM and
DQS inputs changing twice per clock
cycle; Address and other control
inputs changing once per clock cycle.
1210
1210
1210
mA
Operating Current
IDD4R
Burst = 2; Reads; Continuous burst;
One device bank active; Address
and control inputs changing once
per clock cycle; TCK= TCK (MIN); lOUT
= 0mA.
3245
3245
3245
mA
Operating Current
IDD4W
Burst = 2; Writes; Continuous burst;
One device bank active; Address
and control inputs changing once per
clock cycle; tCK=tCK (MIN); DQ,DM
and DQS inputs changing once per
clock cycle.
3425
3065
3065
rnA
Auto Refresh
Current
IDD5
tRC = tRC (MIN)
5530
5530
5530
mA
Self Refresh Current
IDD6
CKE
≤ 0.2V
400
400
400
mA
Operating Current
IDD7A
Four bank interleaving Reads (BL=4)
with auto precharge with tRC=tRC
(MIN); tCK=tCK (MIN); Address and
control inputs change only during
Active Read or Write commands.
7565
7475
7475
mA


Similar Part No. - W3EG72126MS166JD3SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG72125S-AJD3 WEDC-W3EG72125S-AJD3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72125S-JD3 WEDC-W3EG72125S-JD3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72125S202AJD3 WEDC-W3EG72125S202AJD3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
W3EG72125S202D3 WEDC-W3EG72125S202D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
More results

Similar Description - W3EG72126MS166JD3SG

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG128M72ETSU-D3 WEDC-W3EG128M72ETSU-D3 Datasheet
265Kb / 14P
   1GB - 128Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
WV3EG128M72EFSR-D3 WEDC-WV3EG128M72EFSR-D3 Datasheet
321Kb / 13P
   1GB - 128Mx72 DDR SDRAM REGISTERED w/PLL, FBGA
W3EG72125S-D3 WEDC-W3EG72125S-D3 Datasheet
376Kb / 14P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL
WV3HG128M72AER-D6 WEDC-WV3HG128M72AER-D6 Datasheet
162Kb / 10P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL
W3EG264M72AFSRXXXD3 WEDC-W3EG264M72AFSRXXXD3 Datasheet
227Kb / 13P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED ECC w/PLL, FBGA
W3DG72127V-D2 WEDC-W3DG72127V-D2 Datasheet
94Kb / 6P
   1GB - 128Mx72 SDRAM REGISTERED and SPD, w/PLL
W3EG72129S-JD3 WEDC-W3EG72129S-JD3 Datasheet
171Kb / 12P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED w/PLL
WV3EG264M72ESFR-D4 WEDC-WV3EG264M72ESFR-D4 Datasheet
181Kb / 11P
   1GB - 2x64Mx72 DDR SDRAM REGISTERED, w/PLL
WV3HG128M72EER-D7 WEDC-WV3HG128M72EER-D7 Datasheet
185Kb / 11P
   1GB - 128Mx72 DDR2 SDRAM REGISTERED, w/PLL, Mini-DIMM
W3EG264M64ETSR-JD3 WEDC-W3EG264M64ETSR-JD3 Datasheet
308Kb / 13P
   1GB - 2x64Mx64 DDR SDRAM REGISTERED w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com