Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED2CG472512V-D2 Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # WED2CG472512V-D2
Description  16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED2CG472512V-D2 Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button WED2CG472512V-D2 Datasheet HTML 2Page - White Electronic Designs Corporation WED2CG472512V-D2 Datasheet HTML 3Page - White Electronic Designs Corporation WED2CG472512V-D2 Datasheet HTML 4Page - White Electronic Designs Corporation WED2CG472512V-D2 Datasheet HTML 5Page - White Electronic Designs Corporation WED2CG472512V-D2 Datasheet HTML 6Page - White Electronic Designs Corporation WED2CG472512V-D2 Datasheet HTML 7Page - White Electronic Designs Corporation WED2CG472512V-D2 Datasheet HTML 8Page - White Electronic Designs Corporation WED2CG472512V-D2 Datasheet HTML 9Page - White Electronic Designs Corporation WED2CG472512V-D2 Datasheet HTML 10Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
WED2CG472512V-D2
9
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
White Electronic Designs
Aug. 2002
Rev. B
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ADVANCED
FIG. 6
SYNC-BURST WRITE CYCLE
Burst - Late Write- Cycle
tEVKH
tKHEX
Early Write Cycle
tDVKH
tKHQX
DQ
G#
CE#
ADV#
BWx#,
GW#
tKHKH
tKHKL
tAVKH
tKHAX
ADSP#
ADDR
ADSC#
CK
tKLKH
tKHQX
tAVVKH
tKHAVX


Similar Part No. - WED2CG472512V-D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2DG472512V-D2 WEDC-WED2DG472512V-D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
WED2DG472512V5D2 WEDC-WED2DG472512V5D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
WED2DG472512V65D2 WEDC-WED2DG472512V65D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
WED2DG472512V6D2 WEDC-WED2DG472512V6D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
WED2DG472512V7D2 WEDC-WED2DG472512V7D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
More results

Similar Description - WED2CG472512V-D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2EG472512V-D2 WEDC-WED2EG472512V-D2 Datasheet
265Kb / 10P
   16MB (4x512Kx72) SYNC BURST PIPELINE, DUAL KEY DIMM
WED2DG472512V-D2 WEDC-WED2DG472512V-D2 Datasheet
181Kb / 10P
   16MB (4x512Kx72) SYNC BURST-PIPELINE, DUAL KEY DIMM
EDI2CG472256V WEDC-EDI2CG472256V Datasheet
202Kb / 11P
   8 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG472128V WEDC-EDI2CG472128V Datasheet
191Kb / 11P
   4 Megabyte Sync/Sync Burst, Dual Key DIMM
EDI2CG272128V WEDC-EDI2CG272128V Datasheet
164Kb / 12P
   2x128Kx72, 3.3V Sync/Sync Burst SRAM SO-DIMM
EDI2AG272128V-D1 WEDC-EDI2AG272128V-D1 Datasheet
161Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
EDI2AG272129V WEDC-EDI2AG272129V Datasheet
162Kb / 11P
   2 Megabyte Sync/Sync Burst, Small Outline DIMM
logo
GSI Technology
GS88037BT GSI-GS88037BT Datasheet
510Kb / 19P
   256K x 36 9Mb Sync Burst SRAM
GS88037BT-V GSI-GS88037BT-V Datasheet
765Kb / 19P
   256K x 36 9Mb Sync Burst SRAM
GS882V37BB GSI-GS882V37BB Datasheet
1Mb / 27P
   256K x 36 9Mb SCD/DCD Sync Burst SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com