Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC04 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC04
Description  Hex inverter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC04 Datasheet(HTML) 7 Page - NXP Semiconductors

  74HC04 Datasheet HTML 1Page - NXP Semiconductors 74HC04 Datasheet HTML 2Page - NXP Semiconductors 74HC04 Datasheet HTML 3Page - NXP Semiconductors 74HC04 Datasheet HTML 4Page - NXP Semiconductors 74HC04 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 5 page
background image
2003 Jul 23
7
Philips Semiconductors
Product specification
Hex inverter
74HC04; 74HCT04
Tamb = −40 to +85 °C
VIH
HIGH-level input voltage
2.0
1.5
−−
V
4.5
3.15
−−
V
6.0
4.2
−−
V
VIL
LOW-level input voltage
2.0
−−
0.5
V
4.5
−−
1.35
V
6.0
−−
1.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −20 µA
2.0
1.9
−−
V
IO = −20 µA
4.5
4.4
−−
V
IO = −4.0 mA
4.5
3.84
−−
V
IO = −20 µA
6.0
5.9
−−
V
IO = −5.2 mA
6.0
5.34
−−
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO =20 µA
2.0
−−
0.1
V
IO =20 µA
4.5
−−
0.1
V
IO = 4.0 mA
4.5
−−
0.33
V
IO =20 µA
6.0
−−
0.1
V
IO = 5.2 mA
6.0
−−
0.33
V
ILI
input leakage current
VI =VCC or GND
6.0
−−±1.0
µA
IOZ
3-state output OFF current VI =VIH or VIL;
VO =VCC or GND
6.0
−−±.5.0
µA
ICC
quiescent supply current
VI =VCC or GND; IO = 0 6.0
−−
20
µA
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)


Similar Part No. - 74HC04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
109Kb / 20P
   Hex inverter
2003 Jul 23
logo
ON Semiconductor
74HC04 ONSEMI-74HC04 Datasheet
124Kb / 7P
   Hex Inverter High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
logo
Diodes Incorporated
74HC04 DIODES-74HC04 Datasheet
280Kb / 8P
   HEX INVERTERS
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
132Kb / 17P
   Hex inverter
Rev. 4-3 August 2012
logo
Silicon Supplies
74HC04 SS-74HC04 Datasheet
381Kb / 5P
   High Speed CMOS Logic
More results

Similar Description - 74HC04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com