Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WE128K32P-200H1Q Datasheet(PDF) 10 Page - White Electronic Designs Corporation

Part # WE128K32P-200H1Q
Description  128Kx32 EEPROM MODULE, SMD 5962-94585
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WE128K32P-200H1Q Datasheet(HTML) 10 Page - White Electronic Designs Corporation

Back Button WE128K32P-200H1Q Datasheet HTML 6Page - White Electronic Designs Corporation WE128K32P-200H1Q Datasheet HTML 7Page - White Electronic Designs Corporation WE128K32P-200H1Q Datasheet HTML 8Page - White Electronic Designs Corporation WE128K32P-200H1Q Datasheet HTML 9Page - White Electronic Designs Corporation WE128K32P-200H1Q Datasheet HTML 10Page - White Electronic Designs Corporation WE128K32P-200H1Q Datasheet HTML 11Page - White Electronic Designs Corporation WE128K32P-200H1Q Datasheet HTML 12Page - White Electronic Designs Corporation WE128K32P-200H1Q Datasheet HTML 13Page - White Electronic Designs Corporation WE128K32P-200H1Q Datasheet HTML 14Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WE128K32-XXX
March 2006
Rev. 10
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
HARDWARE DATA PROTECTION
These features protect against inadvertent writes to the
WE128K32-XXX. These are included to improve reliability
during normal operation:
a)
VCC power on delay
As VCC climbs past 3.8V typical the device will wait
5msec typical before allowing write cycles.
b)
VCC sense
While below 3.8V typical write cycles are inhibited.
c)
Write inhibiting
Holding OE# low and either CS# or WE# high
inhibits write cycles.
d)
Noise filter
Pulses of <8ns (typ) on WE# or CS# will not initiate
a write cycle.
SOFTWARE DATA PROTECTION
A software write protection feature may be enabled
or disabled by the user. When shipped by White
Microelectronics, the WE-128K32-XXX has the feature
disabled. Write access to the device is unrestricted.
To enable software write protection, the user writes three
access code bytes to three special internal locations.
Once write protection has been enabled, each write to the
EEPROM must use the same three byte write sequence
to permit writing. After setting software data protection,
any attempt to write to the device without the three-byte
command sequence will start the internal write timers. No
data will be written to the device, however, for the duration
of tWC. The write protection feature can be disabled by
a six byte write sequence of specific data to specific
locations. Power transitions will not reset the software
write protection.
Each 128K byte block of the EEPROM has independent
write protection. One or more blocks may be enabled and
the rest disabled in any combination. The software write
protection guards against inadvertent writes during power
transitions, or unauthorized modification using a PROM
programmer.
NOTES:
1. Data Format: D7 - D0 (Hex);
Address Format: A16 - A0 (Hex).
2. Write Protect state will be activated at end of write even if
no other data is loaded.
3. Write Protect state will be deactivated at end of write
period even if no other data is loaded.
4. 1 to 128 bytes of data may be loaded.
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA 80
TO
ADDRESS 5555
LOAD DATA AA
TO
ADDRESS 5555
LOAD DATA 55
TO
ADDRESS 2AAA
LOAD DATA 20
TO
ADDRESS 5555
LOAD DATA XX
TO
ANY ADDRESS(4)
LOAD LAST BYTE
TO
LAST ADDRESS
FIGURE 10 –
SOFTWARE BLOCK DATA PROTECTION
DISABLE ALGORITHM(1)
EXIT DATA
PROTECT STATE(3)


Similar Part No. - WE128K32P-200H1Q

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WE128K8-150CC WEDC-WE128K8-150CC Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE128K8-150CCA WEDC-WE128K8-150CCA Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE128K8-150CI WEDC-WE128K8-150CI Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE128K8-150CIA WEDC-WE128K8-150CIA Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE128K8-150CM WEDC-WE128K8-150CM Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
More results

Similar Description - WE128K32P-200H1Q

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WE32K32-XXX WEDC-WE32K32-XXX Datasheet
472Kb / 13P
   32Kx32 EEPROM MODULE, SMD 5962-94614
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WE512K8 WEDC-WE512K8 Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com