Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED2ZL361MV38BC Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WED2ZL361MV38BC
Description  1Mx36 Synchronous Pipeline Burst NBL SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED2ZL361MV38BC Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WED2ZL361MV38BC Datasheet HTML 1Page - White Electronic Designs Corporation WED2ZL361MV38BC Datasheet HTML 2Page - White Electronic Designs Corporation WED2ZL361MV38BC Datasheet HTML 3Page - White Electronic Designs Corporation WED2ZL361MV38BC Datasheet HTML 4Page - White Electronic Designs Corporation WED2ZL361MV38BC Datasheet HTML 5Page - White Electronic Designs Corporation WED2ZL361MV38BC Datasheet HTML 6Page - White Electronic Designs Corporation WED2ZL361MV38BC Datasheet HTML 7Page - White Electronic Designs Corporation WED2ZL361MV38BC Datasheet HTML 8Page - White Electronic Designs Corporation WED2ZL361MV38BC Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED2ZL361MV
June 2004
Rev. 3
Absolute Maximum Ratings*
Voltage on VCC Supply Relative to VSS
-0.3V to +4.6V
VIN (DQx)
-0.3V to +4.6V
VIN (Inputs)
-0.3V to +4.6V
Storage Temperature (BGA)
-65°C to +150°C
Short Circuit Output Current
100mA
* Stress greater than those listed under “Absolute Maximum Ratings: may cause permanent damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions greater than those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating condtions for extended
periods may affect reliability.
Recommended DC Operating Conditions Voltage Referenced to:
VSS = 0V, = 0°C ≤ TA ≤ +70°C; Commercial or -40°C ≤ TA ≤ +85°C; Industrial
Description
Symbol
Conditions
Min
Max
Units
Notes
Input High (Logic 1) Voltage
VIH
2.0
VCC +0.5
V
1
Input Low (Logic 0) Voltage
VIL
-0.3
0.8
V
1
Input Leakage Current
ILI
0V ≤ VIN ≤ VCC
-5
5
µA
2
Output Leakage Current
ILO
Output(s) Disabled, 0V ≤ VIN ≤ VCC
-5
5
µA
Output High Voltage
VOH
IOH = -4.0mA
2.4
V
1
Output Low Voltage
VOL
IOL = 8.0mA
0.4
V
1
Supply Voltage
VCC
3.135
3.465
V
1
NOTES:
1. All voltages referenced to VSS (GND)
2. ZZ pin has an internal pull-up, and input leakage = ± 10µA.
DC Characteristics
Description
Symbol
Conditions
Typ
166
150
133
100
Units
Notes
MHz
MHz
MHz
MHz
Power Supply
Current: Operating
IDD
Device Selected; All Inputs ≤ VIL or ≥ VIH; Cycle Time =
TCYC MIN; VCC = MAX; Output Open
840
800
760
640
mA
1, 2
Power Supply
Current: Standby
ISB2
Device Deselected; VCC = MAX; All Inputs ≤ VSS + 0.2 or
VCC - 0.2; All Inputs Static; CLK Frequency = 0; ZZ ≤ VIL
30
60
60
60
60
mA
2
Power Supply
Current: Current
ISB3
Device Selected; All Inputs ≤ VIL or ≥ VIH; Cycle Time =
TCYC MIN; VCC = MAX; Output Open; ZZ ≥ VCC - 0.2V
30
60
60
60
60
mA
2
Clock Running
Standby Current
ISB4
Device Deselected; VCC = MAX; All Inputs ≤ VSS + 0.2 or
VCC - 0.2; Cycle Time = TCYC MIN; ZZ ≤ VIL
240
220
180
160
mA
2
NOTES:
1. IDD is specified with no output current and increases with faster cycle times.
IDD increases with faster cycle times and greater output loading.
2. Typical values are measured at 3.3V, 25°C, and 10ns cycle time.
BGA Capacitance
Description
Symbol
Conditions
Typ
Max
Units
Notes
Control Input Capacitance
CI
TA = 25°C; f = 1MHz
5
7
pF
1
Input/Output Capacitance (DQ)
CO
TA = 25°C; f = 1MHz
6
8
pF
1
Address Capacitance
CA
TA = 25°C; f = 1MHz
5
7
pF
1
Clock Capacitance
CCK
TA = 25°C; f = 1MHz
3
5
pF
1
NOTES: 1. This parameter is sampled.


Similar Part No. - WED2ZL361MV38BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2ZL361MS WEDC-WED2ZL361MS Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS26BC WEDC-WED2ZL361MS26BC Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS26BI WEDC-WED2ZL361MS26BI Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS28BC WEDC-WED2ZL361MS28BC Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS28BI WEDC-WED2ZL361MS28BI Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
More results

Similar Description - WED2ZL361MV38BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2ZL361MS WEDC-WED2ZL361MS Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL64512S WEDC-WED2ZL64512S Datasheet
470Kb / 9P
   512K x 64 Synchronous Pipeline NBL SRAM
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
WED2ZLRSP01S WEDC-WED2ZLRSP01S Datasheet
350Kb / 13P
   512K x 32/256K x 32 Dual Array Synchronous Pipeline Burst NBL SRAM
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72S-XBX WEDC-WEDPZ512K72S-XBX Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
logo
Alliance Semiconductor ...
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WEDPZ512K72V-XBX WEDC-WEDPZ512K72V-XBX Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com