Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED2ZLRSP01S35BC Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WED2ZLRSP01S35BC
Description  512K x 32/256K x 32 Dual Array Synchronous Pipeline Burst NBL SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED2ZLRSP01S35BC Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WED2ZLRSP01S35BC Datasheet HTML 1Page - White Electronic Designs Corporation WED2ZLRSP01S35BC Datasheet HTML 2Page - White Electronic Designs Corporation WED2ZLRSP01S35BC Datasheet HTML 3Page - White Electronic Designs Corporation WED2ZLRSP01S35BC Datasheet HTML 4Page - White Electronic Designs Corporation WED2ZLRSP01S35BC Datasheet HTML 5Page - White Electronic Designs Corporation WED2ZLRSP01S35BC Datasheet HTML 6Page - White Electronic Designs Corporation WED2ZLRSP01S35BC Datasheet HTML 7Page - White Electronic Designs Corporation WED2ZLRSP01S35BC Datasheet HTML 8Page - White Electronic Designs Corporation WED2ZLRSP01S35BC Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED2ZLRSP01S
April, 2002
Rev. 0
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
A_SA0-18
B_SA0-17
A_DQ0-31
B_DQ0-31
A_LBO#
A_ZZ
A_ADV
A_OE#
A_CKE#
A_WE#
A_CK
A_BWA#
A_BWB#
A_BWC#
A_BWD#
A_CS2#
A_CS2
A_CS1#
B_LBO#
B_ZZ
B_ADV
B_OE#
B_CKE#
B_WE#
B_CK
B_BWA#
B_BWB#
B_BWC#
B_BWD#
B_CS2#
B_CS2
B_CS1#
LBO#
ZZ
ADV
OE#
CKE#
WE#
CK
BWa#
BWb#
BWc#
BWd#
CS2#
CS2
CS1#
DQ0-31
U1
512K x 32
LBO#
ZZ
ADV
OE#
CKE#
WE#
CK
BWa#
BWb#
BWc#
BWd#
CS2#
CS2
CS1#
DQ0-31
U2
256K x 32
FIG. 1 BLOCK DIAGRAM


Similar Part No. - WED2ZLRSP01S35BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2ZL361MS WEDC-WED2ZL361MS Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS26BC WEDC-WED2ZL361MS26BC Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS26BI WEDC-WED2ZL361MS26BI Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS28BC WEDC-WED2ZL361MS28BC Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
WED2ZL361MS28BI WEDC-WED2ZL361MS28BI Datasheet
647Kb / 12P
   1Mx36 Synchronous Pipeline Burst NBL SRAM
More results

Similar Description - WED2ZLRSP01S35BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2ZL64512S WEDC-WED2ZL64512S Datasheet
470Kb / 9P
   512K x 64 Synchronous Pipeline NBL SRAM
logo
Alliance Semiconductor ...
AS7C33128PFD32A ALSC-AS7C33128PFD32A Datasheet
227Kb / 11P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32A ALSC-AS7C33128PFS32A Datasheet
339Kb / 13P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFS32B ALSC-AS7C33128PFS32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS36A ALSC-AS7C3364PFS36A Datasheet
235Kb / 11P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C33128PFD32B ALSC-AS7C33128PFD32B Datasheet
552Kb / 19P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
logo
GSI Technology
GS880E18AT GSI-GS880E18AT Datasheet
596Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Synchronous Burst SRAMs
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com