Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JZC-22F2FC10LDC3V Datasheet(PDF) 2 Page - DB Lectro Inc

Part # JZC-22F2FC10LDC3V
Description  Small size, light weight .Low coil power consumption. Switching capacity can reach 20A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JZC-22F2FC10LDC3V Datasheet(HTML) 2 Page - DB Lectro Inc

  JZC-22F2FC10LDC3V Datasheet HTML 1Page - DB Lectro Inc JZC-22F2FC10LDC3V Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 750V
JZC-22F
3 :1000V
50Hz 1500V
50Hz 2500V
JZC-22F
2 &JZC-22F3
Item 6
of IEC255-5
Item 6
of IEC255-5
Item 6
of IEC255-5
Shock resistance
100m/s
2
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz double amplitude
1.5mm
IEC68-2-6
Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~70
’ JZC-22F
3 :85’
Relative Humidity
85% (at 40
’)
IEC68-2-3Test Ca
Mass
13g . 16g(JZC-22F
2)
10g(JZC-22F
3)
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Safety approvals
Safety approval
UL&CUR
VDE
T
üV
CCEE
Load
15A/125VAC,28VDC;TV-5
10A/250VAC 28VDC
6A/250VAC
6A/250VAC
Dimensions (Unit: mm)
Reference Data
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
JZC-22F JZC-22F2 JZC-22F3
Dimensions
Mounting
(Bottom views)
mm
inch
0.4
0.016
0.5
0.020
0.7
0.027
1.0
0.039
1.3
0.051
2.0
0.079
2.55
0.100
3.5
0.138
4.5
0.177
6.0
0.236
12.0
0.472
12.2
0.480
16.8
0.661
20.2
0.795
20.3
0.799
22.5
0.866
Wiring diagram
(Bottom views)
www.dblectro.com


Similar Part No. - JZC-22F2FC10LDC3V

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JZC-22F2A HUAXINAN-JZC-22F2A Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F2B HUAXINAN-JZC-22F2B Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F2C HUAXINAN-JZC-22F2C Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
More results

Similar Description - JZC-22F2FC10LDC3V

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JZC-22F2A HUAXINAN-JZC-22F2A Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F2C HUAXINAN-JZC-22F2C Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3A HUAXINAN-JZC-22F3A Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22FA HUAXINAN-JZC-22FA Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22FC HUAXINAN-JZC-22FC Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3C HUAXINAN-JZC-22F3C Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F2B HUAXINAN-JZC-22F2B Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3B HUAXINAN-JZC-22F3B Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22FB HUAXINAN-JZC-22FB Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
logo
DB Lectro Inc
NT78 DBLECTRO-NT78 Datasheet
284Kb / 2P
   Small size, light weight. / Low coil consumption.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com