Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED3C755E8M350BC Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # WED3C755E8M350BC
Description  RISC MICROPROCESSOR MULTI-CHIP PACKAGE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3C755E8M350BC Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button WED3C755E8M350BC Datasheet HTML 6Page - White Electronic Designs Corporation WED3C755E8M350BC Datasheet HTML 7Page - White Electronic Designs Corporation WED3C755E8M350BC Datasheet HTML 8Page - White Electronic Designs Corporation WED3C755E8M350BC Datasheet HTML 9Page - White Electronic Designs Corporation WED3C755E8M350BC Datasheet HTML 10Page - White Electronic Designs Corporation WED3C755E8M350BC Datasheet HTML 11Page - White Electronic Designs Corporation WED3C755E8M350BC Datasheet HTML 12Page - White Electronic Designs Corporation WED3C755E8M350BC Datasheet HTML 13Page - White Electronic Designs Corporation WED3C755E8M350BC Datasheet HTML 14Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
WED3C755E8M-XBX
11
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
May, 2003
Rev 2
FIG. 6 - POWER SUPPLY FILTER CIRCUIT
PLL POWER SUPPLY FILTERING
The AVCC and L2AVCC power signals are provided on
the WED3C755E8M-XBX to provide power to the clock
generation phase-locked loop and L2 cache delay-locked
loop respectively. To ensure stability of the internal clock,
the power supplied to the AVCC input signal should be
filtered of any noise in the 500kHz to 10 MHz resonant
frequency range of the PLL. A circuit similar to the
one shown in Figure 6 using surface mount capacitors
with minimum Effective Series Inductance (ESL) is
recommended. Multiple small capacitors of equal value
are recommended over a single large value capacitor.
The circuit should be placed as close as possible to the
AVCC pin to minimize noise coupled from nearby circuits.
An identical but separate circuit should be placed as close
as possible to the L2AVCC pin. It is often possible to route
directly from the capacitors to the AVCC pin, which is on the
periphery of the 255 BGA footprint, without the inductance
of vias. The L2AVCC pin may be more difficult to route but
is proportionately less critical.
PULL-UP RESISTOR REQUIREMENTS
The WED3C755E8M-XBX requires pull-up resistors (1
kW-5 kW) on several control pins of the bus interface to
maintain the control signals in the negated state after they
have been actively negated and released by the processor
or other bus masters. These pins are TS#, ABB#, AACK#,
ARTRY#, DBB#, DBWO#, TA#, TEA#, and DBDIS#.
DRTRY# should also be connected to a pull-up resistor
(1 kW-5 kW) if it will be used by the system; otherwise,
this signal should be connected to HRESET# to select
NO-DRTRY mode.
Three test pins also require pull-up resistors (100 W-1 kW).
These pins are L1_TSTCLK, L2_TSTCLK, and LSSD_
MODE#. These signals are for factory use only and must
be pulled up to OVCC for normal machine operation.
In addition, CKSTP_OUT# is an open-drain style output
that requires a pull-up resistor (1 kW-5 kW) if it is used by
the system. During inactive periods on the bus, the address
and transfer attributes may not be driven by any master
and may, therefore, float in the high-impedance state for
relatively long periods of time. Since the processor must
continually monitor these signals for snooping, this float
condition may cause additional power draw by the input
receivers on the processor or by other receivers in the
system. These signals can be pulled up through weak (10
kW) pull-up resistors by the system or may be otherwise
driven by the system during inactive periods of the bus to
avoid this additional power draw, but address bus pull-up
resistors are not neccessary for proper device operation.
The snooped address and transfer attribute inputs are:
A[0:31], AP[0:3], TT[0:4], TBST#, and GBL#.
The data bus input receivers are normally turned off
when no read operation is in progress and, therefore, do
not require pull-up resistors on the bus. Other data bus
receivers in the system, however, may require pull-ups, or
that those signals be otherwise driven by the system during
inactive periods by the system. The data bus signals are:
DH[0:31], DL[0:31], and DP[0:7].
If 32-bit data bus mode is selected, the input receivers of
the unused data and parity bits will be disabled, and their
outputs will drive logic zeros when they would otherwise
normally be driven. For this mode, these pins do not require
pull-up resistors, and should be left unconnected by the
system to minimize possible output switching.
If address or data parity is not used by the system, and
the respective parity checking is disabled through HID0,
the input receivers for those pins are disabled, and those
pins do not require pull-up resistors and should be left
unconnected by the system. If all parity generation is
disabled through HID0, then all parity checking should
also be disabled through HID0, and all parity pins may be
left unconnected by the system.
AVCC (or L2AVCC)
2.2
µF
2.2
µF
GND
Low ESL surface mount capacitors
VCC
10


Similar Part No. - WED3C755E8M350BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3C7558M-XBX WEDC-WED3C7558M-XBX Datasheet
530Kb / 13P
   RISC Microprocessor Multichip Package
WED3C7558M300BC WEDC-WED3C7558M300BC Datasheet
530Kb / 13P
   RISC Microprocessor Multichip Package
WED3C7558M300BI WEDC-WED3C7558M300BI Datasheet
530Kb / 13P
   RISC Microprocessor Multichip Package
WED3C7558M300BM WEDC-WED3C7558M300BM Datasheet
530Kb / 13P
   RISC Microprocessor Multichip Package
WED3C7558M350BC WEDC-WED3C7558M350BC Datasheet
530Kb / 13P
   RISC Microprocessor Multichip Package
More results

Similar Description - WED3C755E8M350BC

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3C7558M-XBX WEDC-WED3C7558M-XBX Datasheet
530Kb / 13P
   RISC Microprocessor Multichip Package
logo
List of Unclassifed Man...
WED3C7410E16M-400BX ETC-WED3C7410E16M-400BX Datasheet
261Kb / 13P
   RISC Microprocessor Multichip Package
logo
White Electronic Design...
WED3C7410E16M-XBX WEDC-WED3C7410E16M-XBX Datasheet
485Kb / 13P
   RISC Microprocessor Multichip Package
WED3C7410E16M-XBHX WEDC-WED3C7410E16M-XBHX Datasheet
456Kb / 15P
   7410E RISC Microprocessor HiTCETM Multichip Package
logo
Samsung semiconductor
S3C2400 SAMSUNG-S3C2400 Datasheet
2Mb / 488P
   RISC MICROPROCESSOR
S3C44B0X SAMSUNG-S3C44B0X Datasheet
1Mb / 424P
   RISC MICROPROCESSOR
logo
Motorola, Inc
MPC750 MOTOROLA-MPC750 Datasheet
318Kb / 31P
   MPC750 RISC Microprocessor
logo
ATMEL Corporation
PC7447A ATMEL-PC7447A Datasheet
595Kb / 44P
   PowerPC RISC microprocessor
logo
Freescale Semiconductor...
XPC7445 FREESCALE-XPC7445 Datasheet
336Kb / 12P
   RISC Microprocessor Hardware Specifications
MPC7445 FREESCALE-MPC7445 Datasheet
1Mb / 64P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com