Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED3DG6417V7D1 Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WED3DG6417V7D1
Description  128MB- 16Mx64 SDRAM, UNBUFFERED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3DG6417V7D1 Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WED3DG6417V7D1 Datasheet HTML 1Page - White Electronic Designs Corporation WED3DG6417V7D1 Datasheet HTML 2Page - White Electronic Designs Corporation WED3DG6417V7D1 Datasheet HTML 3Page - White Electronic Designs Corporation WED3DG6417V7D1 Datasheet HTML 4Page - White Electronic Designs Corporation WED3DG6417V7D1 Datasheet HTML 5Page - White Electronic Designs Corporation WED3DG6417V7D1 Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
WED3DG6417V-D1
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
May 2004
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
OPERATING CURRENT CHARACTERISTICS
(VCC = 3.3V, TA = 0°C ≤ +70°C)
Notes: 1. Measured with outputs open.
2. Refresh period is 64ms.
3. Unless otherwise noticed, input swing level is CMOS (VIH/VIL = VCCQ/VSSQ)
Version
Parameter
Symbol
Conditions
133/100
Units
Note
Operating Current
(One bank active)
ICC1
Burst Length = 1
tRC ≥ tRC(min)
IOL = 0mA
400
mA
1
Precharge Standby Current
in Power Down Mode
ICC2P
CKE ≤ VIL(max), tCC = 10ns
10
mA
ICC2PS
CKE & CLK ≤ VIL(max), tCC = ∞
10
Precharge Standby Current
in Non-Power Down Mode
ICC2N
CKE ≥ VIH(min), CS ≥ VIH(min), tcc =10ns
Input signals are charged one time during 20
80
mA
ICC2NS
CKE ≥ VIH(min), CLK ≤ VIL(max), tCC = ∞
Input signals are stable
40
Active Standby Current in
Power-Down Mode
ICC3P
CKE ≥ VIL(max), tCC = 10ns
25
mA
ICC3PS
CKE & CLK ≤ VIL(max), tCC = ∞
25
Active Standby Current in
Non-Power Down Mode
ICC3N
CKE ≥ VIH(min), CS ≥ VIH(min), tcc = 10ns Input
signals are changed one time during 20ns
120
mA
ICC3NS
CKE ≥ VIH(min), CLK ≤ VIL(max), tcc = ∞
Input signals are stable
100
mA
Operating Current (Burst mode)
ICC4
Io = mA
Page burst
4 Banks activated
tCCD = 2CLK
560
mA
1
Refresh Current
ICC5
tRC ≥ tRC(min)
800
mA
2
Self Refresh Current
ICC6
CKE ≤ 0.2V
15
mA


Similar Part No. - WED3DG6417V7D1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG6419V-D2 WEDC-WED3DG6419V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
WED3DG6419V10D2 WEDC-WED3DG6419V10D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
WED3DG6419V75D2 WEDC-WED3DG6419V75D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
WED3DG6419V7D2 WEDC-WED3DG6419V7D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
More results

Similar Description - WED3DG6417V7D1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG6417V-D2 WEDC-W3DG6417V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6418V-D1 WEDC-W3DG6418V-D1 Datasheet
135Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6418V-AD1 WEDC-W3DG6418V-AD1 Datasheet
123Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
WED3DG6419V-D2 WEDC-WED3DG6419V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6418V-D2 WEDC-W3DG6418V-D2 Datasheet
127Kb / 7P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6416V-D1 WEDC-W3DG6416V-D1 Datasheet
126Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
W3DG6416V-D2 WEDC-W3DG6416V-D2 Datasheet
101Kb / 5P
   128MB-16Mx64 SDRAM UNBUFFERED
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
WED3EG6418S-D4 WEDC-WED3EG6418S-D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com