Electronic Components Datasheet Search |
|
JQC-4BO30DC9V1.9 Datasheet(PDF) 2 Page - DB Lectro Inc |
|
JQC-4BO30DC9V1.9 Datasheet(HTML) 2 Page - DB Lectro Inc |
2 / 2 page Operation condition Insulation Resistance 100M min (at 500VDC) Item 7 of IEC255-5 Dielectric Strength Between contacts Between contact and coil 50Hz 500V 50Hz 750V Item 6 of IEC255-5 Item 6 of IEC255-5 Shock resistance 200m/s 2 11ms IEC68-2-27 Test Ea Vibration resistance 10~40Hz double amplitude 1.27mm IEC68-2-6 Test Fc Terminals strength 10N IEC68-2-21 Test Ua1 Solderability 235 x2 3 x0.5s IEC68-2-20 Test Ta method 1 Ambient Temperature -40~110 Relative Humidity 85% (at 40 ) IEC68-2-3Test Ca Mass 19g (Open type) 21g Qualification inspection: Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24. Dimensions (Unit: mm) Reference Data NOTES 1).Dimensions are in millimeter. 2).Inch equivalents are given for general information only. Wiring diagram(Bottom views) Dimensions JQC-4 (4120) USA European Mounting (Bottom views) mm >àçÇá 0.4 0.016 0.8 0.031 1.0 0.039 1.3 0.051 1.4 0.055 2.0 0.079 2.1 0.083 2.2 0.087 2.28 0.090 2.5 0.098 2.6 0.106 3.3 0.130 3.5 0.138 3.78 0.149 4.0 0.157 4.5 0.173 5.35 0.210 5.9 0.232 9.09 0.358 10.1 0.398 12.2 0.480 13.2 0.520 14.8 0.583 15.9 0.626 19 0.748 20 0.787 21.5 0.846 22.3 0.878 24 0.945 26.8 1.055 www.dblectro.com |
Similar Part No. - JQC-4BO30DC9V1.9 |
|
Similar Description - JQC-4BO30DC9V1.9 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |