Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WE32K32N-120H1IA Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WE32K32N-120H1IA
Description  32Kx32 EEPROM MODULE, SMD 5962-94614
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WE32K32N-120H1IA Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button WE32K32N-120H1IA Datasheet HTML 2Page - White Electronic Designs Corporation WE32K32N-120H1IA Datasheet HTML 3Page - White Electronic Designs Corporation WE32K32N-120H1IA Datasheet HTML 4Page - White Electronic Designs Corporation WE32K32N-120H1IA Datasheet HTML 5Page - White Electronic Designs Corporation WE32K32N-120H1IA Datasheet HTML 6Page - White Electronic Designs Corporation WE32K32N-120H1IA Datasheet HTML 7Page - White Electronic Designs Corporation WE32K32N-120H1IA Datasheet HTML 8Page - White Electronic Designs Corporation WE32K32N-120H1IA Datasheet HTML 9Page - White Electronic Designs Corporation WE32K32N-120H1IA Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WE32K32-XXX
March 2006
Rev. 4
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
AC Read Characteristics (See Figure 6)
VCC = 5.0V, GND = 0V, -55°C ≤ TA ≤ +125°C
READ CYCLE
Symbol
-80
-90
-120
-150
Unit
Parameter
Min
Max
Min
Max
Min
Max
Min
Max
Read Cycle Time
tRC
80
90
120
150
ns
Address Access Time
tACC
80
90
120
150
ns
CS Access Time
tACS
80
90
120
150
ns
Output Hold from Add. Change, OE# or CS#
tOH
0000
ns
Output Enable to Output Valid
tOE
40
50
85
85
ns
Chip Select or OE# to Output in High Z
tDF
40
50
70
70
ns
READ
The WE32K32-XXX stores data at the memory location
determined by the address pins. When CS# and OE#
are low and WE# is high, this data is present on the
outputs. When CS# and OE# are high, the outputs are in
a high impedance state. This 2 line control prevents bus
contention.
FIGURE 6 – READ WAVEFORMS
NOTES:
1. OE# may be delayed up to tACS - tOE after the falling edge of CS# without impact on tOE or by tACC - tOE after
an address change without impact on tACC.
2. tCHZ, tOHZ are specified from OE# or CS# whichever occurs first (CL = 5pF).
3. All I/O transitions are measured ±200 mV from steady state with loading as specified in "Load Test Circuits."
t
ADDRESS
CS#
OE#
OUTPUT
OH
tDF
t ACC
t RC
t OE
tACS
OUTPUT
VALID
ADDRESS VALID
HIGH Z


Similar Part No. - WE32K32N-120H1IA

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WE320 XPPOWER-WE320 Datasheet
162Kb / 2P
   DC-DC Power Supplies
WE320 XPPOWER-WE320 Datasheet
84Kb / 2P
   DC-DC Power Supplies
WE320 XPPOWER-WE320_06 Datasheet
84Kb / 2P
   DC-DC Power Supplies
More results

Similar Description - WE32K32N-120H1IA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WE128K32-XXX WEDC-WE128K32-XXX Datasheet
620Kb / 14P
   128Kx32 EEPROM MODULE, SMD 5962-94585
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WE512K8 WEDC-WE512K8 Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com