Electronic Components Datasheet Search |
|
WE512K8-150CC Datasheet(PDF) 5 Page - White Electronic Designs Corporation |
|
WE512K8-150CC Datasheet(HTML) 5 Page - White Electronic Designs Corporation |
5 / 13 page WE512K8, WE256K8, WE128K8-XCX 5 White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com White Electronic Designs May 2000 Rev. 1 White Electronic Designs Corp. reserves the right to change products or specifications without notice. Figure 5 shows Read cycle waveforms. A read cycle begins with selection address, chip select and output enable. Chip select is accomplished by placing the CS# line low. Output enable is done by placing the OE# line low. The memory places the selected data byte on I/O0 through I/O7 after the access time. The output of the memory is placed in a high impedance state shortly after either the OE# line or CS# line is returned to a high level. AC READ CHARACTERISTICS (See Figure 5) FOR WE512K8-XCX VCC = 5.0V, VSS = 0V, -55°C ≤ TA ≤ +125°C Parameter Symbol -150 -200 -250 -300 Unit Min Max Min Max Min Max Min Max Read Cycle Time trc 150 200 250 300 ns Address Access Time tacc 150 200 250 300 ns Chip Select Access Time tacs 150 200 250 300 ns Output Hold from Address Change, OE# or CS# toh 0000 ns Output Enable to Output Valid toe 85 85 100 125 ns Chip Select or Output Enable to High Z Output tdf 70 70 70 70 ns FOR WE256K8-XCX and WE128K8-XCX Parameter Symbol -150 -200 Unit Min Max Min Max Read Cycle Time trc 150 200 ns Address Access Time tacc 150 200 ns Chip Select Access Time tacs 150 200 ns Output Hold from Address Change, OE# or CS# toh 0 0 ns Output Enable to Output Valid toe 85 85 ns Chip Select or Output Enable to High Z Output tdf 70 70 ns FIGURE 5 – READ WAVEFORMS ADDRESS CS# OE# OUTPUT NOTE: OE# may be delayed up to tACS-tOE after the falling edge of CS# without impact on tOE or by tACC-tOE after an address change without impact on tACC. READ |
Similar Part No. - WE512K8-150CC |
|
Similar Description - WE512K8-150CC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |