Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED3DG7266V75D1I-XX Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WED3DG7266V75D1I-XX
Description  512MB - 64Mx72 SDRAM, UNBUFFERED, w/PLL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3DG7266V75D1I-XX Datasheet(HTML) 6 Page - White Electronic Designs Corporation

  WED3DG7266V75D1I-XX Datasheet HTML 1Page - White Electronic Designs Corporation WED3DG7266V75D1I-XX Datasheet HTML 2Page - White Electronic Designs Corporation WED3DG7266V75D1I-XX Datasheet HTML 3Page - White Electronic Designs Corporation WED3DG7266V75D1I-XX Datasheet HTML 4Page - White Electronic Designs Corporation WED3DG7266V75D1I-XX Datasheet HTML 5Page - White Electronic Designs Corporation WED3DG7266V75D1I-XX Datasheet HTML 6Page - White Electronic Designs Corporation WED3DG7266V75D1I-XX Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
WED3DG7266V-D1
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
Febuary 2006
Rev. 2
PRELIMINARY
PART NUMBERING GUIDE
WED 3 D G 7266 V xx D1 I- x G
WEDC
MEMORY
SDRAM
GOLD
DEPTH & BUS WIDTH
3.3 VOLTS
CLOCK SPEED (MHz)
10 = 100MHz @ CL = 2
7 = 133MHz @ CL = 2
75 = 133MHz @ CL = 3
PACKAGE 144 PIN SO-DIMM
INDUSTRIAL TEMP
COMPONENT VENDOR NAME
(M = Micron)
(S = Samsung)
G = ROHS COMPLIANT


Similar Part No. - WED3DG7266V75D1I-XX

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG7264V-D1 WEDC-WED3DG7264V-D1 Datasheet
188Kb / 9P
   512MB - 2x32Mx72 SDRAM, UNBUFFERED w/PLL
WED3DG7264V10D1 WEDC-WED3DG7264V10D1 Datasheet
188Kb / 9P
   512MB - 2x32Mx72 SDRAM, UNBUFFERED w/PLL
WED3DG7264V75D1 WEDC-WED3DG7264V75D1 Datasheet
188Kb / 9P
   512MB - 2x32Mx72 SDRAM, UNBUFFERED w/PLL
WED3DG7264V7D1 WEDC-WED3DG7264V7D1 Datasheet
188Kb / 9P
   512MB - 2x32Mx72 SDRAM, UNBUFFERED w/PLL
More results

Similar Description - WED3DG7266V75D1I-XX

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3EG7266S-AD4 WEDC-W3EG7266S-AD4 Datasheet
191Kb / 13P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED ECC w/PLL
W3DG7268V-D1 WEDC-W3DG7268V-D1 Datasheet
177Kb / 10P
   512MB- 64Mx72 SDRAM UNBUFFERED
WV3HG64M72EEU-PD4 WEDC-WV3HG64M72EEU-PD4 Datasheet
150Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM, UNBUFFERED SO-DIMM, w/PLL
W3DG7268V-AD1 WEDC-W3DG7268V-AD1 Datasheet
151Kb / 9P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3DG7265V-D2 WEDC-W3DG7265V-D2 Datasheet
102Kb / 5P
   512MB- 64Mx72 SDRAM UNBUFFERED
W3EG7264S-JD3 WEDC-W3EG7264S-JD3 Datasheet
173Kb / 11P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
W3EG7266S-D3 WEDC-W3EG7266S-D3 Datasheet
172Kb / 12P
   512MB - 64Mx72 DDR SDRAM REGISTERED w/PLL
WV3HG64M72AER-AD6 WEDC-WV3HG64M72AER-AD6 Datasheet
161Kb / 10P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, w/PLL
W3EG7263S-D3 WEDC-W3EG7263S-D3 Datasheet
219Kb / 13P
   512MB- 64Mx72 DDR SDRAM REGISTERED w/PLL
WV3EG64M72ETSU-D3 WEDC-WV3EG64M72ETSU-D3 Datasheet
230Kb / 10P
   512MB - 64Mx72 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com