Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED3EG6418S335D4 Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WED3EG6418S335D4
Description  128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED3EG6418S335D4 Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WED3EG6418S335D4 Datasheet HTML 1Page - White Electronic Designs Corporation WED3EG6418S335D4 Datasheet HTML 2Page - White Electronic Designs Corporation WED3EG6418S335D4 Datasheet HTML 3Page - White Electronic Designs Corporation WED3EG6418S335D4 Datasheet HTML 4Page - White Electronic Designs Corporation WED3EG6418S335D4 Datasheet HTML 5Page - White Electronic Designs Corporation WED3EG6418S335D4 Datasheet HTML 6Page - White Electronic Designs Corporation WED3EG6418S335D4 Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
WED3EG6418S-D4
Oct. 2002
Rev. # 0
FINAL
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Voltage on any pin relative to VSS
VIN, VOUT
-0.5 ~ 3.6
V
Voltage on VCC supply relative to VSS
VCC, VCCQ
-1.0 ~ 3.6
V
Storage Temperature
TSTG
-55 ~ +150
°C
Power Dissipation
PD
8W
Short Circuit Current
IOS
50
mA
Note:
Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
DC CHARACTERISTICS
(tA = 0 to 70°C, VCC = 2.5V ± 0.2V)
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
2.3
2.7
V
Supply Voltage
VCCQ
2.3
2.7
V
Reference Voltage
VREF
VCCQ/2-50mV
VCCQ/2+50mV
V
Termination Voltage
VTT
VREF-0.04
VREF+0.04
V
Input High Voltage
VIH
VREF+0.15
VCCQ+0.3
V
Input Low Voltage
VIL
-0.3
VREF+0.15
V
Output High Voltage
VOH
VTT+0.76
V
Output Low Voltage
VOL
—VTT-0.76
V
CAPACITANCE
(tA = 23°C, f = 1MHz, VCC = 3.3V, VREF=1.4V ± 200mV)
Parameter
Symbol
Min
Max
Unit
Input Capacitance (A0-A12)
CIN1-
34
pF
Input Capacitance (RAS#,CAS#,WE#)
CIN2-
34
pF
Input Capacitance (CKE0)
CIN3-
34
pF
Input Capacitance (CK0, CK0#)
CIN4
-
30
pF
Input Capacitance (CS0#)
CIN5
-
30
pF
Input Capacitance (DQM0-DQM8)
CIN6
-
10
pF
Input Capacitance (BA0-BA1)
CIN7-
45
pF
Data input/output capacitance (DQ0-DQ63)(DQS)
COUT
-10
pF


Similar Part No. - WED3EG6418S335D4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
WED3EG6417S202D4 WEDC-WED3EG6417S202D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
WED3EG6417S262D4 WEDC-WED3EG6417S262D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
WED3EG6417S265D4 WEDC-WED3EG6417S265D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
More results

Similar Description - WED3EG6418S335D4

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
W3EG7218S-AD4 WEDC-W3EG7218S-AD4 Datasheet
164Kb / 13P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED w/PLL
W3DG6417V-D2 WEDC-W3DG6417V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6418V-D1 WEDC-W3DG6418V-D1 Datasheet
135Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6418V-AD1 WEDC-W3DG6418V-AD1 Datasheet
123Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
WED3DG6419V-D2 WEDC-WED3DG6419V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6418V-D2 WEDC-W3DG6418V-D2 Datasheet
127Kb / 7P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6416V-D1 WEDC-W3DG6416V-D1 Datasheet
126Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
W3DG6416V-D2 WEDC-W3DG6416V-D2 Datasheet
101Kb / 5P
   128MB-16Mx64 SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com