Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H1344V143DL8A Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # H1344V143DL8A
Description  CMOS Circuit for Analog Quartz Clocks with Bipolar Stepping Motor Drive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

H1344V143DL8A Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  H1344V143DL8A Datasheet HTML 1Page - EM Microelectronic - MARIN SA H1344V143DL8A Datasheet HTML 2Page - EM Microelectronic - MARIN SA H1344V143DL8A Datasheet HTML 3Page - EM Microelectronic - MARIN SA H1344V143DL8A Datasheet HTML 4Page - EM Microelectronic - MARIN SA H1344V143DL8A Datasheet HTML 5Page - EM Microelectronic - MARIN SA H1344V143DL8A Datasheet HTML 6Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
R
H1344
Copyright © 2004, EM Microelectronic-Marin SA
4
www.emmicroelectronic.com
Functional Description
Oscillator and Frequency Divider
The quartz oscillator consists of an inverter, internal
feedback resistance to bias the input and integrated
capacitors. The values of the integrated capacitors are
selectable by metal mask. The oscillator is designed for
32768Hz.
Motor Drive Output
The circuit contains two push-pull output buffers for driving
bipolar stepping motors. Between two pulses, both P-
channel transistor of the other buffer are conducting. The
outputs are protected against inductive voltage spikes with
diodes to both supply pins.
Both the motor pulse period and motor pulse width are
programmable by metal mask over a wide range of values
(see page 6 for available options).
Alarm Output
The alarm is activated by connecting ALARMIN to VSS and is
deactivated by opening the connection. A metal mask
option is available to program a continuous activation of the
alarm output.
The alarm output driver contains a push-pull output buffer
to drive an external sound source by means of an external
bipolar transistor. A metal mask option is available to allow
the use of NPN or PNP-transistors.
The tone frequency, modulation frequency, modulation
frequency and cycle time (ON/OFF time) are metal mask
selectable.
Test Mode
The ALARMIN pin fulfills three functions:
a) For normal operation, the ALARMIN pin is left open.
The circuit provides a square wave signal of 1024Hz,
which can be used to tune the oscillator.
b) If the pin is connected to VSS, the alarm signal is
provided at pin 6.
c)
If the ALARMIN pin is connected to VDD, all output
frequencies are increased by a factor of 64, the alarm
modulation of fA1 = 8Hz and fA = 2kHz are suppressed.
Test configuration
1.5V
+
H1344
V40
V41
V47
1
2
3
4
8
7
6
5
Alarm Output
CTR
R
Test
M
Operating range of trimmer
Capacitance: 1.5 pF
≤ CTR ≤ 30 pF
Fig. 5


Similar Part No. - H1344V143DL8A

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H134 HSMC-H134 Datasheet
268Kb / 8P
   Constant Voltage and Constant Current Control
More results

Similar Description - H1344V143DL8A

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
H1137 EMMICRO-H1137 Datasheet
166Kb / 6P
   CMOS circuit for Analog Quartz Watches
logo
Rohm
BD6380EFV ROHM-BD6380EFV Datasheet
299Kb / 6P
   Bipolar stepping motor driver
BD6387EFV ROHM-BD6387EFV Datasheet
301Kb / 6P
   Bipolar stepping motor driver
BD6389FM ROHM-BD6389FM Datasheet
296Kb / 6P
   Bipolar stepping motor driver
BD6384EFV-E2 ROHM-BD6384EFV-E2 Datasheet
309Kb / 6P
   Bipolar stepping motor driver
BD6383EFV ROHM-BD6383EFV Datasheet
300Kb / 6P
   Bipolar stepping motor driver
BD6384EFV ROHM-BD6384EFV Datasheet
309Kb / 6P
   Bipolar stepping motor driver
BD6385EFV ROHM-BD6385EFV Datasheet
301Kb / 6P
   Bipolar stepping motor driver
BD6290EFV ROHM-BD6290EFV Datasheet
298Kb / 5P
   Bipolar stepping motor driver
BD6381EFV ROHM-BD6381EFV Datasheet
283Kb / 5P
   Bipolar stepping motor driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com