Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WE32K32N-120G2UCA Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WE32K32N-120G2UCA
Description  32Kx32 EEPROM MODULE, SMD 5962-94614
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WE32K32N-120G2UCA Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WE32K32N-120G2UCA Datasheet HTML 1Page - White Electronic Designs Corporation WE32K32N-120G2UCA Datasheet HTML 2Page - White Electronic Designs Corporation WE32K32N-120G2UCA Datasheet HTML 3Page - White Electronic Designs Corporation WE32K32N-120G2UCA Datasheet HTML 4Page - White Electronic Designs Corporation WE32K32N-120G2UCA Datasheet HTML 5Page - White Electronic Designs Corporation WE32K32N-120G2UCA Datasheet HTML 6Page - White Electronic Designs Corporation WE32K32N-120G2UCA Datasheet HTML 7Page - White Electronic Designs Corporation WE32K32N-120G2UCA Datasheet HTML 8Page - White Electronic Designs Corporation WE32K32N-120G2UCA Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WE32K32-XXX
March 2006
Rev. 4
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
FIGURE 3
AC Test Circuit
DC CHARACTERISTICS
VCC = 5.0V, GND = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
Conditions
-80
-90
-120
-150
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Input Leakage Current
ILI
VCC = 5.5, VIN = GND to VCC
10
10
10
10
µA
Output Leakage Current
ILOx32
CS# = VIH, OE# = VIH, VOUT = GND to
VCC
10
10
10
10
µA
Operating Supply Current (x32)
ICCx32
CS# = VIL, OE# = VIH, f = 5MHz
320
250
200
150
mA
Standby Current
ISB
CS# = VIH, OE# = VIH, f = 5MHz
2.5
2.5
2.5
2.5
mA
Output Low Voltage
VOL
IOL = 2.1mA, VCC = 4.5V
0.45
0.45
0.45
0.45
V
Output High Voltage
VOH
IOH = -400µA, VCC = 4.5V
2.4
2.4
2.4
2.4
V
TRUTH TABLE
CS#
OE#
WE#
Mode
Data I/O
H
X
X
Standby
High Z
L
L
H
Read
Data Out
L
H
L
Write
Data In
X
H
X
Out Disable
High Z/Data Out
X
X
H
Write
X
L
X
Inhibit
CAPACITANCE
TA = +25°C
Parameter
Symbol
Conditions
Max Unit
Address input capacitance
OE# capacitance
CAD
COE
VIN = 0 V, f = 1.0 MHz
50
pF
WE# capacitance
CWE
VIN = 0 V, f = 1.0 MHz
50
pF
CS1-4# capacitance
CCS
VIN = 0 V, f = 1.0 MHz
25
pF
Data I/O capacitance
CI/O
VI/O = 0 V, f = 1.0 MHz
40
pF
This parameter is guaranteed by design but not tested.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Unit
Operating Temperature
TA
-55 to +125
°C
Storage Temperature
TSTG
-65 to +150
°C
Signal Voltage Relative to GND
VG
-0.6 to + 6.25
V
Voltage on OE# and A9
-0.6 to +13.5
V
NOTE:
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent
damage to the device. This is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
4.5
5.5
V
Input High Voltage
VIH
2.0
VCC + 0.3
V
Input Low Voltage
VIL
-0.3
+0.8
V
Operating Temp. (Mil.)
TA
-55
+125
°C
Operating Temp. (Ind.)
TA
-40
+85
°C
AC TEST CONDITIONS
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 3.0
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V
Notes: VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75Ω.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.


Similar Part No. - WE32K32N-120G2UCA

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WE320 XPPOWER-WE320 Datasheet
162Kb / 2P
   DC-DC Power Supplies
WE320 XPPOWER-WE320 Datasheet
84Kb / 2P
   DC-DC Power Supplies
WE320 XPPOWER-WE320_06 Datasheet
84Kb / 2P
   DC-DC Power Supplies
More results

Similar Description - WE32K32N-120G2UCA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WE128K32-XXX WEDC-WE128K32-XXX Datasheet
620Kb / 14P
   128Kx32 EEPROM MODULE, SMD 5962-94585
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WE512K8 WEDC-WE512K8 Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
   512Kx32 SRAM MODULE, SMD 5962-94611
WS128K32XXX WEDC-WS128K32XXX Datasheet
379Kb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com