Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-553X Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HCPL-553X
Description  Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-553X Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HCPL-553X Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-553X Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-553X Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-553X Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-553X Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-553X Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-553X Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-553X Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-553X Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Figure 1. Input Diode Forward Current vs.
Forward Voltage.
Figure 2. DC and Pulsed Transfer
Characteristic.
Figure 3. Normalized Current Transfer Ratio
vs. Input Diode Forward Current.
Figure 4. Logic High Output Current vs.
Temperature.
Figure 5. Logic Low Supply Current vs. Input
Diode Forward Current.
Figure 6. Propagation Delay vs. Temperature.
Figure 7. Normalized Small Signal Current
Transfer Ratio vs. Quiescent Input Current.
-60
140
100
0.001
TA - TEMPERATURE - ˚C
-40
20 40 60
10
1
0.1
120
0.01
-20
80
0
100
IF = 250 µA,
IF (OTHER CHANNELS) = 20 mA
IF = 0 µA,
IF (OTHER CHANNELS) = 20 mA
IF = IF (OTHER CHANNELS)
= 0 mA
VCC = VO = 18 V


Similar Part No. - HCPL-553X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-553X HP-HCPL-553X Datasheet
244Kb / 12P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-553X AVAGO-HCPL-553X Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
More results

Similar Description - HCPL-553X

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-6551 AVAGO-HCPL-6551 Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
Agilent(Hewlett-Packard...
4N55 HP-4N55 Datasheet
244Kb / 12P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5531 AVAGO-HCPL-5531 Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
Broadcom Corporation.
4N55 BOARDCOM-4N55 Datasheet
1Mb / 15P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-257K AVAGO-HCPL-257K Datasheet
191Kb / 13P
   Hermetically Sealed, Transistor Output Optocouplers for Analog and Digital Applications
HCPL-6531 AVAGO-HCPL-6531 Datasheet
190Kb / 13P
   Hermetically Sealed, Tansistor Output Optocouplers for Analog and Digital Applications
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com