Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED7P256ATA7004I25 Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # WED7P256ATA7004I25
Description  128MB to 1GB Industrial ATA Flash
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED7P256ATA7004I25 Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button WED7P256ATA7004I25 Datasheet HTML 4Page - White Electronic Designs Corporation WED7P256ATA7004I25 Datasheet HTML 5Page - White Electronic Designs Corporation WED7P256ATA7004I25 Datasheet HTML 6Page - White Electronic Designs Corporation WED7P256ATA7004I25 Datasheet HTML 7Page - White Electronic Designs Corporation WED7P256ATA7004I25 Datasheet HTML 8Page - White Electronic Designs Corporation WED7P256ATA7004I25 Datasheet HTML 9Page - White Electronic Designs Corporation WED7P256ATA7004I25 Datasheet HTML 10Page - White Electronic Designs Corporation WED7P256ATA7004I25 Datasheet HTML 11Page - White Electronic Designs Corporation WED7P256ATA7004I25 Datasheet HTML 12Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED7PxxxATA70xxI25
July 2005
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
AC CHARACTERISTICS
VCC = 3.3 V ± 5%, 5 V ± 0.5V, -40°C ≤ TA ≤ 85°C
Attribute Memory Read AC Characteristics
SYMBOL
PARAMETER
MIN
MAX
UNIT
tC
Read cycle time
250
ns
tA
Address access time
250
tA
CE# access time
250
tA
OE# access time
125
tDIS
Output disable time (CE#)
100
tDIS
Output disable time (OE#)
100
tEN
Output enable time (CE#)
5
tEN
Output enable time (OE#)
5
tV
Data valid time (A)
0
tSU
Address setup time
30
Attribute Memory Write AC Characteristics
SYMBOL
PARAMETER
MIN
MAX
UNIT
tC
Write cycle time
250
ns
tW
Write pulse time
150
tSU
Address setup time
30
tSU
Data setup time (-WE)
80
tH
Data hold time
30
tREC
Write recover time
30
I/O Access Read AC Characteristics
SYMBOL
PARAMETER
MIN
MAX
UNIT
tD
Data delay after IORD#
100
ns
tH
Data hold following IORD#
0
tW
IORD# pulse width
165
tSUA
Address setup before IORD#
70
tHA
Address hold following IORD#
20
tSUCE
CE# setup before IORD#
5
tHCE
CE# hold following IORD#
20
tSUREG
REG# setup before IORD#
5
tHREG
REG# hold following -IORD
0
tDFINPACK
INPACK# delay failing from IORD#
0
45
tDRINPACK
INPACK# delay rising from IORD#
45
tDFIOIS16
IOIS#16 delay failing from address
35
tDRIOIS16
IOIS#16 delay rising from address
35


Similar Part No. - WED7P256ATA7004I25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7P256ATA8003C25 WEDC-WED7P256ATA8003C25 Datasheet
222Kb / 10P
   32MB to 4GB Flash Card
WED7P256ATA8004C25 WEDC-WED7P256ATA8004C25 Datasheet
222Kb / 10P
   32MB to 4GB Flash Card
More results

Similar Description - WED7P256ATA7004I25

ManufacturerPart #DatasheetDescription
logo
Micron Technology
PC28F512G18FF MICRON-PC28F512G18FF Datasheet
1Mb / 118P
   128Mb, 256Mb, 512Mb, 1Gb StrataFlash Memory
logo
Samsung semiconductor
K9F1G08U0D SAMSUNG-K9F1G08U0D Datasheet
687Kb / 38P
   1Gb NAND Flash
logo
List of Unclassifed Man...
AP-FD18A20B0001GR ETC2-AP-FD18A20B0001GR Datasheet
275Kb / 18P
   ATA Flash Drive ?
AP-FD18A20C0004GS-DTM ETC2-AP-FD18A20C0004GS-DTM Datasheet
189Kb / 18P
   ATA Flash Drive
logo
Hitachi Semiconductor
HB28C048A6 HITACHI-HB28C048A6 Datasheet
168Kb / 66P
   FLASH ATA Card
HB2881000A6 HITACHI-HB2881000A6 Datasheet
169Kb / 66P
   FLASH ATA Card
HB288800A5 HITACHI-HB288800A5 Datasheet
170Kb / 66P
   FLASH ATA Card
logo
Samsung semiconductor
K8S2815ETE SAMSUNG-K8S2815ETE Datasheet
1Mb / 55P
   128Mb E-die NOR FLASH
logo
Transcend Information. ...
TS128MUFM-H TRANSCEND-TS128MUFM-H Datasheet
483Kb / 7P
   128MB~8GB USB Flash Module
TS128MUFM-H TRANSCEND-TS128MUFM-H_1 Datasheet
379Kb / 7P
   128MB~8GB USB Flash Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com