Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED7P128CFA7001I25 Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # WED7P128CFA7001I25
Description  CompactFlashTM Card
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED7P128CFA7001I25 Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button WED7P128CFA7001I25 Datasheet HTML 4Page - White Electronic Designs Corporation WED7P128CFA7001I25 Datasheet HTML 5Page - White Electronic Designs Corporation WED7P128CFA7001I25 Datasheet HTML 6Page - White Electronic Designs Corporation WED7P128CFA7001I25 Datasheet HTML 7Page - White Electronic Designs Corporation WED7P128CFA7001I25 Datasheet HTML 8Page - White Electronic Designs Corporation WED7P128CFA7001I25 Datasheet HTML 9Page - White Electronic Designs Corporation WED7P128CFA7001I25 Datasheet HTML 10Page - White Electronic Designs Corporation WED7P128CFA7001I25 Datasheet HTML 11Page - White Electronic Designs Corporation WED7P128CFA7001I25 Datasheet HTML 12Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED7PxxxCFA70xxI25
July 2005
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
AC CHARACTERISTICS
VCC = 3.3 V ± 5%, 5 V ± 0.5V, -40°C ≤ TA ≤ 85°C
Attribute Memory Read AC Characteristics
SYMBOL
PARAMETER
MIN
MAX
UNIT
tC
Read cycle time
250
ns
tA
Address access time
250
tA
CE# access time
250
tA
OE# access time
125
tDIS
Output disable time (CE#)
100
tDIS
Output disable time (OE#)
100
tEN
Output enable time (CE#)
5
tEN
Output enable time (OE#)
5
tV
Data valid time (A)
0
tSU
Address setup time
30
Attribute Memory Write AC Characteristics
SYMBOL
PARAMETER
MIN
MAX
UNIT
tC
Write cycle time
250
ns
tW
Write pulse time
150
tSU
Address setup time
30
tSU
Data setup time (-WE)
80
tH
Data hold time
30
tREC
Write recover time
30
I/O Access Read AC Characteristics
SYMBOL
PARAMETER
MIN
MAX
UNIT
tD
Data delay after IORD#
100
ns
tH
Data hold following IORD#
0
tW
IORD# pulse width
165
tSUA
Address setup before IORD#
70
tHA
Address hold following IORD#
20
tSUCE
CE# setup before IORD#
5
tHCE
CE# hold following IORD#
20
tSUREG
REG# setup before IORD#
5
tHREG
REG# hold following -IORD
0
tDFINPACK
INPACK# delay failing from IORD#
0
45
tDRINPACK
INPACK# delay rising from IORD#
45
tDFIOIS16
IOIS#16 delay failing from address
35
tDRIOIS16
IOIS#16 delay rising from address
35


Similar Part No. - WED7P128CFA7001I25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7P128CFA8000C25 WEDC-WED7P128CFA8000C25 Datasheet
239Kb / 11P
   CompactFlashTM Card
WED7P128CFA8001C25 WEDC-WED7P128CFA8001C25 Datasheet
239Kb / 11P
   CompactFlashTM Card
More results

Similar Description - WED7P128CFA7001I25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7PXXXCFA80XXC25 WEDC-WED7PXXXCFA80XXC25 Datasheet
239Kb / 11P
   CompactFlashTM Card
logo
Transcend Information. ...
TS0MCF2PC TRANSCEND-TS0MCF2PC Datasheet
115Kb / 2P
   CompactFlashTM Adapter
logo
FCI connector
VJW54076 FCI-CONNECTOR-VJW54076 Datasheet
117Kb / 1P
   CARD READER WITHOUT CARD
logo
Texas Instruments
PCI7510 TI1-PCI7510_08 Datasheet
139Kb / 6P
[Old version datasheet]   PC Card, Smart Card
logo
Toshiba Semiconductor
TC6387XB TOSHIBA-TC6387XB Datasheet
1Mb / 62P
   SD Memory Card / SDIO Card Controller
logo
ALPS ELECTRIC CO.,LTD.
SCHC ALPS-SCHC Datasheet
91Kb / 2P
   SD Card Adapter (for microSD??Card)
SCHF ALPS-SCHF Datasheet
87Kb / 2P
   miniSDTM Card Adapter (for microSD??Card)
logo
Texas Instruments
PCI7510 TI-PCI7510 Datasheet
1Mb / 234P
[Old version datasheet]   PC Card, Smart Card and Integrated
logo
Greenliant systems
G7101 GREENLIANT-G7101 Datasheet
158Kb / 6P
   G-card (Greenliant PCIe flash card)
logo
Texas Instruments
RI-TRP-R4FF TI1-RI-TRP-R4FF_16 Datasheet
645Kb / 5P
[Old version datasheet]   CARD TRANSPONDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com