Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H1137WW27 Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # H1137WW27
Description  CMOS circuit for Analog Quartz Watches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

H1137WW27 Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  H1137WW27 Datasheet HTML 1Page - EM Microelectronic - MARIN SA H1137WW27 Datasheet HTML 2Page - EM Microelectronic - MARIN SA H1137WW27 Datasheet HTML 3Page - EM Microelectronic - MARIN SA H1137WW27 Datasheet HTML 4Page - EM Microelectronic - MARIN SA H1137WW27 Datasheet HTML 5Page - EM Microelectronic - MARIN SA H1137WW27 Datasheet HTML 6Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
R
H1137
Copyright
© 2004, EM Microelectronic-Marin SA
4
www.emmicroelectronic.com
Block Diagram
O s c illator
In itia l D iv id e r
Pu ls e W id th
D iv ider
Div id e r 1 H z
P u ls e R e p e titio n
Div id e r
M o to r Log ic
M a ste r R e se t
Mo to r D riv e r
Test Lo gic
OS C
IN
OS C
OU T
TE S T
M O T
1
MO T
2
RE SET
Fig. 4
Pin Assignments
Name
Function
VN
VP
OSCIN
OSCOUT
MOT1
MOT2
RESET
TEST
Negative supply voltage
Positive supply voltage
Oscillator input
Oscillator output
Motor drive output 1
Motor drive output 2
Reset input
Test input / output
Functional Description
Oscillator
The 32’768Hz clock frequency is generated by a crystal
oscillator. Input and output capacitors are integrated in
the chip. Their values are metal mask selectable.
Motor drive output
The H1137 contains two push-pull output buffers for driv-
ing bipolar stepping motors (see Fig. 3). Between two
pulses, the two p-channel devices are active for motor
damping.
Reset
Pulling the RESET input to VP resets the frequency di-
viders and disables the motor pulses. Motor pulses in
progress when the RESET function is applied, will be
completed. After releasing the RESET pad from VP, the
next motor pulse appears with a delay of one half motor
cycle on the drive output MOT1 if the last motor pulse
appeared on MOT2 or vice-versa (see Fig. 3). Due to the
debounce circuitry on the RESET input, VP must be ap-
plied for at least 23.4 ms to be accepted as RESET.
Test mode
The TEST pad fulfils two functions:
a) For normal operation, the TEST pad is left open. The
circuit outputs a square wave signal of 512Hz which
can be used for tuning the oscillator.
b) If the TEST pad is connected to VP, the period for
the motor pulses changes to either 2 x 31.25 ms or
2 x 62.5 ms (mask options), while the motor pulse
width remains unchanged (fast motor test).
Test
Test Pad
Function
Description
Connected to
VP
Open
Fast motor
test
Normal
operation
Increase the frequency for the
motor pulses to 16Hz (32Hz)
Output of square wave signal
(512Hz)
Test configuration
Operating range of Trimmer Capacitance:
3pF
≤ CTR ≤ 30 pF
RL
Reset
CTR
VN
VP
VP
VP
Test
Fig. 5


Similar Part No. - H1137WW27

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H1138 ETC-H1138 Datasheet
189Kb / 4P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Pulse A Technitrol Comp...
H1138NL PULSE-H1138NL Datasheet
582Kb / 3P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
H1138NL PULSE-H1138NL Datasheet
527Kb / 5P
   10/100 base -t single port TRANSFORMER MODULES
H1138NL4 PULSE-H1138NL4 Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES With 1:1 Transmit Turns Ratios
H1138NL4 PULSE-H1138NL4 Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
More results

Similar Description - H1137WW27

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM1537 EMMICRO-EM1537 Datasheet
238Kb / 7P
   Low Power 32 kHz Circuit for Analog Quartz Watches
logo
List of Unclassifed Man...
VT-150-F ETC2-VT-150-F Datasheet
36Kb / 1P
   Quartz Crystal Units for Watches
logo
EM Microelectronic - MA...
H1344 EMMICRO-H1344 Datasheet
217Kb / 6P
   CMOS Circuit for Analog Quartz Clocks with Bipolar Stepping Motor Drive
logo
Toshiba Semiconductor
JTMP0360-002S TOSHIBA-JTMP0360-002S Datasheet
2Mb / 50P
   LSI for LCD Watches
logo
STMicroelectronics
MTC20154 STMICROELECTRONICS-MTC20154 Datasheet
533Kb / 21P
   INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
logo
NEC
UPC1397C NEC-UPC1397C Datasheet
548Kb / 7P
   BIPOLAR ANALOG INTERGRATED CIRCUIT(ANALOG INTERFACE CIRCUIT FOR TELETEXT SYSTEM)
logo
STMicroelectronics
STLC60134S STMICROELECTRONICS-STLC60134S Datasheet
166Kb / 22P
   TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
MTC20454 STMICROELECTRONICS-MTC20454 Datasheet
513Kb / 15P
   QUAD INTEGRATED ADSL CMOS ANALOG FRONT END CIRCUIT
ST70134 STMICROELECTRONICS-ST70134_V01 Datasheet
157Kb / 22P
   ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
January 2001
logo
Panasonic Semiconductor
AN5355 PANASONIC-AN5355 Datasheet
157Kb / 5P
   ANALOG INTERFACE CIRCUIT FOR TELETEXT SYSTEMS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com