Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H1137WW27 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # H1137WW27
Description  CMOS circuit for Analog Quartz Watches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

H1137WW27 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  H1137WW27 Datasheet HTML 1Page - EM Microelectronic - MARIN SA H1137WW27 Datasheet HTML 2Page - EM Microelectronic - MARIN SA H1137WW27 Datasheet HTML 3Page - EM Microelectronic - MARIN SA H1137WW27 Datasheet HTML 4Page - EM Microelectronic - MARIN SA H1137WW27 Datasheet HTML 5Page - EM Microelectronic - MARIN SA H1137WW27 Datasheet HTML 6Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
R
H1137
Copyright
© 2004, EM Microelectronic-Marin SA
2
www.emmicroelectronic.com
Absolute Maximum Ratings
Parameter
Symbol
Min.
Typ.
Max.
Units
Supply voltage
Voltage applied
to other terminals
Storage tem-
perature
VN
TSTOR
-3.6
VN –0.3
-55
+0.2
VP +0.3
+125
V
V
°C
Stresses beyond these listed maximum ratings may
cause permanent damage to the device. Exposure to
conditions beyond specified operating conditions may
affect device reliability or cause malfunction.
Recommended Operating Conditions
Parameter
Symbol
Value
Units
Ambient temperature
Quartz frequency
Quartz series resistance
Motor coil resistance
Positive supply
Negative supply
Supply source resistance
T
fQ
RQ
RM
VP
VN
RI
25
32768
30
2.0
0
-1.55
10
°C
Hz
kΩ
kΩ
V
V
Handling Procedures
This device contains circuitry to protect the terminals
against damage due to high static voltages or electrical
fields. However, it is advised that normal precautions be
taken to avoid application of any voltage higher than
maximum rated voltages to this circuit.
Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Operating temperature
Quartz series resistance
Trimmer capacitance
TOPR
CTR
-10
3
30
+60
50
30
°C
k Ω
pF
Electrical and Switching Characteristics
at recommended operating conditions unless otherwise specified
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply voltage range
Mean dynamic current
VN
IDYN
Without motor and quartz,
32kHz inverted square wave forced
at OSCIN and OSCOUT, TEST open
-1.8
-1.55
90
-1.2
150
V
nA
Mean current consumption
IN
With quartz, without motor,
TEST open, CTR = 12 pF
200
350
nA
Oscillator
Transconductance
Starting voltage
Starting time
gm
VST
TST
VN = 1.2V, VPP = 300mV
Within 10 seconds
Recommended operating conditions
2.5
0.75
2
µmho
V
s
Stability df / f*dVN
Between –1.4V and –1.6V
1.5
ppm/V
Motors Drivers
Voltage across motor
Voltage across motor
Voltage across motor
Short circuit impedance
VMOT
VMOT
VMOT
RCC
VN = -1.55V, RM = 2k Ω
VN = -1.25V, RM = 2k Ω
RI = 300 Ω, TOPR
Between motor pulses
1.35
1.0
1.0
1.40
1.10
1.20
150
300
V
V
V
Test Input / Output
Amplitude
Mean current
VTST
ITST
ZI = 30pF // 1M Ω
Pad connected to VP
1.35
70
250
VPP
nA
Reset Input
Debounce delay
Input current after debounce delay
*
TS
IS
Pad connected to VP
7.81
7
23.43
50
ms
nA
* Is the average input current, modulated by a frequency of 64 Hz


Similar Part No. - H1137WW27

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H1138 ETC-H1138 Datasheet
189Kb / 4P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Pulse A Technitrol Comp...
H1138NL PULSE-H1138NL Datasheet
582Kb / 3P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
H1138NL PULSE-H1138NL Datasheet
527Kb / 5P
   10/100 base -t single port TRANSFORMER MODULES
H1138NL4 PULSE-H1138NL4 Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES With 1:1 Transmit Turns Ratios
H1138NL4 PULSE-H1138NL4 Datasheet
482Kb / 5P
   10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
More results

Similar Description - H1137WW27

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM1537 EMMICRO-EM1537 Datasheet
238Kb / 7P
   Low Power 32 kHz Circuit for Analog Quartz Watches
logo
List of Unclassifed Man...
VT-150-F ETC2-VT-150-F Datasheet
36Kb / 1P
   Quartz Crystal Units for Watches
logo
EM Microelectronic - MA...
H1344 EMMICRO-H1344 Datasheet
217Kb / 6P
   CMOS Circuit for Analog Quartz Clocks with Bipolar Stepping Motor Drive
logo
Toshiba Semiconductor
JTMP0360-002S TOSHIBA-JTMP0360-002S Datasheet
2Mb / 50P
   LSI for LCD Watches
logo
STMicroelectronics
MTC20154 STMICROELECTRONICS-MTC20154 Datasheet
533Kb / 21P
   INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
logo
NEC
UPC1397C NEC-UPC1397C Datasheet
548Kb / 7P
   BIPOLAR ANALOG INTERGRATED CIRCUIT(ANALOG INTERFACE CIRCUIT FOR TELETEXT SYSTEM)
logo
STMicroelectronics
STLC60134S STMICROELECTRONICS-STLC60134S Datasheet
166Kb / 22P
   TOSCA INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
MTC20454 STMICROELECTRONICS-MTC20454 Datasheet
513Kb / 15P
   QUAD INTEGRATED ADSL CMOS ANALOG FRONT END CIRCUIT
ST70134 STMICROELECTRONICS-ST70134_V01 Datasheet
157Kb / 22P
   ASCOTTM INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
January 2001
logo
Panasonic Semiconductor
AN5355 PANASONIC-AN5355 Datasheet
157Kb / 5P
   ANALOG INTERFACE CIRCUIT FOR TELETEXT SYSTEMS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com