Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WE512K8-250CMA Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # WE512K8-250CMA
Description  512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WE512K8-250CMA Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  WE512K8-250CMA Datasheet HTML 1Page - White Electronic Designs Corporation WE512K8-250CMA Datasheet HTML 2Page - White Electronic Designs Corporation WE512K8-250CMA Datasheet HTML 3Page - White Electronic Designs Corporation WE512K8-250CMA Datasheet HTML 4Page - White Electronic Designs Corporation WE512K8-250CMA Datasheet HTML 5Page - White Electronic Designs Corporation WE512K8-250CMA Datasheet HTML 6Page - White Electronic Designs Corporation WE512K8-250CMA Datasheet HTML 7Page - White Electronic Designs Corporation WE512K8-250CMA Datasheet HTML 8Page - White Electronic Designs Corporation WE512K8-250CMA Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
WE512K8, WE256K8,
WE128K8-XCX
5
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
May 2000
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
Figure 5 shows Read cycle waveforms. A read cycle begins
with selection address, chip select and output enable. Chip
select is accomplished by placing the CS# line low. Output
enable is done by placing the OE# line low. The memory
places the selected data byte on I/O0 through I/O7 after the
access time. The output of the memory is placed in a high
impedance state shortly after either the OE# line or CS# line
is returned to a high level.
AC READ CHARACTERISTICS (See Figure 5)
FOR WE512K8-XCX
VCC = 5.0V, VSS = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
-150
-200
-250
-300
Unit
Min
Max
Min
Max
Min
Max
Min
Max
Read Cycle Time
trc
150
200
250
300
ns
Address Access Time
tacc
150
200
250
300
ns
Chip Select Access Time
tacs
150
200
250
300
ns
Output Hold from Address Change, OE# or CS#
toh
0000
ns
Output Enable to Output Valid
toe
85
85
100
125
ns
Chip Select or Output Enable to High Z Output
tdf
70
70
70
70
ns
FOR WE256K8-XCX and WE128K8-XCX
Parameter
Symbol
-150
-200
Unit
Min
Max
Min
Max
Read Cycle Time
trc
150
200
ns
Address Access Time
tacc
150
200
ns
Chip Select Access Time
tacs
150
200
ns
Output Hold from Address Change, OE# or CS#
toh
0
0
ns
Output Enable to Output Valid
toe
85
85
ns
Chip Select or Output Enable to High Z Output
tdf
70
70
ns
FIGURE 5 – READ WAVEFORMS
ADDRESS
CS#
OE#
OUTPUT
NOTE:
OE# may be delayed up to tACS-tOE after the falling edge of CS# without impact on tOE
or by tACC-tOE after an address change without impact on tACC.
READ


Similar Part No. - WE512K8-250CMA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WE512K16-140G4C WEDC-WE512K16-140G4C Datasheet
399Kb / 10P
   512Kx16 CMOS EEPROM MODULE
WE512K16-140G4CA WEDC-WE512K16-140G4CA Datasheet
399Kb / 10P
   512Kx16 CMOS EEPROM MODULE
WE512K16-140G4I WEDC-WE512K16-140G4I Datasheet
399Kb / 10P
   512Kx16 CMOS EEPROM MODULE
WE512K16-140G4IA WEDC-WE512K16-140G4IA Datasheet
399Kb / 10P
   512Kx16 CMOS EEPROM MODULE
WE512K16-140G4M WEDC-WE512K16-140G4M Datasheet
399Kb / 10P
   512Kx16 CMOS EEPROM MODULE
More results

Similar Description - WE512K8-250CMA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WE32K32-XXX WEDC-WE32K32-XXX Datasheet
472Kb / 13P
   32Kx32 EEPROM MODULE, SMD 5962-94614
WE128K32-XXX WEDC-WE128K32-XXX Datasheet
620Kb / 14P
   128Kx32 EEPROM MODULE, SMD 5962-94585
EDI88512C WEDC-EDI88512C Datasheet
319Kb / 7P
   512Kx8 Monolithic SRAM, CMOS
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com