Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED9LC6816V Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # WED9LC6816V
Description  256Kx32 SSRAM/4Mx32 SDRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED9LC6816V Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  WED9LC6816V Datasheet HTML 1Page - White Electronic Designs Corporation WED9LC6816V Datasheet HTML 2Page - White Electronic Designs Corporation WED9LC6816V Datasheet HTML 3Page - White Electronic Designs Corporation WED9LC6816V Datasheet HTML 4Page - White Electronic Designs Corporation WED9LC6816V Datasheet HTML 5Page - White Electronic Designs Corporation WED9LC6816V Datasheet HTML 6Page - White Electronic Designs Corporation WED9LC6816V Datasheet HTML 7Page - White Electronic Designs Corporation WED9LC6816V Datasheet HTML 8Page - White Electronic Designs Corporation WED9LC6816V Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
WED9LC6816V
September, 2003
Rev. 1
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
Contact factory for ordering information.
Absolute Maximum Ratings
Voltage on VCC Relative to VSS
-0.5V to +4.6V
VIN (DQx)
-0.5V to Vcc +0.5V
Storage Temperature (BGA)
-55°C to +125°C
Junction Temperature
+150°C
Short Circuit Output Current
100 mA
*Stress greater than those listed under "Absolute Maximum Ratings" may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions greater than those indicated
in operational sections of this specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
Recommended DC Operating Conditions
Parameter
Symbol Min
Max
Units
Supply Voltage (1)
VCC
3.135
3.6
V
Input High Voltage (1,2)
VIH
2.0
VCC +0.3
V
Input Low Voltage (1,2)
VIL
-0.3
0.8
V
Input Leakage Current
0  VIN  VCC
ILI
-10
10
A
Output Leakage (Output Disabled)
0  VIN  VCC
ILO
-10
10
A
SSRAM Output High (IOH = -4mA) (1)
VOH
2.4
V
SSRAM Output Low (IOL = 8mA) (1)
VOL
0.4
V
SDRAM Output High (IOH = -2mA)
VOH
2.4
V
SDRAM Output Low (IOL = 2mA)
VOL
0.4
V
NOTES:
1. All voltages referenced to VSS (GND).
2. Overshoot: VIH  +6.0V for t  tKC/2 Underershoot: VIL  -2.0V for
t tKC/2
DC Electrical Characteristics
(Vcc = 3.3V -5% / +10% unless otherwise noted; 0°C  Ta  70°C, Commercial; -40°C  Ta  85°C, Industrial)
NOTES:
1. ICC (operating) is specified with no output current. ICC (operating) increases with faster cycle times and greater output loading.
2. "Device idle" means device is deselected (CE# = VIH) Clock is running at max frequency and Addresses are switching each cycle.
3. Typical values are measured at 3.3V, 25°C. ICC (operating) is specified at specified frequency.
Description
Conditions
Symbol Frequency
Typ
Max
Units
Power Supply Current
Operating (1, 2, 3)
SSRAM Active / DRAM Auto Refresh
ICC1
133MHz
500
625
mA
150MHz
500
650
166MHz
550
700
200MHz
600
800
Power Supply Current
Operating (1, 2, 3)
SSRAM Active / DRAM Idle
ICC2
133MHz
325
425
mA
150MHz
350
450
166MHz
400
495
200MHz
450
585
Power Supply Current
Operating (1, 2, 3)
SSRAM Active / SSRAM Idle
ICC3
83MHz
500
625
mA
100MHz
500
650
125MHz
550
700
CMOS Standby
SSCE# and SDCE#  VCC -0.2V,
All other inputs at VSS +0.2  VIN or
VIN  VCC -0.2V, Clk frequency = 0
ISB1
20.0
40.0
mA
TTL Standby
SSCE# and SDCE#  VIH min
All other inputs at VIL max  VIN or
VIN  VCC -0.2V, CK# frequency = 0
ISB2
30.0
55.0
mA
Auto Refresh
ICC5
250
300
mA
(Vcc = 3.3V -5% / +10% unless otherwise noted;
0°C  Ta  70°C, Commercial; -40°C  Ta  85°C, Industrial)


Similar Part No. - WED9LC6816V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WED9LC6416V ETC-WED9LC6416V Datasheet
370Kb / 27P
   128Kx32 SSRAM/4Mx32 SDRAM
WED9LC6416V1310BC ETC-WED9LC6416V1310BC Datasheet
370Kb / 27P
   128Kx32 SSRAM/4Mx32 SDRAM
WED9LC6416V1310BI ETC-WED9LC6416V1310BI Datasheet
370Kb / 27P
   128Kx32 SSRAM/4Mx32 SDRAM
WED9LC6416V1312BC ETC-WED9LC6416V1312BC Datasheet
370Kb / 27P
   128Kx32 SSRAM/4Mx32 SDRAM
WED9LC6416V1312BI ETC-WED9LC6416V1312BI Datasheet
370Kb / 27P
   128Kx32 SSRAM/4Mx32 SDRAM
More results

Similar Description - WED9LC6816V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WED9LC6416V ETC-WED9LC6416V Datasheet
370Kb / 27P
   128Kx32 SSRAM/4Mx32 SDRAM
logo
Hynix Semiconductor
HY5DU283222AQ HYNIX-HY5DU283222AQ Datasheet
1Mb / 51P
   128M(4Mx32) GDDR SDRAM
HY5DU283222BF HYNIX-HY5DU283222BF Datasheet
266Kb / 30P
   128M(4Mx32) GDDR SDRAM
HY5DU283222AQP HYNIX-HY5DU283222AQP Datasheet
1Mb / 51P
   128M(4Mx32) GDDR SDRAM
HY5DU283222Q HYNIX-HY5DU283222Q Datasheet
344Kb / 27P
   128M(4Mx32) GDDR SDRAM
HY5DW283222BF HYNIX-HY5DW283222BF Datasheet
265Kb / 30P
   128M(4Mx32) GDDR SDRAM
HY5DS283222BF HYNIX-HY5DS283222BF Datasheet
1,007Kb / 28P
   128M(4Mx32) GDDR SDRAM
HY5DU283222F HYNIX-HY5DU283222F Datasheet
1Mb / 30P
   128M(4Mx32) GDDR SDRAM
HY5DW283222AF HYNIX-HY5DW283222AF Datasheet
319Kb / 28P
   128M(4Mx32) GDDR SDRAM
HY5DU283222AF HYNIX-HY5DU283222AF Datasheet
355Kb / 32P
   128M(4Mx32) GDDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com