Electronic Components Datasheet Search |
|
M38C32M8MXXXFS Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor |
|
M38C32M8MXXXFS Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor |
3 / 62 page 3 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER MITSUBISHI MICROCOMPUTERS 38C3 Group • Apply voltage of 2.5 V to 5.5 V to VCC, and 0 V to VSS. • Reference voltage input pin for A-D converter. • GND input pin for A-D converter. • Connect to VSS. • Reset input pin for active “L.” • Input and output pins for the main clock generating circuit. • Feedback resistor is built in between XIN pin and XOUT pin. • Connect a ceramic resonator or a quartz-crystal oscillator between the XIN and XOUT pins to set the oscillation frequency. • If an external clock is used, connect the clock source to the XIN pin and leave the XOUT pin open. • Input 0 ≤ VL1 ≤ VL2 ≤ VL3 ≤ VCC voltage. • Input 0 – VL3 voltage to LCD. • LCD common output pins. • COM1, COM2, and COM3 are not used at 1/1 duty ratio. • COM2 and COM3 are not used at 1/2 duty ratio. • COM3 is not used at 1/3 duty ratio. • 8-bit I/O port. • CMOS compatible input level. • CMOS 3-state output structure. • I/O direction register allows each port to be individually programmed as either input or output. • Pull-down control is enabled. • 8-bit output port. • CMOS state output. • Pull-down control is enabled. • 8-bit I/O port. • CMOS compatible input level. • CMOS 3-state output structure. • I/O direction register allows each pin to be individually programmed as either input or output. • Pull-up control is enabled. • LCD segment pins • Serial I/O function pin • Timer output pin • Timer output pin • φ output pin • Serial I/O function pins Pin VCC, VSS VREF AVSS RESET XIN XOUT VL1 – VL3 COM0 – COM3 P00/SEG9 – P07/SEG15 P10/SEG16 – P17/SEG23 P20/SEG0 – P27/SEG7 P30/SEG24 – P37/SEG31 P40/SCLK2 P41/T1OUT P42/T3OUT P43/ φ P44/SIN, P45/SOUT, P46/SCLK1, P47/SRDY Name Power source Analog reference voltage Analog power source Reset input Clock input Clock output LCD power source Common output I/O port P0 I/O port P1 I/O port P2 Output port P3 I/O port P4 Function except a port function PIN DESCRIPTION Table 1 Pin description (1) Function |
Similar Part No. - M38C32M8MXXXFS |
|
Similar Description - M38C32M8MXXXFS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |