Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED7P4G0ATA8004C25 Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # WED7P4G0ATA8004C25
Description  32MB to 4GB Flash Card
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED7P4G0ATA8004C25 Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button WED7P4G0ATA8004C25 Datasheet HTML 2Page - White Electronic Designs Corporation WED7P4G0ATA8004C25 Datasheet HTML 3Page - White Electronic Designs Corporation WED7P4G0ATA8004C25 Datasheet HTML 4Page - White Electronic Designs Corporation WED7P4G0ATA8004C25 Datasheet HTML 5Page - White Electronic Designs Corporation WED7P4G0ATA8004C25 Datasheet HTML 6Page - White Electronic Designs Corporation WED7P4G0ATA8004C25 Datasheet HTML 7Page - White Electronic Designs Corporation WED7P4G0ATA8004C25 Datasheet HTML 8Page - White Electronic Designs Corporation WED7P4G0ATA8004C25 Datasheet HTML 9Page - White Electronic Designs Corporation WED7P4G0ATA8004C25 Datasheet HTML 10Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED7PxxxATA80xxC25
July 2005
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PACKAGE DIMENSIONS
Interconnect area
Substrate area
1.6mm ± 0.05
(0.063”)
1.0mm ± 0.05
(0.039”)
1.0mm ± 0.05
(0.039”)
3.3mm ± 0.10
(0.129”)
85.6mm ± 0.20
(3.370”)
54.0mm ± 0.10
(2.126”)
3.0mm MIN
(0.118”)
5.0mm ± T1
(0.197”)
10.0mm MIN
(0.400”)
Type II


Similar Part No. - WED7P4G0ATA8004C25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7P4G0CFA8000C25 WEDC-WED7P4G0CFA8000C25 Datasheet
239Kb / 11P
   CompactFlashTM Card
WED7P4G0CFA8001C25 WEDC-WED7P4G0CFA8001C25 Datasheet
239Kb / 11P
   CompactFlashTM Card
More results

Similar Description - WED7P4G0ATA8004C25

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
ID245P01 SHARP-ID245P01 Datasheet
2Mb / 32P
   32MB Flash Memory Card
logo
Transcend Information. ...
TS4GMP850 TRANSCEND-TS4GMP850 Datasheet
134Kb / 4P
   4GB/8GB USB Flash Drive
TS2GMP820 TRANSCEND-TS2GMP820 Datasheet
93Kb / 4P
   2GB/4GB USB Flash Drive
logo
List of Unclassifed Man...
S40FC004 ETC-S40FC004 Datasheet
2Mb / 33P
   4GB , 3.3 V, e.MMC Flash
Revised Feb. 03, 2021
logo
Transcend Information. ...
TS4GGMP860 TRANSCEND-TS4GGMP860 Datasheet
167Kb / 4P
   4GB/8GB USB Flash Drive
TS2GMP320 TRANSCEND-TS2GMP320 Datasheet
143Kb / 4P
   2GB/4GB USB Flash Drive
logo
Micron Technology
N25Q032A11ESE40G MICRON-N25Q032A11ESE40G Datasheet
885Kb / 82P
   32Mb, 1.8V, Multiple I/O Serial Flash Memory
logo
Transcend Information. ...
TS2GMP650 TRANSCEND-TS2GMP650 Datasheet
172Kb / 4P
   2GB/4GB/8G USB Flash Drive
TS512MUFM-V TRANSCEND-TS512MUFM-V Datasheet
192Kb / 5P
   512M~4GB USB Flash Module(Vertical)
TS2GMP840 TRANSCEND-TS2GMP840 Datasheet
116Kb / 4P
   2GB/4GB/8G USB Flash Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com