Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED7P2G0CFA8001C25 Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # WED7P2G0CFA8001C25
Description  CompactFlashTM Card
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED7P2G0CFA8001C25 Datasheet(HTML) 7 Page - White Electronic Designs Corporation

Back Button WED7P2G0CFA8001C25 Datasheet HTML 3Page - White Electronic Designs Corporation WED7P2G0CFA8001C25 Datasheet HTML 4Page - White Electronic Designs Corporation WED7P2G0CFA8001C25 Datasheet HTML 5Page - White Electronic Designs Corporation WED7P2G0CFA8001C25 Datasheet HTML 6Page - White Electronic Designs Corporation WED7P2G0CFA8001C25 Datasheet HTML 7Page - White Electronic Designs Corporation WED7P2G0CFA8001C25 Datasheet HTML 8Page - White Electronic Designs Corporation WED7P2G0CFA8001C25 Datasheet HTML 9Page - White Electronic Designs Corporation WED7P2G0CFA8001C25 Datasheet HTML 10Page - White Electronic Designs Corporation WED7P2G0CFA8001C25 Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED7PxxxCFA80xxC25
July 2005
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
AC CHARACTERISTICS (cont'd):
I/O Input (Read) Timing Specification
Item
Symbol
IEEE Symbol
Min ns.
Max ns.
Data Delay after IORD
td(IORD)
tIGLQV
100
Data Hold following IORD
th(IORD)
tIGHQX
0
IORD Width Time
tw(IORD)
tIGLIGH
165
Address Setup before IORD
tsuA(IORD)
tAVIGL
70
Address Hold following IORD
thA(IORD)
tIGHAX
20
CE Setup before IORD
tsuCE(IORD)
tELIGL
5
CE Hold following IORD
thCE(IORD)
tIGHEH
20
REG Setup before IORD
tsuREG(IORD)
tRGLIGL
5
REG Hold following IORD
thREG(IORD)
tIGHRGH
0
INPACK Delay Falling from IORD
tdfINPACK(IORD)
tIGLIAL
045
INPACK Delay Rising from IORD
tdrINPACK(IORD)
tIGHIAH
45
IOIS16 Delay Falling from Address
tdfIOIS16(ADR)
tAVISL
35
IOIS16 Delay Rising from Address
tdrIOIS16(ADR)
tAVISH
35
Wait Delay Falling from IORD
tdWT(IORD)
tIGLWTL
35
Data Delay from Wait Rising
td(WT)
tWTHQV
0
Wait Width Time
tw(WT)
tWTLWTH
350 (3000 for CF+)
Note: Maximum load on WAIT#, INPACK# and I0IS16# is 1 LSTTL with 50pF total load. All times are in nanoseconds. Minimum time from WAIT# high to IORD# high is Onsec,
but minimum IORD# width must still be met. Dout signifies data provided by the CompactFlash Storage Card or CF+ Card to the system. Wait Width time meets PCMCIA
specification of 12ps but is intentionally less in this spec.
I/O Output (Write) Timing Specification
Item
Symbol
IEEE Symbol
Min ns.
Max ns.
Data Setup before IOWR
tsu(IOWR)
tDVIWH
60
Data Hold following IOWR
th(IOWR)
tIWHDX
30
IOWR Width Time
tw(IOWR)
tIWLIWH
165
Address Setup before IOWR
tsuA(IOWR)
tAVIWL
70
Address Hold following IOWR
thA(IOWR)
tIWHAX
20
CE Setup before IOWR
tsuCE(IOWR)
tELIWL
5
CE Hold following IOWR
thCE(IOWR)
tIWHEH
20
REG Setup before IOWR
tsuREG(IOWR)
tRGLIWL
5
REG Hold following IOWR
thREG(IOWR)
tIWHRGH
0
IOIS16 Delay Falling from Address
tdfIOIS16(ADR)
tAVISL
35
IOIS16 Delay Rising from Address
tdrIOIS16(ADR)
tAVISH
35
Wait Delay Falling from IOWR
tdWT(IOWR)
tIWLWTL
35
IOWR high from Wait high
tdrIOWR(WT)
tWTJIWH
0
Wait Width Time
tw(WT)
tWTLWTH
350 (3000for CF+)
Note: The maximum load on WAIT#, INPACK#, and I0IS16# is 1 LSTTL with 50pF total load. All times are in nanoseconds. Minimum time from WAIT# high to IOWR# high is Onsec,
but minimum IOWR# width must still be met. Din signifies data provided by the system to the CompactFlash Storage Card or CF+ Card. The Wait Width time meets the PCMCIA
specification of 12ps but is intentionally less in this specification.


Similar Part No. - WED7P2G0CFA8001C25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7P2G0ATA8003C25 WEDC-WED7P2G0ATA8003C25 Datasheet
222Kb / 10P
   32MB to 4GB Flash Card
WED7P2G0ATA8004C25 WEDC-WED7P2G0ATA8004C25 Datasheet
222Kb / 10P
   32MB to 4GB Flash Card
More results

Similar Description - WED7P2G0CFA8001C25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7PXXXCFA70XXI25 WEDC-WED7PXXXCFA70XXI25 Datasheet
274Kb / 15P
   CompactFlashTM Card
logo
Transcend Information. ...
TS0MCF2PC TRANSCEND-TS0MCF2PC Datasheet
115Kb / 2P
   CompactFlashTM Adapter
logo
FCI connector
VJW54076 FCI-CONNECTOR-VJW54076 Datasheet
117Kb / 1P
   CARD READER WITHOUT CARD
logo
Texas Instruments
PCI7510 TI1-PCI7510_08 Datasheet
139Kb / 6P
[Old version datasheet]   PC Card, Smart Card
logo
Toshiba Semiconductor
TC6387XB TOSHIBA-TC6387XB Datasheet
1Mb / 62P
   SD Memory Card / SDIO Card Controller
logo
ALPS ELECTRIC CO.,LTD.
SCHC ALPS-SCHC Datasheet
91Kb / 2P
   SD Card Adapter (for microSD??Card)
SCHF ALPS-SCHF Datasheet
87Kb / 2P
   miniSDTM Card Adapter (for microSD??Card)
logo
Texas Instruments
PCI7510 TI-PCI7510 Datasheet
1Mb / 234P
[Old version datasheet]   PC Card, Smart Card and Integrated
logo
Greenliant systems
G7101 GREENLIANT-G7101 Datasheet
158Kb / 6P
   G-card (Greenliant PCIe flash card)
logo
Texas Instruments
RI-TRP-R4FF TI1-RI-TRP-R4FF_16 Datasheet
645Kb / 5P
[Old version datasheet]   CARD TRANSPONDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com