Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED7G832IDE33ADC25 Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # WED7G832IDE33ADC25
Description  DimmDrive Solid State IDE Flash Module with Power Failure Protection IDE36 DimmDrive Solid State IDE Flash Module IDE33
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED7G832IDE33ADC25 Datasheet(HTML) 7 Page - White Electronic Designs Corporation

  WED7G832IDE33ADC25 Datasheet HTML 1Page - White Electronic Designs Corporation WED7G832IDE33ADC25 Datasheet HTML 2Page - White Electronic Designs Corporation WED7G832IDE33ADC25 Datasheet HTML 3Page - White Electronic Designs Corporation WED7G832IDE33ADC25 Datasheet HTML 4Page - White Electronic Designs Corporation WED7G832IDE33ADC25 Datasheet HTML 5Page - White Electronic Designs Corporation WED7G832IDE33ADC25 Datasheet HTML 6Page - White Electronic Designs Corporation WED7G832IDE33ADC25 Datasheet HTML 7Page - White Electronic Designs Corporation WED7G832IDE33ADC25 Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WED7GxxxIDE36
WED7GxxxIDE33
July, 2003
Rev. 0
PRELIMINARY*
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
RELIABILITY AND MAINTENANCE
PACKAGE
MTBF (@ 25° C)
> 1,000,000 hours
Preventive Maitenance
None
Data Reliability
<1 non-recoverable error in 1014 bits read
<1 erroneous correction in 1020 bits read
Endurance (commercial temp.)
300,000 erase/program cycles per block typical
.160 max.
for IDE36
.039 ± .004
.044 max.
.157
.070 ± .004 (2x)
.080 (2x)
.913
1.112
.181
1.291
.236 (2x)
.787
2.165
2.660
WEDC
298


Similar Part No. - WED7G832IDE33ADC25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7GXXXATA33 WEDC-WED7GXXXATA33 Datasheet
241Kb / 4P
   DIMMDrive Solid State ATA Flash Module
More results

Similar Description - WED7G832IDE33ADC25

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7GXXXATA33 WEDC-WED7GXXXATA33 Datasheet
241Kb / 4P
   DIMMDrive Solid State ATA Flash Module
logo
Transcend Information. ...
TS32MDOM44V TRANSCEND-TS32MDOM44V Datasheet
165Kb / 8P
   44-Pin IDE Flash Module
TS32MDOM44H TRANSCEND-TS32MDOM44H Datasheet
165Kb / 7P
   44-Pin IDE Flash Module
TS128MDOM44V-S TRANSCEND-TS128MDOM44V-S Datasheet
724Kb / 34P
   44-Pin IDE Flash Module
TS128MDOM40V TRANSCEND-TS128MDOM40V Datasheet
1Mb / 52P
   40-Pin IDE Flash Module
TS128MDOM40V-S TRANSCEND-TS128MDOM40V-S Datasheet
723Kb / 34P
   40-Pin IDE Flash Module
TS128MDOM44V TRANSCEND-TS128MDOM44V Datasheet
873Kb / 30P
   44-Pin IDE Flash Module
TS128MDOM44H-S TRANSCEND-TS128MDOM44H-S Datasheet
888Kb / 34P
   44-Pin IDE Flash Module(Horizontal)
TS128MDOM40H-S TRANSCEND-TS128MDOM40H-S Datasheet
908Kb / 39P
   40-Pin IDE Flash Module (Horizontal)
TS128MDOM44H TRANSCEND-TS128MDOM44H Datasheet
287Kb / 9P
   44-Pin IDE Flash Module(Horizontal)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com