Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WEDF1M32B-G2TM5 Datasheet(PDF) 7 Page - White Electronic Designs Corporation

Part # WEDF1M32B-G2TM5
Description  1Mx32 5V Flash Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDF1M32B-G2TM5 Datasheet(HTML) 7 Page - White Electronic Designs Corporation

  WEDF1M32B-G2TM5 Datasheet HTML 1Page - White Electronic Designs Corporation WEDF1M32B-G2TM5 Datasheet HTML 2Page - White Electronic Designs Corporation WEDF1M32B-G2TM5 Datasheet HTML 3Page - White Electronic Designs Corporation WEDF1M32B-G2TM5 Datasheet HTML 4Page - White Electronic Designs Corporation WEDF1M32B-G2TM5 Datasheet HTML 5Page - White Electronic Designs Corporation WEDF1M32B-G2TM5 Datasheet HTML 6Page - White Electronic Designs Corporation WEDF1M32B-G2TM5 Datasheet HTML 7Page - White Electronic Designs Corporation WEDF1M32B-G2TM5 Datasheet HTML 8Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WEDF1M32B-XXX5
May 1999
Rev.1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ADVANCED
PACKAGE 401: 66 PIN, PGA TYPE, CERAMIC HEX-IN-LINE PACKAGE, HIP (H)
30.1 (1.185) ± 0.38 (0.015) SQ
25.4 (1.0) TYP
15.24 (0.600) TYP
0.76 (0.030) ± 0.1 (0.005)
3.81 (0.150)
± 0.1 (0.005)
2.54 (0.100)
TYP
25.4 (1.0) TYP
1.27 (0.050) ± 0.1 (0.005)
1.27 (0.050) TYP DIA
0.46 (0.018) ± 0.05 (0.002) DIA
PIN 1 IDENTIFIER
SQUARE PAD
ON BOTTOM
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES


Similar Part No. - WEDF1M32B-G2TM5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED2CG472512V-D2 WEDC-WED2CG472512V-D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
WED2CG472512V10D2 WEDC-WED2CG472512V10D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
WED2CG472512V12D2 WEDC-WED2CG472512V12D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
WED2CG472512V15D2 WEDC-WED2CG472512V15D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
WED2CG472512V9D2 WEDC-WED2CG472512V9D2 Datasheet
188Kb / 10P
   16MB (4x512Kx72) SYNC / SYNC BURST, DUAL KEY DIMM SRAM MODULE
More results

Similar Description - WEDF1M32B-G2TM5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI7F331MC WEDC-EDI7F331MC Datasheet
263Kb / 3P
   1Mx32 FLASH MODULE
EDI7F331MV WEDC-EDI7F331MV Datasheet
254Kb / 3P
   1Mx32 FLASH MODULE
EDI7F341MC WEDC-EDI7F341MC Datasheet
270Kb / 3P
   1Mx32 FLASH MODULE
EDI7F341MV WEDC-EDI7F341MV Datasheet
268Kb / 3P
   1Mx32 FLASH MODULE
EDI7F2331MC WEDC-EDI7F2331MC Datasheet
345Kb / 3P
   1Mx32 FLASH MODULE
Rev. 3A
WF1M32B-XXX3 WEDC-WF1M32B-XXX3 Datasheet
481Kb / 13P
   1Mx32 3.3V Flash Module
logo
List of Unclassifed Man...
WF128K16 ETC1-WF128K16 Datasheet
189Kb / 11P
   5V FLASH MODULE
logo
White Electronic Design...
WS1M32V-XG3X WEDC-WS1M32V-XG3X Datasheet
306Kb / 6P
   1Mx32 SRAM 3.3V MODULE
logo
List of Unclassifed Man...
WS1M32-XG3X ETC1-WS1M32-XG3X Datasheet
145Kb / 8P
   1Mx32 SRAM MODULE
logo
White Electronic Design...
WF2M32-XXX5 WEDC-WF2M32-XXX5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com