Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WED9LC6816V1310BI Datasheet(PDF) 10 Page - White Electronic Designs Corporation

Part # WED9LC6816V1310BI
Description  256Kx32 SSRAM/4Mx32 SDRAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WED9LC6816V1310BI Datasheet(HTML) 10 Page - White Electronic Designs Corporation

Back Button WED9LC6816V1310BI Datasheet HTML 6Page - White Electronic Designs Corporation WED9LC6816V1310BI Datasheet HTML 7Page - White Electronic Designs Corporation WED9LC6816V1310BI Datasheet HTML 8Page - White Electronic Designs Corporation WED9LC6816V1310BI Datasheet HTML 9Page - White Electronic Designs Corporation WED9LC6816V1310BI Datasheet HTML 10Page - White Electronic Designs Corporation WED9LC6816V1310BI Datasheet HTML 11Page - White Electronic Designs Corporation WED9LC6816V1310BI Datasheet HTML 12Page - White Electronic Designs Corporation WED9LC6816V1310BI Datasheet HTML 13Page - White Electronic Designs Corporation WED9LC6816V1310BI Datasheet HTML 14Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
WED9LC6816V
September, 2003
Rev. 1
10
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
Contact factory for ordering information.
MODE REGISTER SET TABLE
M3 = 0
1
2
4
8
Reserved
Reserved
Reserved
Full Page
M3 = 1
1
2
4
8
Reserved
Reserved
Reserved
Reserved
Operating Mode
Standard Operation
All other states reserved
0
-
0
-
Defined
-
0
1
Burst Type
Sequential
Interleaved
CAS Latency
Reserved
Reserved
2
3
Reserved
Reserved
Reserved
Reserved
Burst Length
M0
0
1
0
1
0
1
0
1
Burst Length
CAS# Latency
BT
A9
A7
A6
A5
A4
A3
A8
A2
A1
A0
Mode Register (Mx)
Address Bus
M1
0
0
1
1
0
0
1
1
M2
0
0
0
0
1
1
1
1
M3
M4
0
1
0
1
0
1
0
1
M5
0
0
1
1
0
0
1
1
M6
0
0
0
0
1
1
1
1
M6-M0
M8
M7
Op Mode
A10
A11
Reserved*
WB
0
1
Write Burst Mode
Programmed Burst Length
Single Location Access
M9
*Should program
M11, M10 = "0, 0"
to ensure compatibility
with future devices.


Similar Part No. - WED9LC6816V1310BI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WED9LC6416V ETC-WED9LC6416V Datasheet
370Kb / 27P
   128Kx32 SSRAM/4Mx32 SDRAM
WED9LC6416V1310BC ETC-WED9LC6416V1310BC Datasheet
370Kb / 27P
   128Kx32 SSRAM/4Mx32 SDRAM
WED9LC6416V1310BI ETC-WED9LC6416V1310BI Datasheet
370Kb / 27P
   128Kx32 SSRAM/4Mx32 SDRAM
WED9LC6416V1312BC ETC-WED9LC6416V1312BC Datasheet
370Kb / 27P
   128Kx32 SSRAM/4Mx32 SDRAM
WED9LC6416V1312BI ETC-WED9LC6416V1312BI Datasheet
370Kb / 27P
   128Kx32 SSRAM/4Mx32 SDRAM
More results

Similar Description - WED9LC6816V1310BI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WED9LC6416V ETC-WED9LC6416V Datasheet
370Kb / 27P
   128Kx32 SSRAM/4Mx32 SDRAM
logo
Hynix Semiconductor
HY5DU283222AQ HYNIX-HY5DU283222AQ Datasheet
1Mb / 51P
   128M(4Mx32) GDDR SDRAM
HY5DU283222BF HYNIX-HY5DU283222BF Datasheet
266Kb / 30P
   128M(4Mx32) GDDR SDRAM
HY5DU283222AQP HYNIX-HY5DU283222AQP Datasheet
1Mb / 51P
   128M(4Mx32) GDDR SDRAM
HY5DU283222Q HYNIX-HY5DU283222Q Datasheet
344Kb / 27P
   128M(4Mx32) GDDR SDRAM
HY5DW283222BF HYNIX-HY5DW283222BF Datasheet
265Kb / 30P
   128M(4Mx32) GDDR SDRAM
HY5DS283222BF HYNIX-HY5DS283222BF Datasheet
1,007Kb / 28P
   128M(4Mx32) GDDR SDRAM
HY5DU283222F HYNIX-HY5DU283222F Datasheet
1Mb / 30P
   128M(4Mx32) GDDR SDRAM
HY5DW283222AF HYNIX-HY5DW283222AF Datasheet
319Kb / 28P
   128M(4Mx32) GDDR SDRAM
HY5DU283222AF HYNIX-HY5DU283222AF Datasheet
355Kb / 32P
   128M(4Mx32) GDDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com