Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WEDPN8M64V-133B2I Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WEDPN8M64V-133B2I
Description  8Mx64 Synchronous DRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDPN8M64V-133B2I Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WEDPN8M64V-133B2I Datasheet HTML 1Page - White Electronic Designs Corporation WEDPN8M64V-133B2I Datasheet HTML 2Page - White Electronic Designs Corporation WEDPN8M64V-133B2I Datasheet HTML 3Page - White Electronic Designs Corporation WEDPN8M64V-133B2I Datasheet HTML 4Page - White Electronic Designs Corporation WEDPN8M64V-133B2I Datasheet HTML 5Page - White Electronic Designs Corporation WEDPN8M64V-133B2I Datasheet HTML 6Page - White Electronic Designs Corporation WEDPN8M64V-133B2I Datasheet HTML 7Page - White Electronic Designs Corporation WEDPN8M64V-133B2I Datasheet HTML 8Page - White Electronic Designs Corporation WEDPN8M64V-133B2I Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
WEDPN8M64V-XB2X
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
January 2005
Rev. 2
GENERAL DESCRIPTION
The 64MByte (512Mb) SDRAM is a high-speed CMOS,
dynamic random-access memory using 4 chips containing
134,217,728 bits. Each chip is internally configured as a
quad-bank DRAM with a synchronous interface. Each of
the chip’s 33,554,432-bit banks is organized as 4,096 rows
by 512 columns by 16 bits.
Read and write accesses to the SDRAM are burst oriented;
accesses start at a selected location and continue for
a programmed number of locations in a programmed
sequence. Accesses begin with the registration of an
ACTIVE command, which is then followed by a READ or
WRITE command. The address bits registered coincident
with the ACTIVE command are used to select the bank
and row to be accessed (BA0, BA1 select the bank; A0-
11 select the row). The address bits registered coincident
with the READ or WRITE command are used to select the
starting column location for the burst access.
The SDRAM provides for programmable READ or WRITE
burst lengths of 1, 2, 4 or 8 locations, or the full page, with
a burst terminate option. An AUTO PRECHARGE function
may be enabled to provide a self-timed row precharge that
is initiated at the end of the burst sequence.
The 512Mb SDRAM uses an internal pipelined architecture
to achieve high-speed operation. This architecture is
compatible with the 2n rule of prefetch architectures, but
it also allows the column address to be changed on every
clock cycle to achieve a high-speed, fully random access.
Precharging one bank while accessing one of the other
three banks will hide the precharge cycles and provide
seamless, high-speed, random-access operation.
8Mx64 Synchronous DRAM
FEATURES
High Frequency = 100, 125, 133MHz
Package:
219 Plastic Ball Grid Array (PBGA), 21 x 21mm
Single 3.3V ±0.3V power supply
Unbuffered
Fully synchronous; all signals registered on positive edge of
system clock cycle
Internal pipelined operation; column address can be changed
every clock cycle
Internal banks for hiding row access/precharge
Programmable Burst length 1,2,4,8 or full page
4,096 refresh cycles
Commercial, Industrial and Military Temperature Ranges
Organized as 8M x 64
User Configurable as 2 x 8M x 32 or
4 x 8M x 16
Weight: WEDPN8M64V-XB2X - 2 grams typical
BENEFITS
58% SPACE SAVINGS
Reduced part count
Reduced trace lengths for lower parasitic capacitance
Laminate interposer for optimum TCE match
Suitable for hi-reliability applications
Upgradeable to 16M x 64 density (WEDPN16M64V-XB2X)
* This product is subject to change without notice.
21
Discrete Approach
S
A
V
I
N
G
S
Area
4 x 265mm2= 1060mm2
441mm2
58%
ACTUAL SIZE
22.3
11.9
21
WEDPN8M64V-XB2X


Similar Part No. - WEDPN8M64V-133B2I

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPN8M72V-100B2C WEDC-WEDPN8M72V-100B2C Datasheet
401Kb / 13P
   8Mx72 Synchronous DRAM
WEDPN8M72V-100B2I WEDC-WEDPN8M72V-100B2I Datasheet
401Kb / 13P
   8Mx72 Synchronous DRAM
WEDPN8M72V-100B2M WEDC-WEDPN8M72V-100B2M Datasheet
401Kb / 13P
   8Mx72 Synchronous DRAM
WEDPN8M72V-125B2C WEDC-WEDPN8M72V-125B2C Datasheet
401Kb / 13P
   8Mx72 Synchronous DRAM
WEDPN8M72V-125B2I WEDC-WEDPN8M72V-125B2I Datasheet
401Kb / 13P
   8Mx72 Synchronous DRAM
More results

Similar Description - WEDPN8M64V-133B2I

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HSD8M64D4B HANBIT-HSD8M64D4B Datasheet
85Kb / 11P
   Synchronous DRAM Module 64Mbyte (8Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B8W HANBIT-HSD8M64B8W Datasheet
86Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B8A HANBIT-HSD8M64B8A Datasheet
90Kb / 11P
   Synchronous DRAM Module 64Mbyte (8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD8M64B4W HANBIT-HSD8M64B4W Datasheet
82Kb / 10P
   Synchronous DRAM Module 64Mbyte(8Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com