Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WE256K8-250CCA Datasheet(PDF) 8 Page - White Electronic Designs Corporation

Part # WE256K8-250CCA
Description  512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WE256K8-250CCA Datasheet(HTML) 8 Page - White Electronic Designs Corporation

Back Button WE256K8-250CCA Datasheet HTML 4Page - White Electronic Designs Corporation WE256K8-250CCA Datasheet HTML 5Page - White Electronic Designs Corporation WE256K8-250CCA Datasheet HTML 6Page - White Electronic Designs Corporation WE256K8-250CCA Datasheet HTML 7Page - White Electronic Designs Corporation WE256K8-250CCA Datasheet HTML 8Page - White Electronic Designs Corporation WE256K8-250CCA Datasheet HTML 9Page - White Electronic Designs Corporation WE256K8-250CCA Datasheet HTML 10Page - White Electronic Designs Corporation WE256K8-250CCA Datasheet HTML 11Page - White Electronic Designs Corporation WE256K8-250CCA Datasheet HTML 12Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
WE512K8, WE256K8,
WE128K8-XCX
8
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
May 2000
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
DATA POLLING
Operation with data polling permits a faster method of
writing to the EEPROM. The actual time to complete the
memory programming cycle is faster than the guaranteed
maximum.
The EEPROM features a method to determine when
the internal programming cycle is completed. After a
write cycle is initiated, the EEPROM will respond to read
cycles to provide the microprocessor with the status
of the programming cycle. The status consists of the
last data byte written being returned with data bit I/O7
complemented during the programming cycle, and I/O7
true after completion.
Data polling allows a simple bit test operation to
determine the status of the EEPROM. During the internal
programming cycle, a read of the last byte written will
produce the complement of the data on I/O7. For example,
if the data written consisted of I/O7 = HIGH, then the data
read back would consist of I/O7 = LOW.
A polled byte write sequence would consist of the following
steps:
1.
write byte to EEPROM
2.
store last byte and last address written
3.
release a time slice to other tasks
4.
read byte from EEPROM - last address
5.
compare I/O7 to stored value
a) If different, write cycle is not completed, go to
step 3.
b) If same, write cycle is completed, go to step 1 or
step 3.
DATA POLLING AC CHARACTERISTICS
VCC = 5.0V, VSS = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
512Kx8
256Kx8
128Kx8
Unit
Min
Max
Min
Max
Min
Max
Data Hold Time
tDH
10
0
0
ns
Output Enable Hold Time
tOEH
10
0
0
ns
Output Enable To Output Delay
tOE
100
100
100
ns
Write Recovery Time
tWR
000
ns
FIGURE 8 – DATA POLLING WAVEFORMS
OE#
ADDRESS
CS1-4#
WE1-4#
I/O7


Similar Part No. - WE256K8-250CCA

ManufacturerPart #DatasheetDescription
logo
SICK AG
WE24-2B240 SICK-WE24-2B240 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
WE24-2B333 SICK-WE24-2B333 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
WE24-2B430 SICK-WE24-2B430 Datasheet
2Mb / 8P
   PHOTOELECTRIC SENSORS
WE24-2B440 SICK-WE24-2B440 Datasheet
2Mb / 8P
   PHOTOELECTRIC SENSORS
WE24-2R230 SICK-WE24-2R230 Datasheet
1Mb / 8P
   PHOTOELECTRIC SENSORS
More results

Similar Description - WE256K8-250CCA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WME128K8-XXX WEDC-WME128K8-XXX Datasheet
378Kb / 11P
   128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
WE32K32-XXX WEDC-WE32K32-XXX Datasheet
472Kb / 13P
   32Kx32 EEPROM MODULE, SMD 5962-94614
WE128K32-XXX WEDC-WE128K32-XXX Datasheet
620Kb / 14P
   128Kx32 EEPROM MODULE, SMD 5962-94585
EDI88512C WEDC-EDI88512C Datasheet
319Kb / 7P
   512Kx8 Monolithic SRAM, CMOS
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com