Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WEDPN16M64V-100B2I Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WEDPN16M64V-100B2I
Description  16Mx64 Synchronous DRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDPN16M64V-100B2I Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button WEDPN16M64V-100B2I Datasheet HTML 2Page - White Electronic Designs Corporation WEDPN16M64V-100B2I Datasheet HTML 3Page - White Electronic Designs Corporation WEDPN16M64V-100B2I Datasheet HTML 4Page - White Electronic Designs Corporation WEDPN16M64V-100B2I Datasheet HTML 5Page - White Electronic Designs Corporation WEDPN16M64V-100B2I Datasheet HTML 6Page - White Electronic Designs Corporation WEDPN16M64V-100B2I Datasheet HTML 7Page - White Electronic Designs Corporation WEDPN16M64V-100B2I Datasheet HTML 8Page - White Electronic Designs Corporation WEDPN16M64V-100B2I Datasheet HTML 9Page - White Electronic Designs Corporation WEDPN16M64V-100B2I Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WEDPN16M64V-XB2X
January 2005
Rev. 1
A1-8 when the burst length is set to two; by A2-8 when
the burst length is set to four; and by A3-8 when the burst
length is set to eight. The remaining (least significant)
address bit(s) is (are) used to select the starting location
within the block. Full-page bursts wrap within the page if
the boundary is reached.
BURST TYPE
Accesses within a given burst may be programmed to be
either sequential or interleaved; this is referred to as the
burst type and is selected via bit M3.
The ordering of accesses within a burst is determined by
the burst length, the burst type and the starting column
address, as shown in Table 1.
CAS LATENCY
The CAS latency is the delay, in clock cycles, between
the registration of a READ command and the availability
of the first piece of output data. The latency can be set to
two or three clocks.
If a READ command is registered at clock edge n, and
the latency is m clocks, the data will be available by clock
edge n+m. The I/Os will start driving as a result of the clock
FIGURE 4 – CAS LATENCY
edge one cycle earlier (n + m - 1), and provided that the
relevant access times are met, the data will be valid by
clock edge n + m. For example, assuming that the clock
cycle time is such that all relevant access times are met,
if a READ command is registered at T0 and the latency is
programmed to two clocks, the I/Os will start driving after
T1 and the data will be valid by T2. Table 2 indicates the
operating frequencies at which each CAS latency setting
can be used.
Reserved states should not be used as unknown operation
or incompatibility with future versions may result.
OPERATING MODE
The normal operating mode is selected by setting M7and
M8 to zero; the other combinations of values for M7 and
M8 are reserved for future use and/or test modes. The
programmed burst length applies to both READ and
WRITE bursts.
Test modes and reserved states should not be used
because unknown operation or incompatibility with future
versions may result.


Similar Part No. - WEDPN16M64V-100B2I

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPN16M64VR-100B2C WEDC-WEDPN16M64VR-100B2C Datasheet
447Kb / 15P
   16Mx64 REGISTERED SYNCHRONOUS DRAM
WEDPN16M64VR-100B2I WEDC-WEDPN16M64VR-100B2I Datasheet
447Kb / 15P
   16Mx64 REGISTERED SYNCHRONOUS DRAM
WEDPN16M64VR-100B2M WEDC-WEDPN16M64VR-100B2M Datasheet
447Kb / 15P
   16Mx64 REGISTERED SYNCHRONOUS DRAM
WEDPN16M64VR-125B2C WEDC-WEDPN16M64VR-125B2C Datasheet
447Kb / 15P
   16Mx64 REGISTERED SYNCHRONOUS DRAM
WEDPN16M64VR-125B2I WEDC-WEDPN16M64VR-125B2I Datasheet
447Kb / 15P
   16Mx64 REGISTERED SYNCHRONOUS DRAM
More results

Similar Description - WEDPN16M64V-100B2I

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPN16M64VR-XB2X WEDC-WEDPN16M64VR-XB2X Datasheet
447Kb / 15P
   16Mx64 REGISTERED SYNCHRONOUS DRAM
logo
Hanbit Electronics Co.,...
HSD16M64D8B HANBIT-HSD16M64D8B Datasheet
87Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64B8A HANBIT-HSD16M64B8A Datasheet
106Kb / 10P
   Synchronous DRAM Module 128Mbyte (16Mx64-Bit), SO-DIMM, 4Banks, 4K Ref., 3.3V
HSD16M64B4W HANBIT-HSD16M64B4W Datasheet
105Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 8K Ref., 3.3V
logo
DLG Hanbit co.,Ltd.
HSD16M64B8W DLGHANBIT-HSD16M64B8W Datasheet
587Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM,4Banks, 4K Ref., 3.3V
logo
Hanbit Electronics Co.,...
HSD16M64B8W HANBIT-HSD16M64B8W Datasheet
109Kb / 10P
   Synchronous DRAM Module 128Mbyte(16Mx64-Bit), 144pin SO-DIMM, 4Banks, 4K Ref., 3.3V
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com