Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WEDPZ512K72S-XBX Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WEDPZ512K72S-XBX
Description  512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDPZ512K72S-XBX Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WEDPZ512K72S-XBX Datasheet HTML 1Page - White Electronic Designs Corporation WEDPZ512K72S-XBX Datasheet HTML 2Page - White Electronic Designs Corporation WEDPZ512K72S-XBX Datasheet HTML 3Page - White Electronic Designs Corporation WEDPZ512K72S-XBX Datasheet HTML 4Page - White Electronic Designs Corporation WEDPZ512K72S-XBX Datasheet HTML 5Page - White Electronic Designs Corporation WEDPZ512K72S-XBX Datasheet HTML 6Page - White Electronic Designs Corporation WEDPZ512K72S-XBX Datasheet HTML 7Page - White Electronic Designs Corporation WEDPZ512K72S-XBX Datasheet HTML 8Page - White Electronic Designs Corporation WEDPZ512K72S-XBX Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
WEDPZ512K72S-XBX
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
PRELIMINARY*
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
November 2003
Rev. 6
PIN CONFIGURATION
(TOP VIEW)
NOTES:
DNU means Do Not Use and are reserved for future use.
* Pin F8 reserved for A19 upgrade to 1M x 72.
123456789
A-
ADV0
OE0#DQB2
DQB4
DQB6
DNU
DQA6
DQA2
BCKE0#WE0#DQB7
DQB5
DQB3
DQB0
DQA7
DQA3
DQA1
C
CLK0
CS20#DQC2
DQPC
DQPB
DQB1
DQD7
DQA4
DQA0
D
BWA#
BWB#
DQC3
VSS
VSS
VSS
DQD6
DQA5
DQPA
E
BWC#
BWD#
DQC4
VCCQ
VCCQ
VCCQ
DQD5
DQPD
ZZ
FCS10#CS20
DQC5
VCCQ
VCCQ
VSS
DQD4
DNU*
A0
GA7
DQC0
DQC7
VSS
VCC
VCC
DQD3
A1
A3
HA18
DQC1
DQC6
VCC
VCC
VCC
DQD2
A2
A5
JA9
A6
DQF2
VSS
VSS
VSS
DQD1
A4
A16
KA8
DQF4
DQF3
VCC
VCC
VCC
DQD0
A14
A15
LA17
DQF5
DQF6
VCC
VCC
VSS
DQE6
A12
A13
MADV1
OE1#DQF7
VSS
VCCQ
VSSQ
DQE7
A10
A11
NCKE1#WE1#DQPF
VCCQ
VCCQ
VCCQ
DQE5
DQE3
LBO#
P
CLK1
CS21#DQF1
VSS
VSS
VSS
DQE4
DQE2
DQE0
R
BWE#
BWF#
DQF0
DQG1
DQG4
DQH1
DQH2
DQE1
DQPE
T
BWG#
BWH#
DQG0
DQG2
DQG5
DQH0
DQH4
DQH7
DQPH
UCS11#CS21
DQG3
DQPG
DQG6
DQG7
DQH3
DQH5
DQH6


Similar Part No. - WEDPZ512K72S-XBX

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPZ512K72V-100BC WEDC-WEDPZ512K72V-100BC Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
WEDPZ512K72V-100BI WEDC-WEDPZ512K72V-100BI Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
WEDPZ512K72V-100BM WEDC-WEDPZ512K72V-100BM Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
WEDPZ512K72V-133BC WEDC-WEDPZ512K72V-133BC Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
WEDPZ512K72V-133BI WEDC-WEDPZ512K72V-133BI Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
More results

Similar Description - WEDPZ512K72S-XBX

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPZ512K72V-XBX WEDC-WEDPZ512K72V-XBX Datasheet
565Kb / 14P
   512K x 72 Synchronous Pipeline Burst ZBL SRAM
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33512PFS18A ALSC-AS7C33512PFS18A Datasheet
512Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WED2ZL64512S WEDC-WED2ZL64512S Datasheet
470Kb / 9P
   512K x 64 Synchronous Pipeline NBL SRAM
WED2ZLRSP01S WEDC-WED2ZLRSP01S Datasheet
350Kb / 13P
   512K x 32/256K x 32 Dual Array Synchronous Pipeline Burst NBL SRAM
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
logo
Alliance Semiconductor ...
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33256PFD18B ALSC-AS7C33256PFD18B Datasheet
536Kb / 19P
   3.3V 256K x 18 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com