Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WEDPN8M72V-133B2C Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # WEDPN8M72V-133B2C
Description  8Mx72 Synchronous DRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDPN8M72V-133B2C Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button WEDPN8M72V-133B2C Datasheet HTML 5Page - White Electronic Designs Corporation WEDPN8M72V-133B2C Datasheet HTML 6Page - White Electronic Designs Corporation WEDPN8M72V-133B2C Datasheet HTML 7Page - White Electronic Designs Corporation WEDPN8M72V-133B2C Datasheet HTML 8Page - White Electronic Designs Corporation WEDPN8M72V-133B2C Datasheet HTML 9Page - White Electronic Designs Corporation WEDPN8M72V-133B2C Datasheet HTML 10Page - White Electronic Designs Corporation WEDPN8M72V-133B2C Datasheet HTML 11Page - White Electronic Designs Corporation WEDPN8M72V-133B2C Datasheet HTML 12Page - White Electronic Designs Corporation WEDPN8M72V-133B2C Datasheet HTML 13Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
WEDPN8M72V-XB2X
White Electronic Designs
January 2005
Rev. 4
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
DC ELECTRICAL CHARACTERISTICS AND OPERATING CONDITIONS (NOTES 1, 6)
VCC = +3.3V ±0.3V; -55°C ≤ TA ≤ +125°C
Parameter/Condition
Symbol
Min
Max
Units
Supply Voltage
VCC
3
3.6
V
Input High Voltage: Logic 1; All inputs (21)
VIH
2
VCC + 0.3
V
Input Low Voltage: Logic 0; All inputs (21)
VIL
-0.3
0.8
V
Input Leakage Current: Any input 0V-VIN-VCC (All other pins not under test = 0V)
II
-5
5
µA
Input Leakage Address Current (All other pins not under test = 0V)
II
-25
25
µA
Output Leakage Current: I/Os are disabled; 0V VOUT VCC
IOZ
-5
5
µA
Output Levels:
Output High Voltage (IOUT = -4mA)
VOH
2.4
V
Outpt Low Voltage (IOUT = 4mA)
VOL
0.4
V
ABSOLUTE MAXIMUM RATINGS
Parameter
Unit
Voltage on VDD, VDDQ Supply relative to VSS
-1 to 4.6
V
Voltage on NC or I/O pins relative to VSS
-1 to 4.6
V
Operating Temperature TA (Mil)
-55 to +125
°C
Operating Temperature TA (Ind)
-40 to +85
°C
Storage Temperature, Plastic
-55 to +125
°C
NOTE: Stress greater than those listed under "Absolute Maximum Ratings" may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions greater than those
indicated in the operational sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect reliability.
CAPACITANCE (NOTE 2)
Parameter
Symbol
Max
Unit
Input Capacitance: CLK
CI1
6pF
Addresses, BA0-1 Input Capacitance
CA
21
pF
Input Capacitance: All other input-only pins
CI2
7pF
Input/Output Capacitance: I/Os
CIO
9pF
ICC SPECIFICATIONS AND CONDITIONS (NOTES 1,6,11,13)
VCC = +3.3V ±0.3V; -55°C ≤ TA ≤ +125°C
Parameter/Condition
Symbol
Max
Units
Operating Current: Active Mode; Burst = 2; Read or Write; tRC = tRC (min); CAS latency = 3 (3, 18, 19)
ICC1
750
mA
Standby Current: Active Mode; CKE = HIGH; CS# = HIGH; All banks active after tRCD met; No accesses in progress
(3, 12, 19)
ICC3
250
mA
Operating Current: Burst Mode; Continuous burst; Read or Write; All banks active; CAS latency = 3 (3, 18, 19)
ICC4
750
mA
Self Refresh Current: CKE 0.2V Commercial and Industrial temperatures only (27)
ICC7
10
mA
BGA THERMAL RESISTANCE
Description
Symbol
Max
Unit
Notes
Junction to Ambient (No Airflow)
Theta JA
16.3
C/W
1
Junction to Ball
Theta JB
11.6
C/W
1
Junction to Case (Top)
Theta JC
7.2
C/W
1
NOTE: Refer to PBGA Thermal Resistance Correlation application note at www.wedc.com
in the application notes section for modeling conditions.


Similar Part No. - WEDPN8M72V-133B2C

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPN8M64V-100B2C WEDC-WEDPN8M64V-100B2C Datasheet
459Kb / 15P
   8Mx64 Synchronous DRAM
WEDPN8M64V-100B2I WEDC-WEDPN8M64V-100B2I Datasheet
459Kb / 15P
   8Mx64 Synchronous DRAM
WEDPN8M64V-100B2M WEDC-WEDPN8M64V-100B2M Datasheet
459Kb / 15P
   8Mx64 Synchronous DRAM
WEDPN8M64V-125B2C WEDC-WEDPN8M64V-125B2C Datasheet
459Kb / 15P
   8Mx64 Synchronous DRAM
WEDPN8M64V-125B2I WEDC-WEDPN8M64V-125B2I Datasheet
459Kb / 15P
   8Mx64 Synchronous DRAM
More results

Similar Description - WEDPN8M72V-133B2C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WEDPNF8M721V-XBX ETC-WEDPNF8M721V-XBX Datasheet
1Mb / 42P
   8Mx72 Synchronous DRAM 8Mb Flash Mixed Module Multi-Chip Package
logo
White Electronic Design...
WEDPNF8M722V-XBX WEDC-WEDPNF8M722V-XBX Datasheet
1Mb / 43P
   8Mx72 Synchronous DRAM 16Mb Flash Mixed Module Multi-Chip Package
logo
Micron Technology
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM48AM1684VBE EOREX-EM48AM1684VBE_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM484M1644VTC EOREX-EM484M1644VTC_15 Datasheet
199Kb / 17P
   Synchronous DRAM
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com