Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WEDPZ512K72V-133BM Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WEDPZ512K72V-133BM
Description  512K x 72 Synchronous Pipeline Burst ZBL SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WEDPZ512K72V-133BM Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button WEDPZ512K72V-133BM Datasheet HTML 2Page - White Electronic Designs Corporation WEDPZ512K72V-133BM Datasheet HTML 3Page - White Electronic Designs Corporation WEDPZ512K72V-133BM Datasheet HTML 4Page - White Electronic Designs Corporation WEDPZ512K72V-133BM Datasheet HTML 5Page - White Electronic Designs Corporation WEDPZ512K72V-133BM Datasheet HTML 6Page - White Electronic Designs Corporation WEDPZ512K72V-133BM Datasheet HTML 7Page - White Electronic Designs Corporation WEDPZ512K72V-133BM Datasheet HTML 8Page - White Electronic Designs Corporation WEDPZ512K72V-133BM Datasheet HTML 9Page - White Electronic Designs Corporation WEDPZ512K72V-133BM Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WEDPZ512K72V-XBX
February 2006
Rev. 7
OUTPUT LOAD (A)
OUTPUT LOAD (B)
FOR tlzc, tlzoe, thzoe, and thzc
Dout
Zo=50Ω
RL=50Ω
VL=1.5V
50pF*
Dout
353Ω/1538Ω
5pF*
+3.3V for 3.3V I/O, +2.5V for 2.5V I/O
319Ω/1667Ω
*Including Scope and Jig Capacitance
AC TEST CONDITIONS
Parameter
Value
Input Pulse Level
0 to 3.6V
Input Rise and Fall Time
1.0V/ns
Input and Output Timing Reference Levels
1.5V
Output Load
See Output Load (A & B)
AC CHARACTERISTICS
-55°C ≤ TA ≤ + 125°C
Parameter
Symbol
150MHz
133MHz
100MHz
Units
Min
Max
Min
Max
Min
Max
Clock Time
tCYC
6.7
7.5
10.0
ns
Clock Access Time
tCD
3.8
4.2
5.0
ns
Output enable to Data Valid
tOE
3.8
4.2
5.0
ns
Clock High to Output Low-Z
tLZC
1.5
1.5
1.5
ns
Output Hold from Clock High
tOH
1.5
1.5
1.5
ns
Output Enable Low to output Low-Z
tLZOE
0.0
0.0
0.0
ns
Output Enable High to Output High-Z
tHZOE
3.0
3.5
3.5
ns
Clock High to Output High-Z
tHZC
3.0
3.5
3.5
ns
Clock High Pulse Width
tCH
2.5
2.5
3.0
ns
Clock Low Pulse Width
tCL
2.5
2.5
3.0
ns
Address Setup to Clock High
tAS
1.5
1.5
1.5
ns
CKE Setup to Clock High
tCES
1.5
1.5
1.5
ns
Data Setup to Clock High
tDS
1.5
1.5
1.5
ns
Write Setup to Clock High
tWS
1.5
1.5
1.5
ns
Address Advance to Clock High
tADVS
1.5
1.5
1.5
ns
Chip Select Setup to Clock High
tCSS
1.5
1.5
1.5
ns
Address Hold to Clock high
tAH
0.5
0.5
0.5
ns
CKE Hold to Clock High
tCEH
0.5
-
0.5
0.5
ns
Data Hold to Clock High
tDH
0.5
0.5
0.5
ns
Write Hold to Clock High
tWH
0.5
0.5
0.5
ns
Address Advance to Clock High
tADVH
0.5
0.5
0.5
ns
Chip Select Hold to Clock High
tCSH
0.5
0.5
0.5
ns
NOTES:
1.
All Address inputs must meet the specified setup and hold times for all rising clock (CLK) edges when ADV is sampled low and CSx# is
sampled valid. All other synchronous inputs must meet the specified setup and hold times whenever this device is chip selected.
2.
Chip enable must be valid at each rising edge of CLK (when ADV is Low) to remain enabled.
3.
A write cycle is defined by WE# low having been registered into the device at ADV Low. A Read cycle is defined by WE# High with ADV Low.
Both cases must meet setup and hold times.
VL = 1.5V for 3.3V I/O
VCCQ/2 for 2.5V I/O


Similar Part No. - WEDPZ512K72V-133BM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPZ512K72S-100BC WEDC-WEDPZ512K72S-100BC Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
WEDPZ512K72S-100BI WEDC-WEDPZ512K72S-100BI Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
WEDPZ512K72S-100BM WEDC-WEDPZ512K72S-100BM Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
WEDPZ512K72S-133BC WEDC-WEDPZ512K72S-133BC Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
WEDPZ512K72S-133BI WEDC-WEDPZ512K72S-133BI Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
More results

Similar Description - WEDPZ512K72V-133BM

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPZ512K72S-XBX WEDC-WEDPZ512K72S-XBX Datasheet
549Kb / 15P
   512K x 72 SYNCHRONOUS PIPELINE BURST ZBL SRAM
logo
Alliance Semiconductor ...
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33512PFS18A ALSC-AS7C33512PFS18A Datasheet
512Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WED2ZL64512S WEDC-WED2ZL64512S Datasheet
470Kb / 9P
   512K x 64 Synchronous Pipeline NBL SRAM
WED2ZLRSP01S WEDC-WED2ZLRSP01S Datasheet
350Kb / 13P
   512K x 32/256K x 32 Dual Array Synchronous Pipeline Burst NBL SRAM
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
logo
Alliance Semiconductor ...
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33256PFD18B ALSC-AS7C33256PFD18B Datasheet
536Kb / 19P
   3.3V 256K x 18 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com