Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF2M16W-120M5 Datasheet(PDF) 9 Page - White Electronic Designs Corporation

Part # WF2M16W-120M5
Description  2Mx16 Flash MODULE, SMD 5962-97610
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WF2M16W-120M5 Datasheet(HTML) 9 Page - White Electronic Designs Corporation

Back Button WF2M16W-120M5 Datasheet HTML 4Page - White Electronic Designs Corporation WF2M16W-120M5 Datasheet HTML 5Page - White Electronic Designs Corporation WF2M16W-120M5 Datasheet HTML 6Page - White Electronic Designs Corporation WF2M16W-120M5 Datasheet HTML 7Page - White Electronic Designs Corporation WF2M16W-120M5 Datasheet HTML 8Page - White Electronic Designs Corporation WF2M16W-120M5 Datasheet HTML 9Page - White Electronic Designs Corporation WF2M16W-120M5 Datasheet HTML 10Page - White Electronic Designs Corporation WF2M16W-120M5 Datasheet HTML 11Page - White Electronic Designs Corporation WF2M16W-120M5 Datasheet HTML 12Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WF2M16-XXX5
April 2004
Rev. 5
PRELIMINARY
NOTES:
1. PA represents the address of the memory location to be programmed.
2. PD represents the data to be programmed at byte address.
3. D7# is the output of the complement of the data written to the device.
4. DOUT is the output of the data written to the device.
5. Figure indicates the last two bus cycles of a four bus cycle sequence.
FIGURE 7 – ALTERNATE CS# CONTROLLED PROGRAMMING OPERATION TIMINGS


Similar Part No. - WF2M16W-120M5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF2M32-090G2UC5 WEDC-WF2M32-090G2UC5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF2M32-090G2UC5A WEDC-WF2M32-090G2UC5A Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF2M32-090G2UI5 WEDC-WF2M32-090G2UI5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF2M32-090G2UI5A WEDC-WF2M32-090G2UI5A Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF2M32-090G2UM5 WEDC-WF2M32-090G2UM5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
More results

Similar Description - WF2M16W-120M5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
logo
White Electronic Design...
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
   512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
   128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
logo
List of Unclassifed Man...
WSF128K16 ETC-WSF128K16 Datasheet
541Kb / 15P
   128K X 16 SRAM /FLASH MODULE SMD 5962-96900
logo
Microsemi Corporation
WS128K32-XXX MICROSEMI-WS128K32-XXX Datasheet
1Mb / 9P
   128Kx32 SRAM MODULE, SMD 5962-93187 & 5962-95595
Rev. 18
logo
White Electronic Design...
WMF512K8-XXX5 WEDC-WMF512K8-XXX5 Datasheet
432Kb / 13P
   512Kx8 MONOLITHIC FLASH, SMD 5962-96692
logo
List of Unclassifed Man...
WMF128K8 ETC1-WMF128K8 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
logo
White Electronic Design...
WMF2M8-XXX5 WEDC-WMF2M8-XXX5 Datasheet
277Kb / 14P
   2Mx8 MONOLITHIC FLASH, SMD 5962-97609
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com