Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF4M32-150H2M5 Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # WF4M32-150H2M5
Description  4Mx32 5V FLASH MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WF4M32-150H2M5 Datasheet(HTML) 6 Page - White Electronic Designs Corporation

Back Button WF4M32-150H2M5 Datasheet HTML 2Page - White Electronic Designs Corporation WF4M32-150H2M5 Datasheet HTML 3Page - White Electronic Designs Corporation WF4M32-150H2M5 Datasheet HTML 4Page - White Electronic Designs Corporation WF4M32-150H2M5 Datasheet HTML 5Page - White Electronic Designs Corporation WF4M32-150H2M5 Datasheet HTML 6Page - White Electronic Designs Corporation WF4M32-150H2M5 Datasheet HTML 7Page - White Electronic Designs Corporation WF4M32-150H2M5 Datasheet HTML 8Page - White Electronic Designs Corporation WF4M32-150H2M5 Datasheet HTML 9Page - White Electronic Designs Corporation WF4M32-150H2M5 Datasheet HTML 10Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
White Electronic Designs Corporation • Phoenix AZ • (602) 437-1520
White Electronic Designs
WF4M32-XXX5
AC CHARACTERISTICS FOR G4T AND H2 PACKAGES – WRITE/ERASE/PROGRAM OPERATIONS - WE CONTROLLED
(VCC = 5.0V, TA = -55°C TO +125°C)
Parameter
Symbol
-100
-120
-150
Unit
Min
Max
Min
Max
Min
Max
Write Cycle Time
tAVAV
tWC
100
120
150
ns
Chip Select Setup Time
tELWL
tCS
00
0
ns
Write Enable Pulse Width
tWLWH
tWP
45
50
50
ns
Address Setup Time
tAVWL
tAS
00
0
ns
Data Setup Time
tDVWH
tDS
45
50
50
ns
Data Hold Time
tWHDX
tDH
15
15
15
ns
Address Hold Time (1)
tWLAX
tAH
45
50
50
ns
Write Enable Pulse Width High (2)
tWHWL
tWPH
20
20
20
ns
Duration of Byte Programming Operation (3)
tWHWH1
300
300
300
µs
Sector Erase (4)
tWHWH2
15
15
15
sec
Read Recovery Time before Write
tGHWL
00
0
µs
VCC Setup Time
tVCS
50
50
50
µs
Chip Programming Time
44
44
44
sec
Chip Erase Time (5)
256
256
256
sec
Output Enable Hold Time (6)
tOEH
10
10
10
ns
RESET Pulse Width
tRP
500
500
500
ns
NOTES:
1. A21 must be held constant until WE or CS go high, whichever occurs first.
2. Guaranteed by design, but not tested.
3. Typical value for tWHWH1 is 7µs.
4. Typical value for tWHWH2 is 1sec.
5. Typical value for Chip Erase Time is 32sec.
6. For Toggle and Data Polling.
AC CHARACTERISTICS FOR G4T AND H2 PACKAGES – READ-ONLY OPERATIONS
(VCC = 5.0V, TA = -55°C TO +125°C)
Parameter
Symbol
-100
-120
-150
Unit
Min
Max
Min
Max
Min
Max
Read Cycle Time
tAVAV
tRC
100
120
150
ns
Address Access Time
tAVQV
tACC
100
120
150
ns
Chip Select Access Time
tELQV
tCE
100
120
150
ns
Output Enable to Output Valid
tGLQV
tOE
50
50
55
ns
Chip Select High to Output High Z
tEHQZ
tDF
40
45
45
ns
Output Enable High to Output High Z
tGHQZ
tDF
40
45
45
ns
Output Hold from Addresses, CS or OE Change,
tAXQX
tOH
00
0
ns
whichever is First
RST Low to Read Mode
tReady
20
20
20
µs


Similar Part No. - WF4M32-150H2M5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF4M16-120DTC5 WEDC-WF4M16-120DTC5 Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF4M16-120DTC5A WEDC-WF4M16-120DTC5A Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF4M16-120DTI5 WEDC-WF4M16-120DTI5 Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF4M16-120DTI5A WEDC-WF4M16-120DTI5A Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF4M16-120DTM5 WEDC-WF4M16-120DTM5 Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
More results

Similar Description - WF4M32-150H2M5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7F324XE3SN WEDC-WED7F324XE3SN Datasheet
215Kb / 3P
   4Mx32 FLASH MODULE
WED7F324XDNSN WEDC-WED7F324XDNSN Datasheet
223Kb / 3P
   4Mx32 / 2x4Mx32 INTEL J3 BASED, FLASH MODULE
logo
List of Unclassifed Man...
WF128K16 ETC1-WF128K16 Datasheet
189Kb / 11P
   5V FLASH MODULE
logo
White Electronic Design...
WF2M32-XXX5 WEDC-WF2M32-XXX5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF512K64-XG4WX5 WEDC-WF512K64-XG4WX5 Datasheet
210Kb / 10P
   512Kx64 5V FLASH MODULE
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
WF4M16-XDTX5 WEDC-WF4M16-XDTX5 Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF8M32-XG4DX5 WEDC-WF8M32-XG4DX5 Datasheet
350Kb / 10P
   8Mx32 5V FLASH MODULE
logo
List of Unclassifed Man...
WF128K64-XG4WX5 ETC1-WF128K64-XG4WX5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
logo
White Electronic Design...
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com