Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT08PW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74HCT08PW
Description  Quad 2-input AND gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT08PW Datasheet(HTML) 5 Page - NXP Semiconductors

  74HCT08PW Datasheet HTML 1Page - NXP Semiconductors 74HCT08PW Datasheet HTML 2Page - NXP Semiconductors 74HCT08PW Datasheet HTML 3Page - NXP Semiconductors 74HCT08PW Datasheet HTML 4Page - NXP Semiconductors 74HCT08PW Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2003 Jul 25
5
Philips Semiconductors
Product specification
Quad 2-input AND gate
74HC08; 74HCT08
handbook, halfpage
MNB037
A
B
Y
Fig.5 HC logic diagram (one gate).
handbook, halfpage
MNA221
A
B
Y
Fig.6 HCT logic diagram (one gate).
RECOMMENDED OPERATING CONDITIONS
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages are referenced to GND (ground = 0 V).
Notes
1. For DIP14 packages: above 70
°C derate linearly with 12 mW/K.
2. For SO14 packages: above 70
°C derate linearly with 8 mW/K.
For SSOP14 and TSSOP14 packages: above 60
°C derate linearly with 5.5 mW/K.
For DHVQFN14 packages: above 60
°C derate linearly with 4.5 mW/K.
SYMBOL
PARAMETER
CONDITIONS
74HC08
74HCT08
UNIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
VCC
supply voltage
2.0
5.0
6.0
4.5
5.0
5.5
V
VI
input voltage
0
VCC
0
VCC
V
VO
output voltage
0
VCC
0
VCC
V
Tamb
ambient
temperature
see DC and AC
characteristics per device
−40
+25
+125
−40
+25
+125
°C
tr,tf
input rise and fall
times
VCC = 2.0 V
−−
1000
−−−
ns
VCC = 4.5 V
6.0
500
6.0
500
ns
VCC = 6.0 V
−−
400
−−−
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.5
+7.0
V
IIK
input diode current
VI < −0.5 V or VI >VCC + 0.5 V
−±20
mA
IOK
output diode current
VO < −0.5 V or VO >VCC + 0.5 V
−±20
mA
IO
output source or sink current
−0.5V<VO <VCC + 0.5 V
−±25
mA
ICC, IGND
VCC or GND current
−±50
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation
DIP14 package
Tamb = −40 to +125 °C; note 1
750
mW
other packages
Tamb = −40 to +125 °C; note 2
500
mW


Similar Part No. - 74HCT08PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT08PW PHILIPS-74HCT08PW Datasheet
109Kb / 20P
   Quad 2-input AND gate
2003 Jul 25
74HCT08PW PHILIPS-74HCT08PW Datasheet
150Kb / 16P
   Complies with JEDEC standard JESD7A
Rev. 4-6 September 2012
logo
Shanghai Leiditech Elec...
74HCT08PW LEIDITECH-74HCT08PW Datasheet
1Mb / 15P
   Quad 2-input AND gate
logo
Nexperia B.V. All right...
74HCT08PW NEXPERIA-74HCT08PW Datasheet
242Kb / 13P
   Quad 2-input AND gate
Rev. 8 - 10 August 2021
74HCT08PW-Q100 NEXPERIA-74HCT08PW-Q100 Datasheet
207Kb / 15P
   Quad 2-input AND gate
More results

Similar Description - 74HCT08PW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
   QUAD 2-INPUT AND GATE
logo
AVG Semiconductors(HITE...
DV74ACT08 AVG-DV74ACT08 Datasheet
237Kb / 3P
   Quad 2-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74VHCT08 KODENSHI-KK74VHCT08 Datasheet
268Kb / 6P
   Quad 2-Input AND Gate
logo
STMicroelectronics
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
   QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com