Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WME128K8-120CQ Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # WME128K8-120CQ
Description  128Kx8 CMOS MONOLITHIC EEPROM, SMD 5962-96796
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WME128K8-120CQ Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  WME128K8-120CQ Datasheet HTML 1Page - White Electronic Designs Corporation WME128K8-120CQ Datasheet HTML 2Page - White Electronic Designs Corporation WME128K8-120CQ Datasheet HTML 3Page - White Electronic Designs Corporation WME128K8-120CQ Datasheet HTML 4Page - White Electronic Designs Corporation WME128K8-120CQ Datasheet HTML 5Page - White Electronic Designs Corporation WME128K8-120CQ Datasheet HTML 6Page - White Electronic Designs Corporation WME128K8-120CQ Datasheet HTML 7Page - White Electronic Designs Corporation WME128K8-120CQ Datasheet HTML 8Page - White Electronic Designs Corporation WME128K8-120CQ Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WME128K8-XXX
January 2004
Rev. 5
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
FIGURE 2 –
AC Test Circuit
DC CHARACTERISTICS
VCC = 5.0V, VSS = 0V, -55°C ≤ TA ≤ +125°C
Parameter
Symbol
Conditions
Min
Max
Unit
Input Leakage Current
ILI
VCC = 5.5, VIN = GND to VCC
10
µA
Output Leakage Current
ILO
CS# = VIH, OE# = VIH, VOUT = GND to VCC
10
µA
Operating Supply Current
ICC
CS# = VIL, OE# = VIH, f = 5MHz, VCC = 5.5
80
mA
Standby Current
ISB
CS# = VIH, OE# = VIH, f = 5MHz, VCC = 5.5
0.625
mA
Output Low Voltage
VOL
IOL = 2.1mA, VCC = 4.5V
0.45
V
Output High Voltage
VOH
IOH = -400µA, VCC = 4.5V
2.4
V
NOTE: DC test conditions: VIH = VCC -0.3V, VIL = 0.3V
TRUTH TABLE
CS#
OE#
WE#
Mode
Data I/O
H
X
X
Standby
High Z
L
L
H
Read
Data Out
L
H
L
Write
Data In
X
H
X
Out Disable
High Z/Data Out
X
X
H
Write
X
L
X
Inhibit
CAPACITANCE
TA = +25°C
Parameter
Symbol
Conditions
Max Unit
Input Capacitance
CIN
VIN = 0 V, f = 1MHz
20
pF
Output Capacitance
COUT
VI/O = 0 V, f = 1MHz
20
pF
This parameter is guaranteed by design but not tested.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Unit
Operating Temperature
TA
-55 to +125
°C
Storage Temperature
TSTG
-65 to +150
°C
Signal Voltage Relative to GND
VG
-0.6 to + 6.25
V
Voltage on OE# and A9
-0.6 to +13.5
V
NOTE:
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent
damage to the device. This is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the operational sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
4.5
5.5
V
Input High Voltage
VIH
2.0
VCC + 0.3
V
Input Low Voltage
VIL
-0.5
+0.8
V
Operating Temp. (Mil.)
TA
-55
+125
°C
Operating Temp. (Ind.)
TA
-40
+85
°C
AC TEST CONDITIONS
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 3.0
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V
Notes: VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75Ω.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.
Current Source
IOH
IOL
Current Source
Vz ~ 1.5V
Bipolar Supply
~
D.U.T
Ceff = 50 pf


Similar Part No. - WME128K8-120CQ

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
WMEA1005 WALL-WMEA1005 Datasheet
217Kb / 4P
   RoHS Compliant
WMEA1005AHES WALL-WMEA1005AHES Datasheet
217Kb / 4P
   RoHS Compliant
WMEA1005AHEU WALL-WMEA1005AHEU Datasheet
217Kb / 4P
   RoHS Compliant
WMEA1005AHKS WALL-WMEA1005AHKS Datasheet
217Kb / 4P
   RoHS Compliant
WMEA1005AHKU WALL-WMEA1005AHKU Datasheet
217Kb / 4P
   RoHS Compliant
More results

Similar Description - WME128K8-120CQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WMF128K8 ETC1-WMF128K8 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
logo
White Electronic Design...
EDI88128C WEDC-EDI88128C Datasheet
387Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-89598
EDI88130CS WEDC-EDI88130CS Datasheet
499Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
EDI88128CS WEDC-EDI88128CS Datasheet
464Kb / 9P
   128Kx8 Monolithic SRAM, SMD 5962-89598
WMF128K8-XXX5 WEDC-WMF128K8-XXX5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WMS128K8-XXX WEDC-WMS128K8-XXX Datasheet
147Kb / 8P
   128Kx8 MONOLITHIC SRAM, SMD 5962-96691
WE512K8 WEDC-WE512K8 Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WE32K32-XXX WEDC-WE32K32-XXX Datasheet
472Kb / 13P
   32Kx32 EEPROM MODULE, SMD 5962-94614
WE128K32-XXX WEDC-WE128K32-XXX Datasheet
620Kb / 14P
   128Kx32 EEPROM MODULE, SMD 5962-94585
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com