Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JZC-22F3SA16LDC6V Datasheet(PDF) 1 Page - DB Lectro Inc

Part # JZC-22F3SA16LDC6V
Description  Small size, light weight .Low coil power consumption. Switching capacity can reach 20A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JZC-22F3SA16LDC6V Datasheet(HTML) 1 Page - DB Lectro Inc

  JZC-22F3SA16LDC6V Datasheet HTML 1Page - DB Lectro Inc JZC-22F3SA16LDC6V Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
JZC-22F JZC-22F2 JZC-22F3
20.3
×16.8×20.2 22.5×16.8×20.2 20.0×16.0×20.3
JZC-22F
JZC-22F
2
JZC-22F
3
Features
Small size, light weight .Low coil power consumption.
Switching capacity can reach 20A.
PC board mounting.
Suitable for household electrical appliance, automation system, electronic equipment, instrument and meter application.
TV-5
fTV-8 Remote control TV receivers, monitor display, audio equipment high and rushing current application.
Ordering Information
JZC-22F
S
C
5
D
DC12V
1
2
3
4
5
6
1 Part number:JZC-22F JZC-22F
2 JZC-22F3
2 Enclosure:S: Sealed type;F: Dust cover
3 Contact arrangement:A:1A;B:1B;C:1C
4 Contact Rating:7A,12A,15A/120VAC 28DC;
6A,7A/220VAC;6A/250VAC TV-5;
(JZC-22F
2:20A/125VAC 28VDC;10A/220VAC)
(JZC-22F
3:20A/125VAC 28VDC;16A/277VAC TV-8)
5 Coil power consumption:L:0.36W;D:0.45W
6 Coil rated Voltage(V):DC:3,6,9,12,24,48
Contact Data
Contact Arrangement
1A
SPSTNO
f1B SPSTNC f1C SPDT(B-M)
Contact Material
Ag CdO
Ag SnO
2
Contact Rating
resistive:5A,12A,15A,20A/120VAC,28VDC; 3A;6A,7A,10A/220VAC ;
inductive:10A/250VAC; 15A/28VDC (rushing current 80A) (JZC-22FT only)
lamp:TV-5
note:1) 20A/125VDC,28VDC &10A/220VAC
JZC-22F
2
only
2) 20A/125V,28VDC,16A/277VAC&TV-8 JZC-22F
3
only
Max. Switching Power
420W
1800VA
Max. Switching Voltage
110VDC 380VAC
Max. Switching Current:20A rushing current 80A
Contact Resistance & Voltage drop
100m
item 3.12 of IEC255-7
Electrical
10
5
item 3.30 of IEC255-7
Operation
life
Mechanical
10
7
item 3.31 of IEC255-7
Coil Parameter
Coil voltage
VDC
Dash
numbers
Rated
Max.
Coil resistance
±10%
Pickup
voltage
VDC(max)
(75%of rated
voltage )
release
voltage
VDC(min)
(10% of
rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
003-360
3
3.9
25
2.25
0.3
006-360
6
7.8
100
4.50
0.6
009-360
9
11.7
225
6.75
0.9
012-360
12
15.6
400
9.00
1.2
024-360
24
31.2
1600
18.0
2.4
048-360
48
62.4
6400
36.0
4.8
0.36
15
5
003-450
3
3.9
20
2.25
0.3
006-450
6
7.8
80
4.50
0.6
009-450
9
11.7
180
6.75
0.9
012-450
12
15.6
320
9.00
1.2
024-450
24
31.2
1280
18.0
2.4
048-450
48
62.4
5120
36.0
4.8
0.45
15
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
93
VDE
E158859
R9452085
CH0050402—2000
40001299
www.dblectro.com


Similar Part No. - JZC-22F3SA16LDC6V

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JZC-22F3A HUAXINAN-JZC-22F3A Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3B HUAXINAN-JZC-22F3B Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3C HUAXINAN-JZC-22F3C Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
More results

Similar Description - JZC-22F3SA16LDC6V

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
JZC-22F2A HUAXINAN-JZC-22F2A Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F2C HUAXINAN-JZC-22F2C Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3A HUAXINAN-JZC-22F3A Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22FA HUAXINAN-JZC-22FA Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22FC HUAXINAN-JZC-22FC Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3C HUAXINAN-JZC-22F3C Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F2B HUAXINAN-JZC-22F2B Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22F3B HUAXINAN-JZC-22F3B Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
JZC-22FB HUAXINAN-JZC-22FB Datasheet
687Kb / 1P
   Small size, light weight .Low coil power consumption
logo
DB Lectro Inc
NT78 DBLECTRO-NT78 Datasheet
284Kb / 2P
   Small size, light weight. / Low coil consumption.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com