Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF8M32-150G4DI5 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WF8M32-150G4DI5
Description  8Mx32 5V FLASH MODULE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WF8M32-150G4DI5 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WF8M32-150G4DI5 Datasheet HTML 1Page - White Electronic Designs Corporation WF8M32-150G4DI5 Datasheet HTML 2Page - White Electronic Designs Corporation WF8M32-150G4DI5 Datasheet HTML 3Page - White Electronic Designs Corporation WF8M32-150G4DI5 Datasheet HTML 4Page - White Electronic Designs Corporation WF8M32-150G4DI5 Datasheet HTML 5Page - White Electronic Designs Corporation WF8M32-150G4DI5 Datasheet HTML 6Page - White Electronic Designs Corporation WF8M32-150G4DI5 Datasheet HTML 7Page - White Electronic Designs Corporation WF8M32-150G4DI5 Datasheet HTML 8Page - White Electronic Designs Corporation WF8M32-150G4DI5 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WF8M32-XG4DX5
October 1999
Rev. 3
ADVANCED*
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
8Mx32 5V FLASH MODULE
FEATURES
Access Time of 100, 120, 150ns
Packaging:
• 68 Lead, 40 mm (1.560") square hermetic CQFP,
5.2 mm (0.205") high (Package 503)
Sector Architecture
• 32 equal size sectors of 64KBytes per each 2Mx8
chip
• Any combination of sectors can be erased. Also
supports full chip erase.
100,000 Write/Erase Cycles Minimum
Organized as 8Mx32
Commercial, Industrial, and Military Temperature
Ranges
5 Volt Read and Write. 5V ± 10% Supply.
Low Power CMOS
Data# Polling and Toggle Bit feature for detection of
program or erase cycle completion.
Supports reading or programming data to a sector
not being erased.
RESET# pin resets internal state machine to the
read mode. (Not available in HIP package for
WF2M32-XHX5)
Built-in Decoupling Caps and Multiple Ground Pins
for Low Noise Operation, Seperate Power and
Ground Planes to improve noise immunity.
Built in Buffering.
* This product is under development, is not qualified or characterized and is subject to
change or cancellation without notice.
Note: For programming information refer to Flash Programming 16M5 Application Note.
PIN DESCRIPTION
I/O0-31
Data Inputs/Outputs
A0-22
Address Inputs
WE
Write Enable
CS1-4
Chip Selects
OE
Output Enable
VCC
Power Supply
RESET
Reset
GND
Ground
NC
Not Connected
FIGURE 1 – PIN CONFIGURATIONFOR
WF8M32-XG4DX5
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
9
8
7
6
5
4
3
2
1 68 67 66 65 64 63 62 61
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
GND
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
I/O16
I/O17
I/O18
I/O19
I/O20
I/O21
I/O22
I/O23
GND
I/O24
I/O25
I/O26
I/O27
I/O28
I/O29
I/O30
I/O31
BLOCK DIAGRAM
Top View
2M x 8
2M x 8
2M x 8
2M x 8
2M x 8
2M x 8
2M x 8
2M x 8
2M x 8
2M x 8
2M x 8
2M x 8
2M x 8
2M x 8
2M x 8
2M x 8
I/O0-31
1
4
1
1
23
1
4
1
1
23
CS1#
8
I/O 0-7
8
I/O 8-15
8
I/O 16-23
8
I/O 24-31
CS2#
CS3#
CS4#
32
RESET#
CS1-4#
WE#
OE#
A0-22
CS1# selects I/O0-7, CS2# selects I/O8-15, CS3# selects I/O16-23, CS4# selects I/O24-31


Similar Part No. - WF8M32-150G4DI5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF80-40B410 ETC2-WF80-40B410 Datasheet
282Kb / 8P
   Fork sensors for a wide range of applications
logo
SICK AG
WF80-40B410 SICK-WF80-40B410 Datasheet
977Kb / 7P
   FORK SENSORS
WF80-40B416 SICK-WF80-40B416 Datasheet
985Kb / 7P
   FORK SENSORS
WF80-40B41CA00 SICK-WF80-40B41CA00 Datasheet
1Mb / 8P
   FORK SENSORS
WF80-60B410 SICK-WF80-60B410 Datasheet
977Kb / 7P
   FORK SENSORS
More results

Similar Description - WF8M32-150G4DI5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF128K16 ETC1-WF128K16 Datasheet
189Kb / 11P
   5V FLASH MODULE
logo
White Electronic Design...
WF2M32-XXX5 WEDC-WF2M32-XXX5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF512K64-XG4WX5 WEDC-WF512K64-XG4WX5 Datasheet
210Kb / 10P
   512Kx64 5V FLASH MODULE
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
WF4M16-XDTX5 WEDC-WF4M16-XDTX5 Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
logo
List of Unclassifed Man...
WF128K64-XG4WX5 ETC1-WF128K64-XG4WX5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
logo
White Electronic Design...
WF4M32-XXX5 WEDC-WF4M32-XXX5 Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
logo
Hanbit Electronics Co.,...
HMD8M32F4E HANBIT-HMD8M32F4E Datasheet
64Kb / 6P
   32Mbyte(8Mx32) EDO Mode 4K Ref. 100Pin SMM, 5V Design
logo
White Electronic Design...
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com