Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF2M32U-150HQ5 Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # WF2M32U-150HQ5
Description  2Mx32 5V Flash Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WF2M32U-150HQ5 Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button WF2M32U-150HQ5 Datasheet HTML 7Page - White Electronic Designs Corporation WF2M32U-150HQ5 Datasheet HTML 8Page - White Electronic Designs Corporation WF2M32U-150HQ5 Datasheet HTML 9Page - White Electronic Designs Corporation WF2M32U-150HQ5 Datasheet HTML 10Page - White Electronic Designs Corporation WF2M32U-150HQ5 Datasheet HTML 11Page - White Electronic Designs Corporation WF2M32U-150HQ5 Datasheet HTML 12Page - White Electronic Designs Corporation WF2M32U-150HQ5 Datasheet HTML 13Page - White Electronic Designs Corporation WF2M32U-150HQ5 Datasheet HTML 14Page - White Electronic Designs Corporation WF2M32U-150HQ5 Datasheet HTML 15Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
WF2M32-XXX5
October 2004
Rev. 5
FIGURE 10 – ALTERNATE PIN CONFIGURATION FOR WF2M32I-XHX5
PIN DESCRIPTION
I/O0-31
Data Inputs/Outputs
A0-20
Address Inputs
WE#
Write Enable
CS1-4#
Chip Selects
OE#
Output Enable
VCC
Power Supply
GND
Ground
RESET#
Reset
TOP VIEW
BLOCK DIAGRAM
FIGURE 11 – ALTERNATE PIN CONFIGURATION FOR WF2M32U-XG2UX5
BLOCK DIAGRAM
TOP VIEW
The WEDC 68 lead G2U CQFP fills the
same fit and function as the JEDEC 68 lead
CQFJ or 68 PLCC. But the G2U has the
TCE and lead inspection advantage of the
CQFP form.
2M x 8
8
I/O0-7
2M x 8
8
I/O8-15
2M x 8
8
I/O16-23
2M x 8
8
I/O24-31
A0-20
OE#
RESET#
CS#
WE#
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
9
8
7
6
5
4
3
2
1 68 67 66 65 64 63 62 61
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
GND
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
I/O16
I/O17
I/O18
I/O19
I/O20
I/O21
I/O22
I/O23
GND
I/O24
I/O25
I/O26
I/O27
I/O28
I/O29
I/O30
I/O31
PIN DESCRIPTION
I/O0-31
Data Inputs/Outputs
A0-20
Address Inputs
WE#
Write Enable
CS#
Chip Select
OE#
Output Enable
VCC
Power Supply
GND
Ground
RESET#
Reset
0.940"
I/O8
I/O9
I/O10
A14
A16
A11
A0
A18
I/O0
I/O1
I/O2
RESET#
CS2#
GND
I/O11
A10
A9
A15
VCC
CS1#
A19
I/O3
I/O15
I/O14
I/O13
I/O12
OE#
A17
WE#
I/O7
I/O6
I/O5
I/O4
I/O24
I/O25
I/O26
A7
A12
NC
A13
A8
I/O16
I/O17
I/O18
VCC
CS4#
NC
I/O27
A4
A5
A6
A20
CS3#
GND
I/O19
I/O31
I/O30
I/O29
I/O28
A1
A2
A3
I/O23
I/O22
I/O21
I/O20
11
22
33
44
55
66
1
12
23
34
45
56
2M x 8
8
I/O 0-7
CS1#
CS2#
CS3#
CS4#
2M x 8
8
I/O 8-15
2M x 8
8
I/O 16-23
2M x 8
8
I/O 24-31
A0-20
OE#
WE#
RESET#


Similar Part No. - WF2M32U-150HQ5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WF2M16W-120C5 WEDC-WF2M16W-120C5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WF2M16W-120C5A WEDC-WF2M16W-120C5A Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WF2M16W-120I5 WEDC-WF2M16W-120I5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WF2M16W-120I5A WEDC-WF2M16W-120I5A Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
More results

Similar Description - WF2M32U-150HQ5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI7F342MC WEDC-EDI7F342MC Datasheet
306Kb / 3P
   2Mx32 FLASH MODULE
EDI7F342MV WEDC-EDI7F342MV Datasheet
305Kb / 3P
   2Mx32 FLASH MODULE
EDI7F332MC WEDC-EDI7F332MC Datasheet
263Kb / 3P
   2Mx32 FLASH MODULE
EDI7F332MV WEDC-EDI7F332MV Datasheet
121Kb / 3P
   2Mx32 FLASH MODULE
logo
List of Unclassifed Man...
WF128K16 ETC1-WF128K16 Datasheet
189Kb / 11P
   5V FLASH MODULE
logo
White Electronic Design...
WF512K64-XG4WX5 WEDC-WF512K64-XG4WX5 Datasheet
210Kb / 10P
   512Kx64 5V FLASH MODULE
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
WF4M16-XDTX5 WEDC-WF4M16-XDTX5 Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF8M32-XG4DX5 WEDC-WF8M32-XG4DX5 Datasheet
350Kb / 10P
   8Mx32 5V FLASH MODULE
logo
List of Unclassifed Man...
WF128K64-XG4WX5 ETC1-WF128K64-XG4WX5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com