Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMF512K8-60CM5 Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WMF512K8-60CM5
Description  512Kx8 MONOLITHIC FLASH, SMD 5962-96692
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WMF512K8-60CM5 Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WMF512K8-60CM5 Datasheet HTML 1Page - White Electronic Designs Corporation WMF512K8-60CM5 Datasheet HTML 2Page - White Electronic Designs Corporation WMF512K8-60CM5 Datasheet HTML 3Page - White Electronic Designs Corporation WMF512K8-60CM5 Datasheet HTML 4Page - White Electronic Designs Corporation WMF512K8-60CM5 Datasheet HTML 5Page - White Electronic Designs Corporation WMF512K8-60CM5 Datasheet HTML 6Page - White Electronic Designs Corporation WMF512K8-60CM5 Datasheet HTML 7Page - White Electronic Designs Corporation WMF512K8-60CM5 Datasheet HTML 8Page - White Electronic Designs Corporation WMF512K8-60CM5 Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
White Electronic Designs
WMF512K8-XXX5
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
November 2005
Rev. 6
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
512Kx8 MONOLITHIC FLASH, SMD 5962-96692
FEATURES
Access Times of 60, 70, 90, 120, 150ns
Packaging
• 32 pin, Hermetic Ceramic, 0.600" DIP
(Package 300)
• 32 lead, Hermetic Ceramic, 0.400" SOJ
(Package 101)
• 32 pin, Rectangular Ceramic Leadless Chip
Carrier (Package 601)
• 32 lead Flatpack (Package 220)
1,000,000 Erase/Program Cycles Minimum
Sector Erase Architecture
• 8 equal size sectors of 64K bytes each
• Any combination of sectors can be concurrently
erased. Also supports full chip erase
Organized as 512Kx8
Commercial, Industrial and Military Temperature
Ranges
5 Volt Programming. 5V ± 10% Supply.
Low Power CMOS
Embedded Erase and Program Algorithms
TTL Compatible Inputs and CMOS Outputs
Page Program Operation and Internal Program
Control Time.
Note: For programming information refer to Flash Programming 4M5 Application Note.
This product is subject to change without notice.
Pin Configuration For WMF512K8-XXX5
Pin Description
A0-18
Address Inputs
I/O0-7
Data Input/Output
CS#
Chip Select
OE#
Output Enable
WE#
Write Enable
VCC
+5.0V Power
VSS
Ground
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A18
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
VCC
WE#
A17
A14
A13
A8
A9
A11
OE#
A10
CS#
I/O7
I/O6
I/O5
I/O4
I/O3
Top View
32 DIP
32 CSOJ
32 Flatpack
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
4 3 2 1 32 31 30
14 15 16 17 18 19 20
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
A14
A13
A8
A9
A11
OE#
A10
CS#
I/O7
Pin Configuration For WMF512K8-XCLX5
Top View
32 CLCC


Similar Part No. - WMF512K8-60CM5

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
WMF CDE-WMF Datasheet
316Kb / 4P
   Film/Foil, Axial Leads - Commercial, Industrial Applications
WMF CDE-WMF Datasheet
270Kb / 4P
   Polyester Film Capacitors
WMF05P12K-F CDE-WMF05P12K-F Datasheet
316Kb / 4P
   Film/Foil, Axial Leads - Commercial, Industrial Applications
WMF05P12K-F CDE-WMF05P12K-F Datasheet
270Kb / 4P
   Polyester Film Capacitors
logo
List of Unclassifed Man...
WMF05P15K-F ETC2-WMF05P15K-F Datasheet
185Kb / 2P
   Commercial, Industrial Applications
More results

Similar Description - WMF512K8-60CM5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88512CA WEDC-EDI88512CA Datasheet
183Kb / 9P
   512Kx8 Monolithic SRAM, SMD 5962-95600
WMS512K8-XXX WEDC-WMS512K8-XXX Datasheet
288Kb / 10P
   512Kx8 MONOLITHIC SRAM, SMD 5962-95613
logo
List of Unclassifed Man...
WMF128K8 ETC1-WMF128K8 Datasheet
142Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WS512K8-20 ETC-WS512K8-20 Datasheet
157Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
logo
White Electronic Design...
WMF2M8-XXX5 WEDC-WMF2M8-XXX5 Datasheet
277Kb / 14P
   2Mx8 MONOLITHIC FLASH, SMD 5962-97609
WMF128K8-XXX5 WEDC-WMF128K8-XXX5 Datasheet
458Kb / 14P
   128Kx8 MONOLITHIC FLASH, SMD 5962-96690
WS512K8-XCX WEDC-WS512K8-XCX Datasheet
156Kb / 6P
   512Kx8 SRAM MODULE, SMD 5962-92078
WE512K8 WEDC-WE512K8 Datasheet
616Kb / 13P
   512Kx8 CMOS EEPROM, WE512K8-XCX, SMD 5962-93091
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
   2Mx16 Flash MODULE, SMD 5962-97610
WMS256K16-XXX WEDC-WMS256K16-XXX Datasheet
252Kb / 7P
   256Kx16 MONOLITHIC SRAM, SMD 5962-96902
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com